Part Number Hot Search : 
14012 CF4558 XP04216 MFL2805S SD202 SW5N60 MM3093H SSH103
Product Description
Full Text Search
 

To Download EIM5964-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIM5964-4
ISSUED 07/06/2007
5.9 - 6.4 GHz Multi-Stage Power Amplifier
Excelics
FEATURES
* * * * * * * 5.9- 6.4GHz Operating Frequency Range 35.5dBm Output Power at 1dB Compression 29.0 dB Typical Power Gain @1dB gain compression -45dBc Typical OIM3@ each tone Pout 22.5dBm Non-Hermetic Metal Flange Package EIM5964-4 EIM1011-4
APPLICATIONS
Point-to-point and point-to-multipoint radio Military Radar Systems Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Tb = 25 C, 50 ohm, VD1=7V, VD2=10V, Vgg=-5V)
SYMBOL F P1dB G1dB OIMD3 Input RL Output RL VD1 VD2 IDQ1 IDQ2 Vgg Rth Tb PARAMETER/TEST CONDITIONS Operating Frequency Range Output Power at 1dB Gain Compression Gain @1dB gain compression Output 3rd Order Intermodulation Distortion @f=10MHz, Each Tone Pout 22.5dBm Input Return Loss Output Return Loss Drain Supply Voltage 1 Drain Supply Voltage 2 Quiescent Drain Current 1 Quiescent Drain Current 2 Gate Supply Voltage Thermal Resistance Operating Base Plate Temperature - 30 MIN 5.9 34.5 25 -42 35.5 29 -45 -12 -15 7 10 800 1100 -5 4.2 + 80
o
TYP
MAX 6.4
UNITS GHz dBm dB dBc
-8 -10
dB dB V V mA
1300
mA V C/W C
Note: Turn on/off sequence is required: ---to turn on: apply -5V on both Vgg first, then +7V and +10V. ---to turn off: turn +7V and +10V off first, then turn -5V off
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 3 Revised July 2007
EIM5964-4
ISSUED 07/06/2007
5.9 - 6.4 GHz Multi-Stage Power Amplifier
1,2
MAXIMUM RATINGS @25C1,2
SYMBOL VD1 VD2 Vgg Igg PIN TCH TSTG PT CHARACTERISTIC Drain Supply Voltage 1 Drain Supply Voltage 2 Gate Supply Voltage Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE 12V 14V -10V 150mA 17dBm 175C -65/175C 29.8W CONTINUOUS 8V 10V -6 V 50 mA @ 3dB compression 150C -65/150C 25W
Notes: 1. Operating the device beyond any of the above rating may reduce MTTF and cause permanent damage. 2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH -Tb)/RTH
Package Dimension and Pin Assignment
EIM5964-4
Dimensions are in inches
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 2 of 3 Revised July 2007
EIM5964-4
ISSUED 07/06/2007
5.9 - 6.4 GHz Multi-Stage Power Amplifier
DISCLAIMER EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN. LIFE SUPPORT POLICY EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR, INC. AS HERE IN: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 3 of 3 Revised July 2007


▲Up To Search▲   

 
Price & Availability of EIM5964-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X