Part Number Hot Search : 
BTA208 LA4168M RT5028 8950AC LC4115 ML6431 24LC22A L624F
Product Description
Full Text Search
 

To Download DTC114TKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTC114TE/DTC114TUA/DTC114TKA DTC114TCA/TC114TSA
Elektronische Bauelemente
NPN Digital Transistors (Built-in Resistors)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting input resistors * Only the on/off confitions need to be set for operation, making device design easy. * The bias resistors consis of thin-film resistors with compete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects.
PIN CONNENCTIONS AND MARKING
DTC114TE
(1) Base (2) Emitter (3) Collector Abbreviated symbol: 04 SOT-323 Abbreviated symbol: 04
DTC114TUA
(1) Base (1) Base (2) Emitter (2) Emitter (3) Collector (3) Collector
SOT-523
DTC114TKA
(1) Base (2) Emitter (3) Collector
DTC114TCA DTA114ECA
(1) Base (1) Base (2) Emitter (2) Emitter (3) Collector (3) Collector
SOT-23-3L
Abbreviated symbol:04
SOT-23
Abbreviated symbol: 04
DTC114TSA
(1) Emitter (2) Collector (3) Base TO-92S
http://www.SeCoSGmbH.com
l Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 1 of 2
Elektronische Bauelemente
DTC114TE/DTC114TUA/DTC114TKA DTC114TCA/TC114TSA
NPN Digital Transistors (Built-in Resistors)
MAXIMUM RATINGS* TA=25 unless otherwise noted
Symbol Parameter E VCBO VCEO VEBO IC PC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction temperature Junction and Storage Temperature 150 LIMITS(DTC114T) UA KA 50 50 5 100 200 300 CA SA V V V mA mW Units
Tj
TJ, Tstg
150
-55~+150
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Imput resistor Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) fT R1
unless
Test
otherwise
conditions
specified)
MIN 50 50 5 0.5 0.5 100 300 600 0.3 250 7 10 13 V MHz k TYP MAX UNIT V V V uA uA
Ic=50A,IE=0 Ic=1mA,IB=0 IE=50A,IC=0 VCB=50V,IE=0 VEB=4V,IC=0 VCE=5V,IC=1mA IC=10mA,IB=1mA VCE=10V,IE=-5mA, f=100MHz
Typical Characteristics
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of DTC114TKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X