Part Number Hot Search : 
M98VL AS4428MU 580105 611229 50100 VSC7448 74AUP 11101
Product Description
Full Text Search
 

To Download DRS80US12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC-DC
80-240 Watts DRS80-240 Series
* * * * * * * Ultra Slim Cases
xppower.com
150% Peak Load for 4 seconds Wide Output Adjustment Range High Efficiency - Up to 92% 12 V, 24 V & 48 V Versions Low Output Ripple & Noise -20 C to 70 C Operating Temperature
Specification
Input
* 85-264 VAC * 47-63 Hz * 80 W: 2 A at 85 VAC 120 W: 2 A at 85 VAC 240 W: 4 A at 85 VAC Inrush Current * 30 A max at 230 VAC Power Factor * DRS80 0.6 typical DRS120 & 240 0.95 typical Conforms to EN61000-3-2 Class A. Earth Leakage Current * 1.5 mA maximum Input Voltage Input Frequency Input Current
General
Efficiency Isolation * See table * 3000 VAC Input to Output 1500 VAC Input to Ground 500 VDC Output to Ground * DRS80 60-300 kHz variable DRS120 & DRS240 100 kHz typical PFC & main converter * DRS120 & 240: DC OK Volt free contacts * >200 kHrs to MIL HDBK217F
Switching Frequency
Signals MTBF
Environmental Output
Output Voltage Output Voltage Trim Initial Set Accuracy Minimum Load Start Up Delay Start Up Rise Time Hold Up Time Line Regulation Load Regulation Transient Response * * * * * * * * * * See table See table 1% at 50% load No minimum load required 1 s maximum 20 ms typical 20 ms minimum at full load and 115 VAC 0.5% 1% 10% maximum deviation, recovering to less than 1% within 500 s for 50% step load change at 0.2 A/s 100 mV pk-pk maximum, measured with 20 MHz BW 12 V output: 16.5-18 V, 24 V output: 29-31.2 V, 48 V output: 57.6-62.4 V 110-150% of rated current, constant current limit Trip and restart (hiccup mode) 0.02%/C Operating Temperature Cooling Operating Humidity Storage Temperature Shock Vibration -20 C to +70 C (see derating curves) Natural covection 5-95% RH, non-condensing -25 C to +85 C IEC68-2-6, 30 g, 11ms half sine, 3 times in each of 6 axes * IEC68-2-27, 10-500 Hz, 2 g 10 mins/sweep. 60 mins for each of 3 axes * * * * *
EMC & Safety
Emissions Harmonic Currents Voltage Flicker ESD Immunity Radiated Immunity EFT/Burst Surge Conducted Immunity Dips & Interruptions * * * * * * * * * EN55022, class B conducted & radiated EN61000-3-2, class A EN61000-3-3 EN61000-4-2, 4 KV Contact, 8 KV Air Discharge EN61000-4-3, 3 V/m Perf Criteria A EN61000-4-4, level 2 Perf Criteria A EN61000-4-5, Installation Class 3 Perf Criteria B EN61000-4-6, 3 V Perf Criteria A EN61000-4-11, 30% 10 ms, 60% 100 ms, 100% 5000 ms Perf Criteria A, B, B UL508, EN60950, UL1604 Pending
Ripple & Noise
*
Overvoltage Protection * Overload Protection *
Short Circuit Protection * Temperature * Coefficient
Safety Approvals
*
AC-DC
Models and Ratings
Output Voltage 12 V 24 V 48 V 12 V 24 V 48 V 12 V 24 V 48 V Notes
1. At nominal output voltage. Derate as output voltage increases. 2. At 230 VAC input, 100% load
DRS80-240
Output Voltage Trim 12-15 V 24-28 V 48-56 V 12-15 V 24-28 V 48-56 V 12-15 V 24-28 V 48-56 V Output Current(1) 6.0 A 3.4 A 1.7 A 8.0 A 5.0 A 2.5 A 15.0 A 10.0 A 5.0 A Typical Efficiency(2) 89% 90% 91% 89% 91% 91% 89% 92% 92% Model Number DRS80US12 DRS80US24 DRS80US48 DRS120PS12 DRS120PS24 DRS120PS48 DRS240PS12 DRS240PS24 DRS240PS48
Output Power 72 W 80 W 80 W 96 W 120 W 120 W 180 W 240 W 240 W
Mechanical Details
W
1 6
L
1
W
Pin Connections
4
Conn AC Input
Pin 1 2 3 6 5
Designation Neutral Line Ground DC OK* DC OK* Negative Negative Positive Positive
DC Output
DC Output
DC OK OVERLOAD
DC OK OVERLOAD
H DRS120-240
H DRS80
DC Output
4 3 2 1
AC Input
1 3 1
AC Input
3
* Available on DRS120 and 240, DRS80 has a 4 way output connector
Model DRS80 DRS120 DRS240
Sizes (inches/mm) W 1.26 (32) 1.57 (40) 2.36 (60) L 4.00 (102) 4.60 (113.3) 4.60 (113.3) H 4.88 (124) 4.88 (124) 4.88 (124)
Weight lbs (g) 0.92 (420) 1.37 (620) 1.98 (900)
Wire sizes AWG (mm2) AWG24-10 (0.2-5.3 mm2) AWG24-10 (0.2-5.3 mm2) AWG24-10 (0.2-5.3 mm2)
Derating Curves
DRS80 & DRS120
100 80 Load (%)
Load (%)
DRS240
100 80 60 40 20 0 -20
60 40 20 0 -20
0
10
20
30
40
50
60
70
-10
0
10
20
30
40
50
60
70
Ambient Temp (C)
Ambient Temp (C)
DC OK
DCOK
Available on DRS120 & DRS240 models.
DCOK
Open = Output fail Closed = Output good
Contact Rating: 0.3 A at 60 VDC 500 VDC isolation
18-Nov-08


▲Up To Search▲   

 
Price & Availability of DRS80US12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X