Part Number Hot Search : 
Z100E 2SD1974 00146 00393 CFR105 UFDT48 MAX9994 DTA143X
Product Description
Full Text Search
 

To Download CY7C1061DV33-10ZXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CY7C1061DV33
16-Mbit (1M x 16) Static RAM
Features
* High speed -- tAA = 10 ns * Low active power -- ICC = 125 mA @ 10 ns * Low CMOS standby power -- ISB2 = 25 mA * Operating voltages of 3.3 0.3V * 2.0V data retention * Automatic power-down when deselected * TTL-compatible inputs and outputs * Easy memory expansion with CE1 and CE2 features * Available in Pb-free 54-pin TSOP II package and 48-ball VFBGA packages
Functional Description
The CY7C1061DV33 is a high-performance CMOS Static RAM organized as 1,048,576 words by 16 bits. Writing to the device is accomplished by enabling the chip (CE1 LOW and CE2 HIGH) while forcing the Write Enable (WE) input LOW. If Byte Low Enable (BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is written into the location specified on the address pins (A0 through A19). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O8 through I/O15) is written into the location specified on the address pins (A0 through A19). Reading from the device is accomplished by enabling the chip by taking CE1 LOW and CE2 HIGH while forcing the Output Enable (OE) LOW and the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is LOW, then data from memory will appear on I/O8 to I/O15. See the truth table at the back of this data sheet for a complete description of Read and Write modes. The input/output pins (I/O0 through I/O15) are placed in a high-impedance state when the device is deselected (CE1 HIGH/CE2 LOW), the outputs are disabled (OE HIGH), the BHE and BLE are disabled (BHE, BLE HIGH), or during a Write operation (CE1 LOW, CE2 HIGH, and WE LOW). The CY7C1061DV33 is available in a 54-pin TSOP II package with center power and ground (revolutionary) pinout, and a 48-ball Very fine-pitch ball grid array (VFBGA) package
Logic Block Diagram
INPUT BUFFER
Pin Configuration
54-pin TSOP II (Top View) I/O12 VCC I/O13 I/O14 VSS I/O15 A4 A3 A2 A1 A0 BHE CE1 VCC WE CE2 A19 A18 A17 A16 A15 I/O0 VCC I/O1 I/O2 VSS I/O3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9
1M x 16 ARRAY
I/O0-I/O7 I/O8-I/O15
COLUMN DECODER
BHE WE OE BLE
CE2 CE1
I/O11 VSS I/O10 I/O9 VCC I/O8 A5 A6 A7 A8 A9 NC OE VSS NC BLE A10 A11 A12 A13 A14 I/O7 VSS I/O6 I/O5 VCC I/O4
ROW DECODER
Cypress Semiconductor Corporation Document #: 38-05476 Rev. *C
A10 A11 A 12 A 13 A 14 A15 A16 A17 A18 A19
SENSE AMPS
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised September 14, 2006
[+] Feedback
PRELIMINARY
Selection Guide
-10 Maximum Access Time Maximum Operating Current Maximum CMOS Standby Current 10 125 25
CY7C1061DV33
Unit ns mA mA
Pin Configuration[1]
48-ball VFBGA
1 BLE I/O8 I/O9 VSS VCC I/O14 2 OE BHE I/O10 I/O11 I/O12 I/O13 (Top View) 4 3 A0 A3 A5 A17 NC A14 A12 A9 A1 A4 A6 A7 A16 A15 A13 A10 5 A2 CE1 I/O1 6 CE2 I/O0 I/O2 A B C D E F G H
I/O 3 VCC I/O4 I/O5 WE A11 VSS I/O6 I/O7 A19
I/O15 NC A18 A8
Note: 1. NC pins are not connected on the die
Document #: 38-05476 Rev. *C
Page 2 of 10
[+] Feedback
PRELIMINARY
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VCC Relative to GND[2] .... -0.5V to +4.6V DC Voltage Applied to Outputs in High-Z State[2] ....................................-0.5V to VCC + 0.5V DC Input Voltage[2] .................................-0.5V to VCC + 0.5V
CY7C1061DV33
Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage............. ...............................>2001V (per MIL-STD-883, Method 3015) Latch-up Current...................................................... >200 mA
Operating Range
Range Industrial Ambient Temperature -40C to +85C VCC 3.3V 0.3V
DC Electrical Characteristics Over the Operating Range
-10 Parameter VOH VOL VIH VIL IIX IOZ ICC ISB1 ISB2 Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage[2] GND < VI < VCC GND < VOUT < VCC, Output Disabled Input Leakage Current Output Leakage Current Test Conditions[7] Min. 2.4 0.4 2.0 -0.3 -1 -1 VCC + 0.3 0.8 +1 +1 125 30 25 Max. Unit V V V V A A mA mA mA VCC = Min., IOH = -4.0 mA VCC = Min., IOL = 8.0 mA
VCC Operating Supply Current VCC = Max., f = fMAX = 1/tRC, IOUT = 0 mA CMOS levels Automatic CE Power-down CE2 <= VIL, Max. VCC, CE > VIH VIN > VIH or VIN < VIL, f = fMAX Current --TTL Inputs Automatic CE Power-down Current --CMOS Inputs CE2 <= 0.3V, Max. VCC, CE > VCC - 0.3V, VIN > VCC - 0.3V, or VIN < 0.3V, f = 0
Capacitance[3]
Parameter CIN COUT Description Input Capacitance I/O Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 3.3V TSOP II 6 8 VFBGA 8 10 Unit pF pF
Thermal Resistance[3]
Parameter JA JC Description Test Conditions All-Packages TBD TBD Unit C/W C/W Thermal Resistance (Junction to Ambient) Still Air, soldered on a 3 x 4.5 inch, four-layer printed circuit board Thermal Resistance (Junction to Case)
AC Test Loads and Waveforms[4]
50 OUTPUT Z0 = 50 30 pF* ALL INPUT PULSES 3.0V 90% GND Rise time > 1 V/ns 10% 90% 10% VTH = 1.5V High-Z characteristics: 3.3V OUTPUT 5 pF* INCLUDING JIG AND SCOPE (d) R2 351 R1 317
(a)
* CAPACITIVE LOAD CONSISTS OF ALL COMPONENTS OF THE TEST ENVIRONMENT
(c)
Fall time: > 1 V/ns
Notes: 2. VIL (min.) = -2.0V and VIH(max) = VCC + 2V for pulse durations of less than 20 ns. 3. Tested initially and after any design or process changes that may affect these parameters. 4. Valid SRAM operation does not occur until the power supplies have reached the minimum operating VDD (3.0V). 100s (tpower) after reaching the minimum operating VDD, normal SRAM operation can begin including reduction in VDD to the data retention (VCCDR, 2.0V) voltage.
Document #: 38-05476 Rev. *C
Page 3 of 10
[+] Feedback
PRELIMINARY
AC Switching Characteristics Over the Operating Range [5]
CY7C1061DV33
-10
Parameter Read Cycle tpower tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE Write Cycle tWC tSCE tAW tHA tSA tPWE tSD tHD tLZWE tHZWE tBW
[9, 10]
Description VCC(typical) to the first access[6] Read Cycle Time Address to Data Valid Data Hold from Address Change CE1 LOW/CE2 HIGH to Data Valid OE LOW to Data Valid OE LOW to Low-Z OE HIGH to High-Z
[7]
Min. 100 10
Max.
Unit s ns
10 3 10 5 1 5 3 5 0 10 5 1 5 10 7 7 0 0 7 5.5 0 3 5 7 High-Z[7] Power-Up[8] Power-Down[8]
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
CE1 LOW/CE2 HIGH to Low-Z[7] CE1 HIGH/CE2 LOW to CE1 LOW/CE2 HIGH to CE1 HIGH/CE2 LOW to Byte Enable to Low-Z Byte Disable to High-Z Write Cycle Time CE1 LOW/CE2 HIGH to Write End Address Set-up to Write End Address Hold from Write End Address Set-up to Write Start WE Pulse Width Data Set-up to Write End Data Hold from Write End WE HIGH to Low-Z[7] WE LOW to High-Z
[7]
Byte Enable to Data Valid
Byte Enable to End of Write
Notes: 5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V. Test conditions for the Read cycle use output loading shown in part a) of the AC test loads, unless specified otherwise. 6. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed. 7. tHZOE, tHZCE, tHZWE, tHZBE and tLZOE, tLZCE, t\LZWE, tLZBE are specified with a load capacitance of 5 pF as in (b) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 8. These parameters are guaranteed by design and are not tested. 9. The internal Write time of the memory is defined by the overlap of CE1 LOW (CE2 HIGH) and WE LOW. Chip enables must be active and WE and byte enables must be LOW to initiate a Write, and the transition of any of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the Write. 10. The minimum Write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
Document #: 38-05476 Rev. *C
Page 4 of 10
[+] Feedback
PRELIMINARY
Data Retention Characteristics (Over the Operating Range)
Parameter VDR ICCDR tCDR[3] tR[11] Description VCC for Data Retention Data Retention Current VCC = 2V , CE1 > VCC - 0.2V, CE2 < 0.2V, VIN > VCC - 0.2V or VIN < 0.2V 0 tRC Conditions Min. 2
CY7C1061DV33
Typ. Max. 25 Unit V mA
Chip Deselect to Data Retention Time Operation Recovery Time
ns ns
Data Retention Waveform
DATA RETENTION MODE VCC 3.0V tCDR CE VDR > 2V 3.0V tR
]
Switching Waveforms
Read Cycle No. 1[12,13]
tRC ADDRESS tAA tOHA DATA OUT PREVIOUS DATA VALID DATA VALID
Notes: 11. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 s or stable at VCC(min.) > 50 s 12. Device is continuously selected. OE, CE, BHE and/or BHE = VIL. CE2 = VIH. 13. WE is HIGH for Read cycle.
Document #: 38-05476 Rev. *C
Page 5 of 10
[+] Feedback
PRELIMINARY
Switching Waveforms (continued)
Read Cycle No. 2(OE Controlled)[13,14]
CY7C1061DV33
ADDRESS tRC CE1
CE2 tACE OE BHE, BLE tDOE tLZOE tDBE tLZBE HIGH IMPEDANCE tLZCE VCC SUPPLY CURRENT tPU 50% tHZCE tHZBE DATA VALID tPD 50% IICC CC ISB tHZOE
HIGH IMPEDANCE
DATA OUT
Write Cycle No. 1(CE Controlled)[15,16,17]
tWC ADDRESS
CE
tSA
tSCE
tAW tPWE WE tBW BHE, BLE tSD DATAI/O tHD
tHA
Notes: 14. Address valid prior to or coincident with CE1 transition LOW and CE2 transition HIGH. 15. Data I/O is high-impedance if OE or BHE and/or BLE = VIH. 16. If CE1 goes HIGH simultaneously with WE going HIGH, the output remains in a high-impedance state. 17. CE is a shorthand combination of both CE1 and CE2 combined. It is active LOW.
Document #: 38-05476 Rev. *C
Page 6 of 10
[+] Feedback
PRELIMINARY
Switching Waveforms (continued)
Write Cycle No. 2(BLE or BHE Controlled)
tWC ADDRESS
CY7C1061DV33
BHE, BLE
tSA
tBW
tAW tPWE WE tSCE CE tSD DATAI/O tHD
tHA
Write Cycle No. 3(WE Controlled, OE LOW)[15,16,17]
tWC ADDRESS
CE
tSCE
tAW tSA tPWE
tHA
WE tBW BHE, BLE tHZWE DATA I/O tLZWE tSD tHD
Document #: 38-05476 Rev. *C
Page 7 of 10
[+] Feedback
PRELIMINARY
Truth Table
CE1 H X L L L L L L L CE2 X L H H H H H H H OE X X L L L X X X H WE X X H H H L L L H BLE X X L L H L L H X BHE X X L H L L H L X I/O0-I/O7 High-Z High-Z Data Out Data Out High-Z Data In Data In High-Z High-Z I/O8-I/O15 High-Z High-Z Data Out High-Z Data Out Data In High-Z Data In High-Z Power-down Power-down Read All Bits Read Lower Bits Only Read Upper Bits Only Write All Bits Write Lower Bits Only Write Upper Bits Only Mode
CY7C1061DV33
Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC)
Selected, Outputs Disabled
Ordering Information
Speed (ns) 10 Ordering Code CY7C1061DV33-10ZXI Package Diagram Package Type Operating Range Industrial
51-85160 54-pin TSOP II (Pb-Free)
CY7C1061DV33-10BVXI 51-85178 48-ball Very Fine Pitch Ball Grid Array (8 x 9.5 x 1 mm) (Pb-Free)
Package Diagrams
54-pin TSOP Type II (51-85160)
51-85160-**
Document #: 38-05476 Rev. *C
Page 8 of 10
[+] Feedback
PRELIMINARY
Package Diagrams (continued)
CY7C1061DV33
48-ball FBGA (8 x 9.5 x 1 mm) (51-85178)
BOTTOM VIEW TOP VIEW O0.05 M A1 CORNER 12 3 4 5 6 C A1 CORNER
O0.25 M C A B O0.300.05(48X) 6 54 3 2 1
A B C E F G H
5.25
A B
9.500.10 0.75
9.500.10
C D E
2.625
D
F G H
A B 8.000.10
A
1.875 0.75 3.75
0.55 MAX.
0.25 C
0.210.05
B
0.10 C
8.000.10
0.15(4X)
SEATING PLANE
0.26 MAX.
51-85178. **
C
1.00 MAX
All products and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-05476 Rev. *C
Page 9 of 10
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
[+] Feedback
PRELIMINARY
Document History Page
Document Title: CY7C1061DV33 16-Mbit (1M x 16) Static RAM Document Number: 38-05476 REV. ** *A *B ECN NO. 201560 233748 469420 Issue Date See ECN See ECN See ECN Orig. of Change SWI RKF NXR
CY7C1061DV33
Description of Change Advance Data sheet for C9 IPP 1.AC, DC parameters are modified as per EROS (Spec # 01-2165) 2.Pb-free offering in the `ordering information' Converted from Advance Information to Preliminary Corrected typo in the Document Title Removed -8 and -12 speed bins from product offering Removed Commercial Operating Range Changed 2G ball of FBGA and pin #40 of TSOPII from DNU to NC Included the Maximum ratings for Static Discharge Voltage and Latch Up Current on page #3 Changed ICC(Max) from 220 mA to 125 mA Changed ISB1(Max) from 70 mA to 30 mA Changed ISB2(Max) from 40 mA to 25 mA Specified the Overshoot spec in footnote # 1. Updated the Ordering Information Table Added note# 1 for NC pins Updated Test Condition for ICC in DC Electrical Characteristics table Updated the 48-ball FBGA Package
*C
499604
See ECN
NXR
Document #: 38-05476 Rev. *C
Page 10 of 10
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY7C1061DV33-10ZXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X