Part Number Hot Search : 
85HF10M BY8110 AT90S23 MAX155 M54HC112 100505 CZRA3014 SFH4203
Product Description
Full Text Search
 

To Download CTEM8250G4CXS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTE8000 / CTU8000...CS Series
OEM submersible pressure transducers
FEATURES * 0...250 to 0...2000 mbar, 0...5 to 0...30 psi gage * For corrosive media * 4...20 mA output * Field interchangeable
MEDIA COMPATIBILITY
Wetted materials: stainless steel 1.4404 (316L), ceramic Al2O3, NBR11, PUR, PE, ABS, Loctite 603 Housing: protection class IP 68 (according to DIN EN 60529) respectively NEMA 6P1
SPECIFICATIONS9,10
Maximum ratings Supply voltage (reverse polarity protection)2 Temperature limits Storage Operating Compensated Vibration (5 to 500 Hz) Mechanical shock Proof pressure3 12...30 V
ELECTRICAL CONNECTION
+Vs
-40 to 70C -25 to 70C 0 to 70C 10 gRMS 50 g 2 x rated pressure
+12 V to 30 V red sensor V -Vs black bare RL GND
August 2008 / 579
1/4
www.sensortechnics.com
CTE8000 / CTU8000...CS Series
OEM submersible pressure transducers
INDIVIDUAL PERFORMANCE CHARACTERISTICS
(unless otherwise noted, VS = 15 V, RL = 100 , tamb = 25C)
Characteristics
Operating pressure CTEM8250... CTEM8400... CTEM8600... CTEM81K0... CTEM81K6... CTEM82K0... CTU8005... CTU8010... CTU8015... CTU8020... CTU8030...
Min.
0 0 0 0 0 0 0 0 0 0 0 3.8 15.8
Typ.
Max.
250 400 600 1000 1600 2000 5 10 15 20 30 4.2 16.2 0.08 0.06 0.04 0.04
Unit
mbar
p si
Zero pressure offset Full scale span
7
4.0 16.0 0.04 0.03 0.02 0.02 0.06 0.03 0.03 0.1 0.04 0.2 1
mA
Thermal effects (0 to 70C)4
Offset
0.25 bar / 5 psi < 1 b a r / 1 5 p si all others
Span Thermal effects (-25 to 0C) Offset Span Non-linearity, hysteresis (BSL) and repeatability5 Output noise (0 < f < 1 kHz) Long term stability6 Response time (10 to 90 %) Power supply rejection Power consumption (IL = 20 mA) Offset Span < 1 b a r / 1 5 p si all others
%FSO/C
0.3 %FSO 5 ms %FSO/V mW
0.05 0.05 260
Specification notes (for all devices):
1. The package is an all-sealed housing. For proper function the gage port is vented to the atmosphere through the connecting cable. Thus the vent tube of the cable end must have access to the ambient pressure. 2. The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the load limitation diagrams. 3. Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element. 4. Thermal effects tested and guaranteed from 0 to 70C relative to 25C. All specifications shown are relative to 25C. 5. Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span. 6. Long term stability is the change in output after one year or 1 million pressure cycles. 7. Span is the arithmetic difference in transmitter output signal measured at zero pressure and the maximum operating pressure. 8. Tests are in accordance with EN61000-6-2, April 1999. 9. CE-labelling is in accordance with 89/336/EEC. 10. The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC. 11. Other sealing materials are available on request.
August 2008 / 579
2/4
www.sensortechnics.com
CTE8000 / CTU8000...CS Series
OEM submersible pressure transducers
ELECTROMAGNETIC CAPABILITY8
Test conditions
Radiated, radio frequency electromagnetic field immunity (RFI) Electrical fast transient / burst immunity (EFT) Electrostatic discharge immunity test (ESD) Immunity to conducted disturbances induced by radio-frequency fields EN61000-4-3: Grade 3 10 V/m, 80 MHz to 1000 MHz 80 % AMC (1 kHz) Grade 3 2 kV Grade 4 8 kV, contact discharge Grade 3 0,15 to 80 MHz 10 V, 80 % AMC (1 kHz)
Criterion
A
Interference
<1 % FSO
EN61000-4-4: EN61000-4-2: EN61000-4-6:
B B
<1 % FSO <1 % FSO
A
<1 % FSO
LOAD LIMITATION
1400 Ohm 1200 1000 800 600 400 200 0 5 12 15 18 25 30 V supply voltage
op e ra ratin ng g e
August 2008 / 579
3/4
www.sensortechnics.com
CTE8000 / CTU8000...CS Series
OEM submersible pressure transducers
OUTLINE DRAWING
NOM 129.5 (5.10) NOM 2000 (78.74) other cable lengths on request O 21.8 (0.86) NOM 70 (2.76)
O 6.0 (0.24)
8.0 (0.31)
WIRE CONNECTION
Color Electrical connection +Vs -Vs vent tube1 case/shield
Hydrophobic filter (incl. in delivery)
dimensions in mm (inches)
mass: typ. 210 g (without cable)
red black transparent bare
ORDERING INFORMATION CTx
calibration E: calibration in mbar U: calibration in psi mbar-ranges (only) pressure range 250: 0 to 250 mbar 400: 0 to 400 mbar 600: 0 to 600 mbar 1K0: 0 to 1000 mbar 1K6: 0 to 1600 mbar 2K0: 0 to 2000 mbar
M
8xxx
G
4
C
x
S
submersible cable length in m cable version output signal 4: 4...20 mA pressure mode G: gage pressure
005: 010: 015: 020: 030:
0 to 5 psi 0 to 10 psi 0 to 15 psi 0 to 20 psi 0 to 30 psi
Note:
Other pressure ranges and options are widely available. Please contact your nearest Sensortechnics sales representative.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
August 2008 / 579
4/4
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of CTEM8250G4CXS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X