Part Number Hot Search : 
MCR182 S1L9225 3232EE 5925B LTC3330 U630H16P M51903L AP1635
Product Description
Full Text Search
 

To Download CTDD3214DF-0505-D6K-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
ctparts.com
SPECIFICATIONS
CTDD3214DF-D6K-1 Series
Fixed Input Isolated & Unregulated 1W Output, Dual Output
Part Number CTDD3214DF-0505-D6K-1 CTDD3214DF-0509-D6K-1 CTDD3214DF-0512-D6K-1 CTDD3214DF-0515-D6K-1 CTDD3214DF-1205-D6K-1 CTDD3214DF-1209-D6K-1 CTDD3214DF-1212-D6K-1 CTDD3214DF-1215-D6K-1
Vin Nom. (VDC) 5 5 5 5 12 12 12 12
Input Range (VDC) 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2
Vout (VDC) 5 9 12 15 5 9 12 15
Iout Max. (mA) 100 56 42 33 100 56 42 33
Iout Min. (mA) 10 6 5 4 10 6 5 4
Effi. Typ. (%) 68 72 74 74 69 72 74 75
Not shown at actual size.
Compliant
RoHS
ISOLATION SPECIFICATIONS
Item Isolation Voltage Isolation Resistance Test Condition Flash tested for 1 minute Test at 500VDC MIN 6000 1000 TYP MAX Units VDC M
OUTPUT SPECIFICATIONS
Item 1W Output Power Line regulation Load regulation Load regulation Nominal voltage 1% 10% to 100% (5V output) 10% to 100% (12V output) 100% full load Nominal input voltage 100% full load 20MHz Bandwidth Full load, nominal input 75 250 75 0.03 150 Test Condition MIN 0.1 TYP MAX 1 1.2 15 10 See tolerance envelope graph % %/C mVp-p KHz Units W % % %
FEATURES
Efficiency: To 75% Temperature Range: -40C to 85C Isolation: 6KVDC Package: UL94-V0 Miscellaneous: Positive and Negative Voltage Output. Small Footprint. No heat sink required. Fixed Input Voltage. No external component required. Industry standard pinout. Unregulated output voltage. Custom service available. Samples available.
Output voltage accuracy Efficiency at full load Temperature drift 1W Output ripple Switching frequency
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
TYPICAL CHARACTERISTICS
CHARACTERISTICS
Short Circuit Protection: 1 second Temperature Rise at Full Load: 25C Max. 15C Typ. Cooling: Free air convection Operating Temperature Range: -40C to +85C Storage Temperature Range: -55C to +125C Lead Temperature: 300C (1.5mm from case for 10 seconds) Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >3,500,000 hours Miscellaneous: RoHS Compliant.
Tolerance Envelope Graph
Temperature Derating Graph
Typic a
l Load
Line
+2.5% -2.5% -7.5%
Output Power(%)
Output Voltage(%)
+10% +5% Nominal Voltage
120 100 80 60
10%
50%
100%
40 20 0 -40
Safe Operating Area
0
40
80
120
Output Current(%)
Ambient Temperature(C)
11.22.06
Technologies
Manufacturer of Passive and Discrete Semiconductor Componenets 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DC/DC Converters
ctparts.com
CTDD3214DF-D6K-1 Series
Fixed Input Isolated & Unregulated 1W Output, Dual Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
CTDD3214DF-D6K-1 Package
9.40 4.00 27.94
Side View 0.65
32.30 14.70 Top View
CTDD3214DF-D6K-1 Footprint 1.00o+0.15/-0
2.54
2.54 Note: All Pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
PIN CONNECTIONS
Pin Function 1 Vin 2 GND 8,17 -V0 10,15 0V 12,13 +Vo
24 23
17 16 15 14 13
Top View
12 8 9 10 11 12
11.22.06
Technologies
Manufacturer of Passive and Discrete Semiconductor Componenets 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDD3214DF-0505-D6K-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X