|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DC/DC Converters ctparts.com SPECIFICATIONS CTDD1605S-D Series Fixed Input Isolated & Unregulated 1W Output, Dual Output Part Number CTDD1605S-0505D-1 CTDD1605S-0509D-1 CTDD1605S-0512D-1 CTDD1605S-0515D-1 CTDD1605S-1205D-1 CTDD1605S-1209D-1 CTDD1605S-1212D-1 CTDD1605S-1215D-1 CTDD1605S-2405D-1 CTDD1605S-2409D-1 CTDD1605S-2412D-1 CTDD1605S-2415D-1 Vin Nom. 5VDC 5VDC 5VDC 5VDC 12VDC 12VDC 12VDC 12VDC 24VDC 24VDC 24VDC 24VDC Input Range 4.5-5.5VDC 4.5-5.5VDC 4.5-5.5VDC 4.5-5.5VDC 10.8-13.2VDC 10.8-13.2VDC 10.8-13.2VDC 10.8-13.2VDC 21.6-26.4VDC 21.6-26.4VDC 21.6-26.4VDC 21.6-26.4VDC Vout 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC Iout Max. (mA) 100 56 42 33 100 56 42 33 100 56 42 33 Iout Min. (mA) 10 6 5 4 10 6 5 4 10 6 5 4 Effi(Typ.) 72% 75% 78% 78% 74% 75% 79% 79% 71% 76% 79% 80% Not shown at actual size. ISOLATION SPECIFICATIONS Item Isolation Voltage Isolation Resistance Test Condition Tested for 1 minute Test at 500VDC MIN 1000 1000 TYP MAX Units VDC M OUTPUT SPECIFICATIONS Item Output Power Test Condition For Vin change of 1% 10% to 100% full load See tolerance envelope graph 100% full load 20MHz Bandwidth Full load, nominal input 100 50 150 0.03 75 200 %/C mVp-p KHz 10 MIN 0.1 TYP MAX 1 1.2 15 Units W % % FEATURES Efficiency: To 85% Temperature Range: -40C to 85C Isolation: 1KVDC Power Density: 0.85W/cm3 Package: UL94-V0 Miscellaneous: No heatsink required. No external components required. Industry standard pinout. Positive & Negative Voltage Output. Custom service available. Samples available. Line regulation Load regulation Output voltage accuracy Temperature drift Output ripple Switching frequency Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output unless otherwise specified. TYPICAL CHARACTERISTICS CHARACTERISTICS Short Circuit Protection: 1 second Temperature Rise at Full Load: 25C Max. 15C Typ. Cooling: Free air convection Operating Temperature Range: -40C to +85C Storage Temperature Range: -55C to +125C Lead Temperature: 300C (1.5mm from case for 10 seconds) Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >1,000,000 hours Tolerance Envelope Graph Temperature Derating Graph 120 100 80 60 Typic a l Load Line +2.5% -2.5% -7.5% Output Voltage(%) Output Power(%) +10% +5% Nominal Voltage 10% 50% 100% 40 20 0 -40 Safe Operating Area 0 40 80 120 Output Current(%) Ambient Temperature(C) 12.08.04 Technologies Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2004 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL DC/DC Converters ctparts.com CTDD1605S-D Series Fixed Input Isolated & Unregulated 1W Output, Dual Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS CTDD1605S-D Package 16.50 7.50 4.10 Side View 1.25 12 456 5.90 Bottom View 2.00 12.70 CTDD1605S-D Footprint o1.00+0.15/-0 2.54 1 2 45 6 2.54 Note: All pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm. PIN CONNECTIONS Pin 1 2 4 5 6 Function Vin GND -Vo 0V +Vo 12 456 12.08.04 Technologies Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2004 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTDD1605S-0512D-1 |