|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Inductors - Shielded ctparts.com CTCDRH6D38 Series From 3.3 H to 100 H Part Number Not shown at actual size. SPECIFICATIONS Parts are available in 30% tolerance only. CTCDRH6D38F Please specify "F" for RoHS Compliant Inductance (H 30%) 3.3 5.0 6.2 7.4 8.7 10 12 15 18 22 27 33 39 47 56 68 82 100 L Test Freq. (kHz) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 DCR Max. (m) 20 24 27 31 34 38 53 57 92 96 109 124 138 155 202 234 324 358 Rated DC Current (A) 3.5 2.9 2.5 2.3 2.2 2.0 1.7 1.6 1.5 1.3 1.2 1.1 1.0 .95 .85 .75 .70 .65 CTCDRH6D38_-3R3N CTCDRH6D38_-5R0N CTCDRH6D38_-6R2N CTCDRH6D38_-7R4N CTCDRH6D38_-8R7N CTCDRH6D38_-100N CTCDRH6D38_-120N CTCDRH6D38_-150N CTCDRH6D38_-180N CTCDRH6D38_-220N CTCDRH6D38_-270N CTCDRH6D38_-330N CTCDRH6D38_-390N CTCDRH6D38_-470N CTCDRH6D38_-560N CTCDRH6D38_-680N CTCDRH6D38_-820N CTCDRH6D38_-101N Compliant Available RoHS PHYSICAL DIMENSIONS Size A 6.70.3 0.260.01 B 6.70.3 0.260.01 C 6.5 0.255 D 2.0 0.08 E 6.5 0.255 F Max. 9.5 0.37 G Max. 4.0 0.16 CHARACTERISTICS Description: SMD (shielded) power inductor Applications: Power supplies for VTR, OA equipment, LCD televisions, PC notebooks, portable communication equipment, DC/DC converters, etc. Operating Temperature: -30C to +110C Inductance Tolerance: 30% Testing: Tested on a HP4284A at 10 KHz , 0.25Vrms , 0Adc Packaging: Tape & Reel Marking: Parts are marked with inductance code Rated DC Current: Indicates the current when the inductance decreases to 65% of its initial value or D.C. current when the temperature of coil is increased by 30% the smaller one is defined as rated current. Miscellaneous: RoHS Compliant available Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. mm inches PAD LAYOUT 01.14.05 Technologies Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTCDRH6D38-6R2N |