|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Inductors - Shielded ctparts.com CTCDRH127 Series From 1.2 H to 1,000 H ENGINEERING KIT #32F Not shown at actual size. SPECIFICATIONS Please specify tolerance code when ordering. CTCDRH127-560_ J = 5%, K = 10% L = 15% M = 20%, N = +40% -20% CTCDRH127F Please specify "F" for RoHS compliant L Test Freq. (kHz) 100 100 100 100 100 100 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 DCR Max. (m) 7.0 11.5 13.5 15.8 17.6 20.0 21.6 24.3 27.0 39.2 43.2 45.9 64.8 72.9 100 110 140 160 220 250 280 350 390 560 640 700 980 1070 1460 1640 1820 IDC Max. (A) 9.80 8.00 7.50 6.80 6.60 5.90 5.40 4.90 4.50 3.90 3.60 3.40 3.00 2.75 2.50 2.35 2.10 1.95 1.70 1.60 1.42 1.30 1.16 1.06 0.95 0.88 0.79 0.73 0.67 0.60 0.55 Part Number CTCDRH127_-1R2N CTCDRH127_-2R4N CTCDRH127_-3R5N CTCDRH127_-4R7N CTCDRH127_-6R1N CTCDRH127_-7R6N CTCDRH127_-100M CTCDRH127_-120M CTCDRH127_-150M CTCDRH127_-180M CTCDRH127_-220M CTCDRH127_-270M CTCDRH127_-330M CTCDRH127_-390M CTCDRH127_-470M CTCDRH127_-560_ CTCDRH127_-680_ CTCDRH127_-820_ CTCDRH127_-101_ CTCDRH127_-121_ CTCDRH127_-151_ CTCDRH127_-181_ CTCDRH127_-221_ CTCDRH127_-271_ CTCDRH127_-331_ CTCDRH127_-391_ CTCDRH127_-471_ CTCDRH127_-561_ CTCDRH127_-681_ CTCDRH127_-821_ CTCDRH127_-102_ Inductance (H) 1.2 2.4 3.5 4.7 6.1 7.6 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 Compliant Available RoHS CHARACTERISTICS Description: SMD (shielded) power inductor Applications: Power supplies for VTR, OA equipment, LCD televisions, PC notebooks, portable communication equipment, DC/DC converters, etc. Operating Temperature: -40C to +125C Inductance Tolerance: 5%, 10%, 15%, 20%, +40% -20% Testing: Inductance is tested on an HP4284A at specified frequency Packaging: Tape & Reel Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant available. Magnetically shielded Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. PHYSICAL DIMENSIONS Size mm inches A 12.5 0.492 B 8 0.314 C 7.60.2 0.30.007 D 50.2 0.20.007 A(max.) B(max.) D XXX A(max.) C Marking (Inductance Code) 05.18.06 Technologies Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTCDRH127-102M |