Part Number Hot Search : 
BSH203 ISL78420 A223M MCJ220CA 7070CN 2600ET RF1510 2SJ200
Product Description
Full Text Search
 

To Download CSLR-N319TG4-B0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. Rev.
PS-LL-N319TG4-B0 A
PRODUCT SPECIFICATION
Model NoCSLR-N319TG4-B0
Descriptions:
LED Type : Lighting LED Lamp LED Package : Round LED Lamp Emitting ColorGreen Viewing Angle50 No Stopper
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-N319TG4-B0 Features 1. Low Power Consumption. 2. High Luminous Output 3. High Reliability and Solid Performance 4. Optimal Optical/Mechanical Design 5. Rohs Compliant
Spec. No. Rev.
PS-LL-N319TG4-B0 A
Device Selection Guide Chip
Part No.
Material
CSLR-N319TG4-B0
LED Lens Emitted Color Green Water Transparent
InGaN
Package Outline Dimensions -
Tolerance 0.25
0.01
Unit
inch mm
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-N319TG4-B0 Absolute Maximum Rating -
Spec. No. Rev.
PS-LL-N319TG4-B0 A
(Ta=25) Parameter
Power Dissipation Forward Current (DC) Peak Forward Current * Reverse Voltage Operating Temp. Storage Temp.
Symbol Pd IF IFP VR Topr Tstg Tsol
Rating 76 30 100 5 -30 ~ +80 -40 ~ +100
Unit mW mA mA V
Lead Soldering Temperature
Max. 260 for 5 sec Max. (3mm from the epoxy body)
* Pulse width 0.1 msec. duty 1/10
Electro-optical Characteristics
(Ta=25) Parameter
Forward Voltage Luminous Intensity
Dominant Wavelength
Symbol VF IV D 2 1/2 IR
Min. ----3900 -------------
Typ. 3.3 8400 525 50 -----
Max. 3.8 ------------50
Unit V mcd
Condition
IF=20mA nm deg A VR=5V
Viewing Angle Reverse Current
http://www.csctw.com.tw
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-N319TG4-B0 Luminous Intensity Rank Limits ( IF = 20mA ) unitmcd
Part No. Code
CSLR-N319TG4-B0
Spec. No. Rev.
PS-LL-N319TG4-B0 A
T U V W X
min. 3900 5100 6600 8600 11200
max. 5100 6600 8600 11200 14600
Dominant Wavelength Rank Limits ( IF = 20mA ) unitnm
Part No. Code
CSLR-N319TG4-B0
TG2 TG3 TG4
min. 520 525 530
max. 525 530 535
Forward Voltage Rank Limits ( IF = 20mA ) unitv
Part No. Code
CSLR-N319TG4-B0
H J K L M Notes: 1. 2. 3. 4. 5. 6. 7.
min. 2.8 3.0 3.2 3.4 3.6
max. 3.0 3.2 3.4 3.6 3.8
Tolerance of measurement of luminous intensity :15 Tolerance of measurement of Color Coordinates :0.01 Tolerance of measurement of forward voltage :0.05v All data are measured by CSC's test equipment. One delivery will include several color rank, VF rank and Iv ranks of the products. The quantity-ratio of the ranks is decided by CSC. Please confirm with CSC salesman,if your request different form standard specification.
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-N319TG4-B0 Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
40
Spec. No. Rev.
PS-LL-N319TG4-B0 A
Forward Current (mA DC)
Forward Current (mA DC)
30 25 20 15 10 5 0 1 2 3 4
30
20
10
0
25
50
75
100
Ambient Temperature Ta (C)
Forward Voltage VF (V)
Fig 1. Forward Current Vs. Ambient Temperature Vs. Ambient Temperature
150
Fig 2.Fig 2. Forward Current Forward Current Vs. Forward Voltage Vs. Forward Voltage
100
Relative Intensity (%)
125 100 75 50 25 0 5 10 15 20 25 30
Forward Current (mA)
75 50 25
0
1
2
3
4
5
6
Forward Current IF (mA DC)
Fig 3. Relative Intensity Vs. Forward Current Vs. Forward Current
Forward Voltage (V) Fig 4. Fig 4. Peark Forward Voltage Peark Forward Voltage Vs.Forward Current Vs.Forward Current (100us test pulse,1% duty cycle)
Relative Intensity (%)
100
1 Rltv Lmnst eaie uioiy
75
50
0.5
25
0 500 510 520 530 540 550 560
0
-90-60-30 0 -30-60 -90
Radiation Angle
Wavelength (nm)
Fig 5. Relative Intensity Vs. Wavelength
Fig 6. Relative Luminous Intensity vs.Radiation Angle
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSLR-N319TG4-B0 Precautions For Use 1. Recommended Soldering conditions Wave Soldering
Spec. No. Rev.
PS-LL-N319TG4-B0 A
260(max.) 250 240 Preheat 105(max.)
Temperature(C)
0
Max. 60sec. Time(sec.)
5 sec.
2. Soldering Iron Basic SPEC. is 5sec. When 260. If temperature is higher, time should be shorter (+10 -1sec.). Power dissipation of iron should be smaller than 15W , and temperature should be controllable. Surface temperature of the device should be under 230. 3. Static Electricity a. Static electricity or surge voltage damages LEDs.. It is recommended that a wrist band or an anit-electrostatic glove be used when handling the LEDs. b. All devices, equipment and machinery must be properly grounded. It is recommended that mesures be taken against surge voltage to the equipment that mounts the LEDs.
Note: The specifications are subject to change without notice. Please contact us for updated information.
http://www.csctw.com.tw
Page
5/5


▲Up To Search▲   

 
Price & Availability of CSLR-N319TG4-B0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X