Part Number Hot Search : 
01400 3P352LH CLL5230B AM7910PC SI6466DQ 2KBP06M PEX8509 AD542SH
Product Description
Full Text Search
 

To Download CMS2-56-3-48-4S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERROXCUBE
DATA SH EET A SHEET
SMD common mode chokes EMI-suppression products
Supersedes data of February 2002 2004 Sep 01
Ferroxcube
EMI-suppression products
SMD COMMON MODE CHOKES FOR EMI-SUPPRESSION General data ITEM Strip material Solderability Taping method SPECIFICATION copper (Cu), tin-lead (SnPb) plated, lead-free (Sn) available on request.
SMD common mode chokes
GRADE
|Ztyp|(1) at f () (MHz)
TYPE NUMBER
CMS4-11/3/4.8; mass 0.6 g 4S2 inner channel 4S2 outer channel 12 23 42 15 30 50 25 100 300 25 100 300 CMS4-11/3/4.8-4S2
"IEC 60068-2-58", Part 2, Test Ta, method 1 "IEC 60286-3" , "EIA 481-1-A" and "EIA 481-2"
CMS4-11/3/8.9; mass 1.1 g Grades, parameters and type numbers GRADE |Ztyp () |(1) at f (MHz) TYPE NUMBER 4S2 inner channel 4S2 outer channel Note 1. Typical values, Z min is -20%. DC resistance <0.6 m.
23 45 82 27 58 97
25 100 300 25 100 300
CMS4-11/3/8.9-4S2
CMS2-5.6/3/4.8; mass 0.3 g 4S2 21 35 50 25 100 300 CMS2-5.6/3/4.8-4S2
CMS2-5.6/3/8.9; mass 0.6 g 4S2 38 60 Mechanical data 25 100 CMS2-5.6/3/8.9-4S2
8.9 -0.5 >5
handbook, halfpage
4.75 0.3 >1.2
handbook, halfpage
>1.1
>1.2
1.33 0.2
1.27 0.07
3.04 max.
3.04 max.
CBW180
0.2
0.2
5.6 0.2
a. CMS2-5.6/3/8.9 (side view).
Dimensions in mm.
b. CMS2-5.6/3/4.8 (side view).
Front view (a and b).
Fig.1 CMS2-5.6/3/4.8 and CMS2-5.6/3/8.9.
2004 Sep 01
2
Ferroxcube
EMI-suppression products
SMD common mode chokes
8.9 -0.5 >5
handbook, halfpage handbook, full pagewidth
4.75 0.3 >1.2 >1.1 >1.2 1.33 0.2
1.27 0.07
3.04 max.
3.04 max.
CBW181
0.2
0.2
10.8 0.3
a. CMS4-11/3/8.9 (side view).
Dimensions in mm.
b. CMS4-11/3/4.8 (side view).
Front view (a and b).
Fig.2 CMS4-11/3/4.8 and CMS4-11/3/8.9.
Recommended dimensions of solder lands
handbook, halfpage
2.5
;; ;; ;; ;;
1.8
6.4 2.8
;; ;; ;; ;;
MBG063
handbook, halfpage
6.4
1.9
2.5
;;;;; ;; ;;;;; ;; ;;;;; ;; ;;;;; ;;
1.8 2.0 0.8 1.9
MBG064
Dimensions in mm. Dimensions of solder lands are based on a solder paste layer thickness of approximately 200 m (0.7 mg solder paste per mm2). Dimensions in mm.
Fig.3
Solder lands for reflow soldering of CMS2-5.6/3/4.8.
Fig.4
Solder lands for wave soldering of CMS2-5.6/3/4.8.
2004 Sep 01
3
Ferroxcube
EMI-suppression products
SMD common mode chokes
handbook, halfpage
2.5
; ; ;
1.8
10.8 7.0
;; ;; ;;
1.9
CBW291
handbook, halfpage
2.5
;;;;; ;;;;; ;;;;;
10.8 6.0 1.8 2.5 1.9
CBW292
Dimensions in mm. Dimensions of solder lands are based on a solder paste layer thickness of approximately 200 m (0.7 mg solder paste per mm2). Dimensions in mm.
Fig.5
Solder lands for reflow soldering of CMS2-5.6/3/8.9.
Fig.6
Solder lands for wave soldering of CMS2-5.6/3/8.9.
handbook, halfpage
2.5
;; ;; ;; ;; ;; ;; ;;
1.8
6.4 2.8
;; ;; ;; ;; ;; ;; ;;
MBG065
handbook, halfpage
1.9
2.5
;;;;; ;; ;;;;; ;; ;;;;; ;; ;;;;; ;; ;;;;; ;; ;;;;; ;; ;;;;; ;;
1.8 2.0 0.8 1.9
MBG066
6.4
Dimensions in mm. Dimensions of solder lands are based on a solder paste layer thickness of approximately 200 m (0.7 mg solder paste per mm2). Dimensions in mm.
Fig.7
Solder lands for reflow soldering of CMS4-11/3/4.8. 4
Fig.8
Solder lands for wave soldering of CMS4-11/3/4.8.
2004 Sep 01
Ferroxcube
EMI-suppression products
SMD common mode chokes
handbook, halfpage
2.5
; ; ; ; ;
1.8
10.8 7.0
;; ;; ;; ;; ;;
1.9
CBW289
handbook, halfpage
2.5
;;;;; ;;;;; ;;;;; ;;;;; ;;;;;
10.8 6.0 1.8 2.5 1.9
CBW290
Dimensions in mm. Dimensions of solder lands are based on a solder paste layer thickness of approximately 200 m (0.7 mg solder paste per mm2). Dimensions in mm.
Fig.9
Solder lands for reflow soldering of CMS4-11/3/8.9.
Fig.10 Solder lands for wave soldering of CMS4-11/3/8.9.
2004 Sep 01
5
Ferroxcube
EMI-suppression products
Soldering profiles
SMD common mode chokes
300
10 s 260 C 245 C 215 C 10 s
MLA859
T
(C) 250
200 180 C 40 s
150
130 C
100 2 K/s 50
0 0 50 100 150 200 t (s) 250
Typical values (solid line). Process limits (dotted lines).
Fig.11 Reflow soldering.
300
10 s
MLA861
T
(C) 250 235 C to 260 C second wave
200
first wave
5 K/s 2 K/s
150
200 K/s
100 C to 130 C 100
forced cooling
50
2 K/s
0 0 50 100 150 200 t (s) 250
Typical values (solid line). Process limits (dotted lines).
Fig.12 Double wave soldering.
2004 Sep 01
6
Ferroxcube
EMI-suppression products
BLISTER TAPE AND REEL DIMENSIONS
SMD common mode chokes
K handbook, full pagewidth0 T D0
P0 P2 E
cover tape B0
F W
MEA613 - 1
A0 P1 direction of unreeling
D1
For dimensions see Table 1.
Fig.13 Blister tape.
Table 1
Physical dimensions of blister tape; see Fig.13 DIMENSIONS (mm)
SIZE CMS2-5.6/3/4.8 A0 B0 K0 T W E F D0 D1 P0 P1 P2 5.26 6.07 3.18 0.3 12 1.75 5.5 1.5 1.5 4.0 8.0 2.0 CMS2-5.6/3/8.9 5.99 9.09 3.18 0.33 16 1.75 7.5 1.5 1.5 4.0 8.0 2.0 CMS2-5.6/3/8.9 5.23 11.18 4.5 0.34 24 1.75 11.75 1.5 1.5 4.0 8.0 2.0 CMS4-11/3/8.9 10.13 11.56 4.5 0.36 24 1.75 11.5 1.5 1.5 4.0 16.0 2.0
2004 Sep 01
7
Ferroxcube
EMI-suppression products
SMD common mode chokes
handbook, full pagewidth
W2
20.5
12.75
0.15 N 0
A
MSA284
W1
Dimensions in mm. For dimensions see Table 2.
Fig.14 Reel.
Table 2
Reel dimensions; see Fig.14 DIMENSIONS (mm)
SIZE A 12 16 24 330 330 330 N 100 5 100 5 100 5 W1 12.4 16.4 24.4 W2 16.4 20.4 28.4
2004 Sep 01
8
Ferroxcube
EMI-suppression products
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development
SMD common mode chokes
DEFINITIONS This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2004 Sep 01
9


▲Up To Search▲   

 
Price & Availability of CMS2-56-3-48-4S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X