Part Number Hot Search : 
FA7700V BA3960 CPD96V F1000 C4020 FA7700V FA7700V ST92195
Product Description
Full Text Search
 

To Download CLC2057ISO8X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
A m p l i fy t h e H u m a n E x p e r i e n c e
(R)
Comlinear CLC2057
FEATURES n Unity gain stable n 1.75mA supply current per channel n 15MHz gain bandwidth product n 6V/s slew rate n 110dB PSRR, CMRR, and voltage gain n 4nV/Hz input voltage noise n 0.0005% THD n 4V to 36V single supply voltage range n Improved replacement for NJM4580 APPLICATIONS n Active Filters n Audio Pre-Amplifiers n Audio AC-3 Decoder Systems n Headphone Amplifier n General purpose dual ampliifer
Dual, Low Noise, Operational Amplifier
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
General Description
The COMLINEAR CLC2057 is a low noise, dual voltage feedback amplifier that is internally frequency compensated to provide unity gain stability. The CLC2057 offers over 13MHz of unity gain bandwidth and excellent (110dB) CMRR, PSRR, and open loop gain. The CLC2057 also features low input voltage noise (4nV/Hz) and low distortion (0.0005%) making it well suited for audio applications such as audio filtering. Other applications include industrial measurement tools, pre-amplifiers, and other circuits that require wellmatched channels. The COMLINEAR CLC2057 is designed to operate over a wide power supply voltage range, 2V to 18V (4V to 36V). It utilizes an industry standard dual amplifier pin-out and is available in a Pb-free, RoHS compliant SOIC-8 package.
Typical Application - Filtering and Driving Audio in STB or DVD Applications
5pF 10F + 150F
+
Audio_Input L DAC Load Resistor
1k
1.8k
39k
620
Audio_Output L 470pF
680pF
2
+VS
8 - 1/2 CLC2057
10k
1
Rev 1A
3
+
4
100
AUDIO AMPLIFIER
Amp RV
5pF
Audio_Input R
1k
10F
1.8k
39k
150F
620
Audio_Output R 470pF
+VS
DAC Load Resistor
10k
6
680pF 10k 100F
+
0.1F
Amp RV 10k 0.1F
100
- 1/2 CLC2057 +
7
5
+
100F
Ordering Information
Part Number CLC2057ISO8X Package SOIC-8 Pb-Free Yes RoHS Compliant Yes Operating Temperature Range -40C to +85C Packaging Method Reel
Moisture sensitivity level for all parts is MSL-1. (c)2007-2009 CADEKA Microcircuits LLC www.cadeka.com
Data Sheet
CLC2057 Pin Configuration
CLC2057 Pin Description
Pin No. 1 Pin Name OUT1 -IN1 +IN1 -VS +IN2 -IN2 OUT2 +VS Description Output, channel 1 Negative input, channel 1 Positive input, channel 1
OUT1 -IN1 +IN1 -V S
1 2 3 4
8 7 6 5
+VS OUT2 -IN2 +IN2
2 3 4 5 6 7 8
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Negative supply Positive input, channel 2 Negative input, channel 2 Output, channel 2 Positive supply
Rev 1A
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the "Absolute Maximum Ratings". The device should not be operated at these "absolute" limits. Adhere to the "Recommended Operating Conditions" for proper device function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the operating conditions noted on the tables and plots.
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Parameter Supply Voltage Differential Input Voltage Input Voltage Power Dissipation (TA = 25C) - SOIC-8
Min 0
Max 40 (20) 60 (30) 30 (15) 500
Unit V V V mW
Reliability Information
Parameter Junction Temperature Storage Temperature Range Lead Temperature (Soldering, 10s) Package Thermal Resistance SOIC-8
Notes: Package thermal resistance (qJA), JDEC standard, multi-layer test boards, still air.
Min -65
Typ
Max 150 150 260
Unit C C C C/W
100
Recommended Operating Conditions
Parameter Operating Temperature Range Supply Voltage Range Min -40 4 (2) Typ Max +85 36 (18) Unit C V
Rev 1A
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
3
Data Sheet
Electrical Characteristics
TA = 25C, +Vs = +15V, -Vs = -15V, Rf = Rg =2k, RL = 2k to VS/2, G = 2; unless otherwise noted.
Symbol Parameter Conditions
G = +1, VOUT = 0.2Vpp, VS = 5V, Rf = 0 G = +1, VOUT = 0.2Vpp, VS = 30V, Rf = 0 G = +2, VOUT = 0.2Vpp, VS = 5V G = +1, VOUT = 0.2Vpp, VS = 30V G = +2, VOUT = 1Vpp, VS = 5V G = +2, VOUT = 2Vpp, VS = 30V
Min
Typ
11.5 13.5 6.2 6.7 2.7 1.6 15
Max
Units
MHz
Frequency Domain Response
UGBWSS BWSS BWLS GBWP Unity Gain Bandwidth -3dB Bandwidth Large Signal Bandwidth Gain-Bandwidth Product VOUT = 0.2V step; (10% to 90%), VS = 5V VOUT = 0.2V step; (10% to 90%), VS = 30V VOUT = 0.2V step VOUT = 2V step 2V step, VS = 5V 4V step, VS = 30V VOUT = 5V, f = 1kHz, G = 20dB > 1kHz RIAA, 30kHz LPF, RS = 50 Channel-to-channel, 500kHz, VS = 5V to 30V RS 10k VCM = 0V VCM = 0V RS 10k RL = 2k, VOUT = 10V Total, RL = +VS = 15V, -VS = -15V DC, VCM = 0V to +VS - 1.5V, RS 10k 12 80 80 90
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
MHz MHz MHz MHz MHz MHz ns ns % % V/s V/s % nV/Hz VRMS dB 3 500 100 mV nA nA dB dB 7 mA V dB
Time Domain Response
tR, tF OS SR Rise and Fall Time Overshoot Slew Rate 50 48 16 5 6 6 0.0005 4 0.7 67 0.5 150 10 110 110 3.5 13.5 110
Distortion/Noise Response
THD en XTALK VIO Ib IOS PSRR AOL IS CMIR CMRR Total Harmonic Distortion Input Voltage Noise Crosstalk Input Offset Voltage (1) Input Bias Current
(1) (1)
DC Performance
Input Offset Current Open-Loop Gain Supply Current
(1)
Power Supply Rejection Ratio (1)
(1)
Input Characteristics
Common Mode Input Range (1) Common Mode Rejection Ratio (1)
Rev 1A
Output Characteristics
RL = 2k VOUT Output Voltage Swing RL = 10k ISOURCE ISINK
Notes: 1. 100% tested at 25C at VS = 15V.
+13.8, -13.0 14.0, -13.3 45 80
V V mA mA
Output Current, Sourcing Output Current, Sinking
VIN+ = 1V, VIN- = 0V, VOUT = 2V VIN+ = 0V, VIN- = 1V, VOUT = 2V
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
4
Data Sheet
Typical Performance Characteristics
TA = 25C, +Vs = +15V, -Vs = -15V, Rf = Rg =2k, RL = 2k to VS/2, G = 2; unless otherwise noted. Non-Inverting Frequency Response
3 2 1 0 -1 G = 10 -2 -3 -4 -5 0.1 1 10 VOUT = 0.2Vpp -20 0.1 1 10 G=2 0
Inverting Frequency Response
5 G = -1
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Normalized Gain (dB)
Normalized Gain (dB)
G=1 Rf = 0 G=5
G = -2 G = -5 G = -10
-5
-10
-15 VOUT = 0.2Vpp
Frequency (MHz)
Frequency (MHz)
Large Signal Frequency Response
5
-3dB Bandwidth vs. VOUT
8 7
VOUT = 2Vpp -5
-3dB Bandwidth (MHz)
Normalized Gain (dB)
0
VOUT = 1Vpp
6 5 4 3 2 1
-10
-15 0.1 1 10
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
Frequency (MHz)
VOUT (VPP)
Small Signal Pulse Response
0.15 0.1
Large Signal Pulse Response
3 2
Rev 1A
Output Voltage (V)
0.05 0 -0.05 -0.1 -0.15 0 2 4 6 8 10
Output Voltage (V)
1 0 -1 -2 -3 0 2 4 6 8 10
Time (us)
Time (us)
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
Typical Performance Characteristics
TA = 25C, +Vs = +5V, -Vs = GND, Rf = Rg =2k, RL = 2k to VS/2, G = 2; unless otherwise noted. Non-Inverting Frequency Response
5 4 3 G=2 0
Inverting Frequency Response
5 G = -1 G = -2 G = -5 -5 G = -10
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Normalized Gain (dB)
2 1 0 -1 -2 -3 -4 -5 0.1 1 VOUT = 0.2Vpp
G=5 G = 10
Normalized Gain (dB)
G=1 Rf = 0
-10
-15 VOUT = 0.2Vpp -20 10 0.1 1 10
Frequency (MHz)
Frequency (MHz)
Large Signal Frequency Response
5 VOUT = 1Vpp VOUT = 2Vpp
-3dB Bandwidth vs. VOUT
8 7
-3dB Bandwidth (MHz)
Normalized Gain (dB)
0
6 5 4 3 2 1
-5
-10
-15 0.1 1 10
0 0.0 0.5 1.0 1.5 2.0
Frequency (MHz)
VOUT (VPP)
Small Signal Pulse Response
2.7
Large Signal Pulse Response
4 3.5
Rev 1A
2.6
Output Voltage (V)
Output Voltage (V)
0 2 4 6 8 10
3 2.5 2 1.5
2.5
2.4
2.3
1 0 2 4 6 8 10
Time (us)
Time (us)
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
6
Data Sheet
Typical Performance Characteristics
TA = 25C, +Vs = +15V, -Vs = -15V, Rf = Rg =2k, RL = 2k to VS/2, G = 2; unless otherwise noted. Open Loop Voltage Gain vs. Frequency
120 110
Input Voltage Noise vs. Frequency
20
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Input Voltage Noise (nV/Hz)
RL=2K
100
Open Loop Gain (dB)
90 80 70 60 50 40 30 20 10 0.001 0.01 0.1 1 10 100 1000
15
10
5
0 1 10 100 1,000
Frequency (KHz)
Frequency (Hz)
Maximum Output Voltage Swing vs. Frequency
30 25 20 15 10 5 0 0.1 1 10 100 1000
Maximum Output Voltage Swing vs. RL
30
Maximum Output Voltage Swing (V)
28 26 24 22 20 18 16 14 12 0.1 1 10
Maximum Swing Voltage (V)
RL=2K
Frequency (KHz)
Resistance Load (K)
Input Offset Voltage vs. Temperature
2 1.5
Input Bias Current vs. Temperature
200
Rev 1A
Input Offset Voltage (mV)
1 0.5 0 -0.5 -1 -40 -20 0 20 40 60 80 100 120
Input Bias Current (nA)
150
100
50
0 -40 -20 0 20 40 60 80 100 120
Temperature (C)
Temperature (C)
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
7
Data Sheet
Typical Performance Characteristics
TA = 25C, +Vs = +15V, -Vs = -15V, Rf = Rg =2k, RL = 2k to VS/2, G = 2; unless otherwise noted. Supply Voltage vs. Supply Current
2.4 2.3 ICC 2.2 -1.8 -1.9 -2
Crosstalk vs. Frequency
-50 -55 -60
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Crosstalk (dB)
ICC (mA)
-65 -70 -75 -80 -85 0.1 1.0
IEE (mA)
2.1 2 IEE 1.9 1.8 2 4 6 8 10 12 14 16 18
-2.1 -2.2 -2.3 -2.4
Supply Voltage (+/-V)
Frequency (MHz)
Functional Block Diagram
VCC
-Input +Input
Output
Rev 1A
VEE
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
8
Data Sheet
Application Information
Basic Operation Figures 1 and 2 illustrate typical circuit configurations for non-inverting, inverting, and unity gain topologies for dual supply applications. They show the recommended bypass capacitor values and overall closed loop gain equations.
+Vs 6.8F
Power Dissipation Power dissipation should not be a factor when operating under the stated 2k ohm load condition. However, applications with low impedance, DC coupled loads should be analyzed to ensure that maximum allowed junction temperature is not exceeded. Guidelines listed below can be used to verify that the particular application will not cause the device to operate beyond it's intended operating range. Maximum power levels are set by the absolute maximum junction rating of 150C. To calculate the junction temperature, the package thermal resistance value ThetaJA (JA) is used along with the total die power dissipation. TJunction = TAmbient + (JA x PD) Where TAmbient is the temperature of the working environment. In order to determine PD, the power dissipated in the load needs to be subtracted from the total power delivered by the supplies. PD = Psupply - Pload Supply power is calculated by the standard power equation.
Output 0.1F 6.8F -Vs RL Rf
G = - (Rf/Rg) For optimum input offset voltage set R1 = Rf || Rg
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Input
+ -
0.1F Output 0.1F RL Rf
G = 1 + (Rf/Rg)
Rg -Vs
6.8F
Figure 1. Typical Non-Inverting Gain Circuit
+Vs 6.8F
R1 Input Rg
+ -
0.1F
Psupply = Vsupply x IRMS supply Vsupply = VS+ - VSPower delivered to a purely resistive load is: Pload = ((VLOAD)RMS2)/Rloadeff The effective load resistor (Rloadeff) will need to include the effect of the feedback network. For instance, Rloadeff in figure 3 would be calculated as:
Rev 1A
Figure 2. Typical Inverting Gain Circuit
+Vs 6.8F
RL || (Rf + Rg) These measurements are basic and are relatively easy to perform with standard lab equipment. For design purposes however, prior knowledge of actual signal levels and load impedance is needed to determine the dissipated power. Here, PD can be found from
Input
+ -
0.1F Output RL 0.1F 6.8F -Vs
G=1
PD = PQuiescent + PDynamic - PLoad Quiescent power can be derived from the specified IS values along with known supply voltage, VSupply. Load power
Figure 3. Unity Gain Circuit
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
9
Data Sheet
can be calculated as above with the desired signal amplitudes using: (VLOAD)RMS = VPEAK / 2 ( ILOAD)RMS = ( VLOAD)RMS / Rloadeff The dynamic power is focused primarily within the output stage driving the load. This value can be calculated as: PDYNAMIC = (VS+ - VLOAD)RMS x ( ILOAD)RMS Assuming the load is referenced in the middle of the power rails or Vsupply/2. Figure 4 shows the maximum safe power dissipation in the package vs. the ambient temperature for the packages available.
2
Overdrive Recovery An overdrive condition is defined as the point when either one of the inputs or the output exceed their specified voltage range. Overdrive recovery is the time needed for the amplifier to return to its normal or linear operating point. The recovery time varies, based on whether the input or output is overdriven and by how much the range is exceeded. The CLC2057 will typically recover in less than 5s from an overdrive condition. Figure 6 shows the CLC2057 in an overdriven condition.
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
10 VIN = 7.5Vpp G=5 Input 5
20
10
Output Voltage (V)
Maximum Power Dissipation (W)
Input Voltage (V)
1.5
0
Output
0
1
-5
-10
SOIC-8
-10 0 4 8 12 16 20 -20
0.5
Time (us)
0 -40 -20 0 20 40 60 80
Ambient Temperature (C)
Figure 6. Overdrive Recovery Layout Considerations General layout and supply bypassing play major roles in high frequency performance. CaDeKa has evaluation boards to use as a guide for high frequency layout and as an aid in device testing and characterization. Follow the steps below as a basis for high frequency layout: * Include 6.8F and 0.1F ceramic capacitors for power supply decoupling * Place the 6.8F capacitor within 0.75 inches of the power pin * Place the 0.1F capacitor within 0.1 inches of the power pin * Remove the ground plane under and around the part, especially near the input and output pins to reduce parasitic capacitance * Minimize all trace lengths to reduce series inductances Refer to the evaluation board layouts below for more information.
Figure 4. Maximum Power Derating
Driving Capacitive Loads Increased phase delay at the output due to capacitive loading can cause ringing, peaking in the frequency response, and possible unstable behavior. Use a series resistance, RS, between the amplifier and the load to help improve stability and settling performance. Refer to Figure 5.
Input + Rf Rg Rs CL RL
Rev 1A
Output
Figure 5. Addition of RS for Driving Capacitive Loads
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Evaluation Board Information The following evaluation boards are available to aid in the testing and layout of these devices: Evaluation Board # CEB006 CLC2057 Products
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Evaluation Board Schematics Evaluation board schematics and layouts are shown in Figures 7-9. These evaluation boards are built for dual- supply operation. Follow these steps to use the board in a single-supply application: 1. Short -Vs to ground. 2. Use C3 and C4, if the -VS pin of the amplifier is not directly connected to the ground plane. Figure 8. CEB006 Top View
Figure 9. CEB006 Bottom View
Rev 1A
Figure 7. CEB006 Schematic
(c)2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
11
Data Sheet
Typical Applications
VIN R1 11k C1 0.05F
Boost-Bass-Cut
R2 100k R3 11k C2 0.05F
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
R4 11k - C3 0.005F 1/2 CLC2057 + VOUT
R5 3.6k
R6 500k
R7 3.6k
Boost-Treble-Cut
Figure 10: Audio Tone Control Circuit
5pF
Audio_Input L DAC Load Resistor
1k
10F +
1.8k
39k
150F
+
620
Audio_Output L 470pF
680pF
2
+VS
8 - 1/2 CLC2057
10k
1
3
+
4
100
AUDIO AMPLIFIER
Amp RV
5pF
Audio_Input R
1k
10F
1.8k
39k
150F
620
Audio_Output R 470pF
+VS
DAC Load Resistor
10k
6
680pF 10k 100F
+
0.1F
Amp RV 10k 0.1F
100
- 1/2 CLC2057 +
7
5
+
100F
Rev 1A
Figure 11: Typical Circuit for Filtering and Driving Audio in STB or DVD Player Applications
3 0 -3 -6 -9 -12 -15 -18 -21 0.1 1 10 100 1000 -100 VOUT = 5Vpp -110 0.1 1 10 100 1000 VOUT = 5Vpp -50 -60 -70 -80 -90
Normalized Gain (dB)
Crosstalk (dB)
Frequency (kHz)
Frequency (kHz)
Figure 12: AC Reponse of Figure 10 (VS=10V, RL=630)
(c)2007-2009 CADEKA Microcircuits LLC
Figure 13: Cross-Talk Performance (VS=10V, RL=630)
www.cadeka.com
12
Data Sheet
Mechanical Dimensions
SOIC-8 Package
Comlinear CLC2057 Dual, Low Noise, Operational Amplifier
Rev 1A
For additional information regarding our products, please visit CADEKA at: cadeka.com
CADEKA Headquarters Loveland, Colorado T: 970.663.5452 T: 877.663.5452 (toll free)
CADEKA, the CADEKA logo design, COMLINEAR, the COMLINEAR logo design, and ARCTIC are trademarks or registered trademarks of CADEKA Microcircuits LLC. All other brand and product names may be trademarks of their respective companies. CADEKA reserves the right to make changes to any products and services herein at any time without notice. CADEKA does not assume any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in writing by CADEKA; nor does the purchase, lease, or use of a product or service from CADEKA convey a license under any patent rights, copyrights, trademark rights, or any other of the intellectual property rights of CADEKA or of third parties. Copyright (c)2007-2009 by CADEKA Microcircuits LLC. All rights reserved.
A m p l i fy t h e H u m a n E x p e r i e n c e


▲Up To Search▲   

 
Price & Availability of CLC2057ISO8X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X