Part Number Hot Search : 
MC1450 L78M15AB AM8224 UM9204 2SK0301P 1N4976A IDTQS34 UGF1J
Product Description
Full Text Search
 

To Download CA42224M050AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CA42 Dipped Tantalum Capacitors.
Features
DB LECTRO Inc.
Small units with high stable performance, lower current leakage and dissipation factor, stable frequency and temperature and long life. suitable for military equipment and computer ,telephone and other electronic products. Meets IEC384-15-3 and GB7215-87 standard.
General Characteristics
Operating temperature : -55C ~125C Capacitance Tolerance :20% ,10%,5% (Special Order). Capacitance Range :0.1F~330 F DC leakage current(20C) I0 < =0.01CR UR or 0.5A (whichever is greater). Dissipation factor (20C)See table 1 Temperature performance: see table 1. Climatic category: 55/125/10. Life test: 1000 hours
Cap.(I F) I U 1.0 1.5~6.8 10~68 100~330 Capacitance Change %(c) (c) -55ae +85ae +125ae ae ae ae -10 -15 -25 -55ae ae 6 8 10 12 Max D.F(%) +20ae ae +85ae ae 4 6 6 8 8 10 10 12 +125ae ae 6 8 10 12
Table 1
Max DCLI A(c) I (c) +85ae +125ae ae ae 10 I0 12.5 I0
Exterior Dimensions
Case Size A B C D E F
DIMENSIONS IN MM
D
MAX(c)
H
MAX(c)
L
-1 (c)
d
-0.05(c)
4.0 4.8 5.5 6.0 7.2 8.2
6.0 7.2 8.0 9.4 11.5 12.5
14.0 14.0 14.0 14.0 14.0 14.0
0.5 0.5 0.5 0.5 0.5 0.5
Marking&Packaging
Packaging Tape B:Bulk T:Reel A:Ammo
Symbol Dimensions (mm) Symbol Dimensions (mm)
P P0 W W0 H2 W2 H1
Dimension of tape and reel(Per specification IEC286-2)
12.7-1.0 12.7-0.3 18 1 -0.5 5min 0.75
D T h H S P1 P2 P
4.0-0.3 0.5-0.2 0-2.0 16-0.5 2.5-0.5 5.0-0.7 5.10- 0.5 3.85- 0.7
9
-0.5 1 0 0 32.5max
6.35-0.4 -1.3max
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
CA42 Dipped Tantalum Capacitors.
DB LECTRO Inc.
35 A A A A A A A A B B C D D E E F F 50 A A A A A A B C C D D E E F F
Capacitance range,Case size(Letters stand for case sizes)
Cap. I F(c) (c) 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 Code 104 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 Rated voltage (V) 10 16 25(20)
4
6.3
A A A A B B C D D E E F
A A A B B C C D D E E E F
A A A B B C C D D D E E F
A A A A B B B C C D D E E F
A A A B B C C D D E E F F
How To Order (CA42 105 K 035 A A)
CA42
Type
105
Capacitance
K
Tolerance
K=-10% M=-20% J=-5%
035
DC voltage
4V=004 6.3V=006 10V=010 16V=016 25V=025 35V=035 40V=040 50V=050
A
Leads pitch
A
Packaging
105: 5 10X10 (pF)This is expressed in Dipped Tanatalum picofarads. The Capacitors first two digits are the significant figures. The third is the number of zeros to follow.
A=2.5mm B=5.0mm T=Tape and reel A=Ammo pack B=bulk pack
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
CA42 Dipped Tantalum Capacitors.
Standard Rating
Cap. (uF) Case Code
A A A A B B C D D E E F
DB LECTRO Inc.
MA X.DCL 25ae ae (uA)
0.5 0.5 0.5 0.6 0.8 1.3 1.8 2.7 4 6 8.8 13.2
YHC Part Number Cap.Tol.-10%
CA42475M004AA CA42685M004AA CA42106M004AA CA42156M004AA CA42226M004AA CA42336M004AA CA42476M004AA CA42686M004AA CA42107M004AA CA42157M004AA CA42227M004AA CA42337M004AA
MA DF X 25ae 120HZ ae (%)
6 6 8 8 8 8 8 8 10 10 10 10
ae ae 4 Volt Rating at +85ae (2.5Volt Rating at +125ae)
4.7 6.8 10 15 22 33 47 68 100 150 220 330
6.3 Volt Rating at +85ae (4Volt Rating at +125ae) ae ae
3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 A A A B B C C D D E E E F CA42335M006AA CA42475M006AA CA42685M006AA CA42106M006AA CA42156M006AA CA42226M006AA CA42336M006AA CA42476M006AA CA42686M006AA CA42107M006AA CA42157M006AA CA42227M006AA CA42337M006AA 0.5 0.5 0.5 0.6 0.9 1.3 2 2.9 4.2 6.3 9.4 13.8 20.7 6 6 6 8 8 8 8 8 8 10 10 10 10
10 Volt Rating at +85ae (6.3Volt Rating at +125ae) ae ae
2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 A A A B B C C D D D E E F CA42225M010AA CA42335M010AA CA42475M010AA CA42685M010AA CA42106M010AA CA42156M010AA CA42226M010AA CA42336M010AA CA42476M010AA CA42686M010AA CA42107M010AA CA42157M010AA CA42227M010AA 0.5 0.5 0.5 0.6 1 1.5 2.2 3.3 4.7 6.8 10 15 22 6 6 6 6 8 8 8 8 8 8 10 10 10
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
CA42 Dipped Tantalum Capacitors.
Standard Rating
C ap. (uF) C ase C o de YH C Part N umber C ap.Tol.-10%
CA42105M016AA CA42155M016AA CA42225M016AA CA42335M016AA CA42475M016AA CA42685M016AA CA42106M016AA CA42156M016AA CA42226M016AA CA42336M016AA CA42476M016AA CA42686M016AA CA42107M016AA CA42157M016AA
DB LECTRO Inc.
MAX.DC L 25 ae (uA)
0.5 0.5 0.5 0.5 0.7 1 1.6 2.4 3.5 5.2 7.5 10.8 16 24
MAX DF 25ae 120H Z ae (% )
4 6 6 6 6 6 8 8 8 8 8 8 10 10
16 Volt Ra ting a t +85 ae (10Volt Ra ting a t +125ae ) 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 A A A A B B B C C D D E E F
25 Volt Ra ting a t +85 ae (16Volt Ra ting a t +125ae ) 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 A A A B B C C D D E E F F CA42105M025AA CA42155M025AA CA42225M025AA CA42335M025AA CA42475M025AA CA42685M025AA CA42106M025AA CA42156M025AA CA42226M025AA CA42336M025AA CA42476M025AA CA42686M025AA CA42107M025AA 0.5 0.5 0.5 0.8 1.1 1.7 2.5 3.7 5.5 8.2 11.7 17 25 4 6 6 6 6 6 8 8 8 8 8 8 10
35 Volt Ra ting a t +85 ae (22Volt Ra ting a t +125ae ) 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 A A A A A A A A B B C D D E E F F CA42104M035AA CA42154M035AA CA42224M035AA CA42334M035AA CA42474M035AA CA42684M035AA CA42105M035AA CA42155M035AA CA42225M035AA CA42335M035AA CA42475M035AA CA42685M035AA CA42106M035AA CA42156M035AA CA42226M035AA CA42336M035AA CA42476M035AA 0.5 0.5 0.5 0.5 0.5 0.5 5 0.5 0.7 1.1 1.6 2.3 3.5 5.2 7.7 11.5 16.4 4 4 4 4 4 4 4 6 6 6 6 6 8 8 8 8 8
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
CA42 Dipped Tantalum Capacitors.
Standard Rating
Cap. (uF) Case Code YHC Part Number Cap.Tol.-10% MAX.DCL 25ae ae (uA)
DB LECTRO Inc.
MAX DF 25ae 120HZ ae (% )
50 Volt Rating at +85ae (35Volt Rating at +125ae ) 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 A A A A A A B C C D D E E F F CA42104M050AA CA42154M050AA CA42224M050AA CA42334M050AA CA42474M050AA CA42684M050AA CA42105M050AA CA42155M050AA CA42225M050AA CA42335M050AA CA42475M050AA CA42685M050AA CA42106M050AA CA42156M050AA CA42226M050AA 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 1.1 1.6 2.3 3.4 5 7.5 11 4 4 4 4 4 4 4 6 6 6 6 6 8 8 8
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


▲Up To Search▲   

 
Price & Availability of CA42224M050AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X