Part Number Hot Search : 
98047 RM10A TSL13S SZ255B SSM6J MC333 42376 MCJ16CA
Product Description
Full Text Search
 

To Download BUV47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BUV47 BUV47B
DESCRIPTION *With TO-3PN package. *High voltage. *Very high switching speed. APPLICATIONS *Suited for 220V switchmode power supply, DC and AC motor control.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 850 400 7 9 15 3 90 -65~150 -65~150 UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-case PARAMETER Thermal resistance junction case MAX 1.38 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BUV47 BUV47B
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter sustaining voltage BUV47 BUV47B BUV47 BUV47B BUV47 BUV47B CONDITIONS IE=10mA; IC=0 IC=0.2A; IB=0;L=25mH IC=5A; IB=1A 1.5 IC=6A; IB=1.2A IC=8A; IB=2.5A 3.0 IC=9A; IB=3A IC=5A; IB=1A 1.6 IC=6A; IB=1.2A VCE=850V ;VBE=-2.5V VEB=5V; IC=0 IC=10A ; VCE=5V 7 10 0.15 1.0 14 mA mA V V V MIN 10 400 TYP. MAX UNIT V V SYMBOL V(BR)EBO VCEO(SUS)
VCEsat-1
Collector-emitter saturation voltage
VCEsat-2
Collector-emitter saturation voltage
VBEsat
Base-emitter saturation voltage
ICEX IEBO hFE
Collector cut-off current Emitter cut-off current DC current gain
Switching times : ton ts tf Turn-on time Storage time Fall time IC=5A IB1=- IB2=1.0A VCC=150V 1.0 3.0 0.8 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BUV47 BUV47B
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BUV47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X