Part Number Hot Search : 
AN712 2N638800 P05R48S0 PCK942P 93334 D1409 00095 1040D
Product Description
Full Text Search
 

To Download BU2525AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2525AF
DESCRIPTION With TO-3PFa package High voltage High speed switching APPLICATIONS For use in horizontal deflection circuits of large screen colour TV receivers.
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO IC ICM IB IBM Ptot Tj Tstg PARAMETER

Collector-base voltage
IN
Collector-emitter voltage
Collector current (DC)
ANG CH
EMIC ES
Open emitter Open base
CONDITIONS
OND
TOR UC
VALUE 1500 800 12 30 8 12
UNIT V V A A A A W ae ae
Collector current -peak Base Collector current (DC) Base current -peak Total power dissipation Junction temperature Storage temperature TC=25ae
45 150 -65~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
BU2525AF
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA ;IB=0,L=25mH
800
V
V(BR)EBO VCEsat
Emitter-base breakdown voltage
IE=1mA ;IC=0 IC=8A ;IB=1.6 A
7.5
13.5
V
Collector-emitter saturation voltage
5.0
V
VBEsat
Base-emitter saturation voltage
IC=8A ;IB=1.6 A VCE=BVCES; VBE=0 Tj=125ae VEB=7.5V; IC=0
1.1 1.0 2.0 1.0
V
ICES
Collector cut-off current
mA
IEBO
Emitter cut-off current
mA
hFE-1
DC current gain
hFE-2 CC
DC current gain
Collector capacitance
ANG CH
IC=0.1A ; VCE=5V
13
IC=8A ; VCE=5V IE=0; f=1MHz;VCB=10V
5
IN
EMIC ES
OND
TOR UC
7 9.5 145
pF
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU2525AF
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.30mm)
3


▲Up To Search▲   

 
Price & Availability of BU2525AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X