Part Number Hot Search : 
4016B RG205 152M10 ICX454 SO16D 0K275P TP10AS 01919
Product Description
Full Text Search
 

To Download BU2507DX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU2507DX
DESCRIPTION *High Switching Speed *High Voltage *Built-in Ddamper Ddiode
APPLICATIONS *Designed for use in horizontal deflection circuits of coluor TV receivers and computer monitors.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-peak Base Current-Continuous Base Current-peak Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
VALUE 1500 700 7.5 8 15 4 6 45 150 -65~150
UNIT V V V A A A A W
IBM PC Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 2.8 UNIT K/W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
BU2507DX
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA ;IB= 0,L= 25mH
700
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 600mA ;IC= 0
7.5
13.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A ;IB= 0.8A
5.0
V
VBE(sat) ICES
Base-Emitter Saturation Voltage
IC= 4A ;IB= 0.8A VCE= BVCES; VBE= 0 VCE= BVCES; VBE= 0;TC=125 VEB= 7.5V; IC= 0 160
1.1 1.0 2.0
V
Collector Cutoff Current
mA
IEBO
Emitter Cutoff Current
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 5V
14
hFE-2
DC Current Gain
IC= 4A ; VCE= 5V
5
7
9
VECF
C-E Diode Forward Voltage
IF= 4A
2.0
V
COB
Output Capacitance
IE= 0 ; VCB= 10V;ftest= 1MHz
68
pF
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of BU2507DX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X