Part Number Hot Search : 
P010045 H7210 M325FAN XXXGX PC1602 1N5229A 1N5229A 19381357
Product Description
Full Text Search
 

To Download BTE001A0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTE4000 / PTU4000 Series
Pressure transmitters
FEATURES * 0...-1 to 0...10 bar absolute or gage1, 0...-15 to 0...150 psi gage1 * 0...5 V, 0...10 V, 1...6 V, 4...20 mA output * Field interchangeable * Rugged aluminium housing MEDIA COMPATIBILITY
Wetted materials: aluminium, silicon, glass Housing: Aluminium, protection class IP 65 (according to DIN EN 60529) respectively NEMA 41
SPECIFICATIONS9,10
Maximum ratings
ELECTRICAL CONNECTION
0...5 V, 0...10 V, 1...6 V output
Supply voltage (reverse polarity protection)2 BTE(M)/PTU4...0, ...1, ...7 BTE(M)/PTU4...4 Maximum load current BTE(M)/PTU4...0, ...1, ...7 Temperature limits Storage Operating Compensated Humidity limits Vibration (5 to 500 Hz) Mechanical shock Proof pressure3 BTEM4.../PTU4x01..., 05... BTE4010.../PTU4150... all others 1.4 bar / 20 psi 16 bar / 200 psi 2 x rated pressure 10 mA -55 to 100C -40 to 100C 0 to 50C 0 - 100 %RH 2g 50 g 4...20 mA output
+Vs 1 N/C 3 -Vs 2 12 ... 36 V
V
13...30 V 12...36 V
+Vs sensor 1 Vout 3 -Vs 2
13 ... 30 V
V
GND
sensor
RL GND
December 2008 / 096
1/6
www.sensortechnics.com
BTE4000 / PTU4000 Series
Pressure transmitters
COMMON PERFORMANCE CHARACTERISTICS
(VS = 15 V, tamb = 25C)
Characteristics
Operating pressure BTEM40070.. BTEM4P070.. BTEM4N250.. BTEM40350.. BTEM4N350.. BTEM4P350.. BTE4001.. BTE4N01.. BTE4P01.. BTE4002.. BTE4005.. BTE4010.. PTU4001.. PTU4P01.. PTU4005.. PTU4P05.. PTU4015.. PTU4P015.. PTU4030.. PTU4100.. PTU4150 Offset Span Offset Span
Min.
0 -70 -25 0 -350 -350 0 -1 -1 0 0 0 0 -1 0 -5 0 -15 0 0 0
Typ.
Max.
70 70 0 350 0 350 1 0 1 2 5 10 1 1 5 5 15 15 30 100 150 0.04 0.04
Unit
mbar
bar
p si g
Thermal effects (0 to 50C)5 (-20 to 0C, 50 to 70C)5 Non-linearity and hysteresis (BSL)6 Repeatability Long term stability7 Output noise (0 - 1 kHz) Response time (10 to 90 %) Power supply rejection
Offset Span
0.02 0.02 0.2 0.10 0.5 0.04 1.0 0.05 0.03
%FSO/C
0.50 %FS
ms %/V
December 2008 / 096
2/6
www.sensortechnics.com
BTE4000 / PTU4000 Series
Pressure transmitters
INDIVIDUAL PERFORMANCE CHARACTERISTICS1
0...10 V output (VS = 15 V, RL > 100 k, tamb = 25C)
Characteristics
Zero pressure offset Full scale span4 Output impedance Power consumption (no load) BTE/PTU4N... all others BTE/PTU4N... all others
Min.
4.85 -0.15 4.9 9.9
Typ.
5.0 0 5.0 10.0 6.0 100
Max.
5.15 0.15 5.1 10.1 50
Unit
V mW
0...5 V output (VS = 15 V, RL > 100 k, tamb = 25C)
Characteristics
Zero pressure offset Full scale span4 Output impedance Power consumption (no load) BTE/PTU4N... all others BTE/PTU4N... all others
Min.
2.35 -0.15 2.4 4.9
Typ.
2.5 0 2.5 5.0 6.0 100
Max.
2.65 0.15 2.6 5.1 50
Unit
V mW
1...6 V output (VS = 15 V, RL > 100 k, tamb = 25C)
Characteristics
Zero pressure offset Full scale span4 Output impedance Power consumption (no load) BTE/PTU4N... all others BTE/PTU4N... all others
Min.
3.35 0.85 2.4 4.9
Typ.
3.5 1.0 2.5 5.0 6.0 100
Max.
3.65 1.15 2.6 5.1 50
Unit
V mW
4...20 mA output (VS = 15 V, RL = 100 , tamb = 25C)
Characteristics
Zero pressure offset Full scale span4 Output impedance Power consumption (IL = 20 mA) BTE/PTU4N... all others BTE/PTU4N... all others
Min.
11.8 3.8 7.9 15.8
Typ.
12.0 4.0 8.0 16.0 0.1 260
Max.
12.2 4.2 8.1 16.2
Unit
mA mW
December 2008 / 096
3/6
www.sensortechnics.com
BTE4000 / PTU4000 Series
Pressure transmitters
OUTPUT CHARACTERISTICS
0...5 V output version
10 Vout 9 V 8 7 6 5 4 3 2 1 -100 -80 -60 -40 -20 0 +20 +40 +60 +80 +100 % operating pressure all others BTE/PTU4N... BTE/PTU4P...
0...10 V output version
10 Vout V9 8 7 6 5 4 3 2 1 -100 -80 -60 -40 -20 0 +20 +40 +60 +80 +100 % operating pressure BTE/PTU4N... all others BTE/PTU4P...
1...6 V output version
10 Vout 9 V 8 7 6 5 4 3 2 1 -100 -80 -60 -40 -20 0 +20 +40 +60 +80 +100 % operating pressure all others BTE/PTU4N... BTE/PTU4P...
4...20 mA output version
20 Iout 18 mA 16 14 12 10 8 6 4 2 -100 -80 -60 -40 -20 0 +20 +40 +60 +80 +100 % operating pressure all others BTE/PTU4N...
BTE/PTU4P...
LOAD LIMITATION
1200 Ohm 1000 800 600 400 200
operating range
0
10
20
30 V Vsupply
December 2008 / 096
4/6
www.sensortechnics.com
BTE4000 / PTU4000 Series
Pressure transmitters
ELECTROMAGNETIC CAPABILITY8
Radiated, radio frequency electromagnetic field immunity (RFI) Electrical fast transient / burst immunity (EFT) Electrostatic discharge immunity test (ESD) Immunity to conducted disturbances induced by radio-frequency fields Test conditions Criterion Interference EN61000-4-3: Grade 3, 10 V/m, 80 to 1000 MHz A <1 %FSO 80 % AMC (1 kHz) EN61000-4-4: Grade 3, 2 kV B <1 %FSO EN61000-4-2: Grade 4, 8 kV, contact discharge EN61000-4-6: Grade 3, 0.15 to 80 MHz 10 V, 80 % AMC (1 kHz) B A <1 %FSO <1 %FSO
OUTLINE DRAWING
93.0 (3.66) 12.0 (0.47) 2.0 (0.08) 70.0 (2.76) 10.0 (0.39) 18.0 (0.71)
30.0 (1.18)
14.0 (0.55)
18.0 (0.71)
1 3
2 vent hole
3/8" BSP (1/4"-18 NPT for PTU devices)
12.0 (0.47)
PIN 1 2 3 Voltage version +Vs -Vs Vout ca se Current version +Vs -Vs N/C ca se
mass: typ. 145 g
dimensions in mm (inches)
RECOMMENDED ACCESSORY
Plug DIN EN 175301-803 A and profile washer included in delivery. For a complete connector/cable assembly use order no. ZK000110-x (x=cable lenghts in m).
50
34
Profile washer M3 31
dimensions in mm
Note: For proper function of all gage devices the gage port must be vented to the atmosphere through the connector/cable assembly.
December 2008 / 096
5/6
www.sensortechnics.com
BTE4000 / PTU4000 Series
Pressure transmitters
Specification notes:
1. IP 65 protection is given with locked connector only. The package is an all-sealed housing. For proper function, the gage port is vented to the atmosphere through the connecting cable. Thus, the cable end must have access to the ambient pressure. 2. The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the load limitation diagram. 3. Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element. 4. Full scale span is the algebraic difference between the positive full scale output and offset. 5. Thermal effects tested and guaranteed from 0 to 50C relative to 25C. All specifications shown are relative to 25C. 6. Linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full scale pressure. 7. Long term stability is the change in output after one year or 1 million pressure cycles. 8. Test are in accordance with EN61000-6-2, April 1999. 9. CE-labelling is in accordance with 89/336/EEC. 10. The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
ORDERING INFORMATION
xTx(x)4
BTE(M): PTU: (m)bar calibration psi calibration
(x)xxx
x
x
Output signal 0: 0...10 V 1: 1...6 V 4: 4...20 mA 7: 0...5 V
BTE(M)4000 series 001: 0 to 1 bar N01: 0 to -1 bar P01: -1 to +1 bar 002: 0 to 2 bar 005: 0 to 5 bar 010: 0 to 10 bar 0070: 0 to 70 mbar P070: -70 to +70 mbar N250: 0 to -250 mbar 0350: 0 to 350 mbar N350: 0 to -350 mbar P350: -350 to +350 mbar
PTU4000 series 001: 0 to 1 psi P01: -1 to +1 psi 005: 0 to 5 psi P05: -5 to +5 psi 015: 0 to 15 psi P15: -15 to +15 psi 030: 0 to 30 psi 100: 0 to 100 psi 150: 0 to 150 psi
Pressure mode G: gage pressure1 A: absolute pressure (available for pressure ranges from 1 bar/15 psi upwards only)
Note:
Other pressure ranges and options are widely available. Please contact your nearest Sensortechnics sales representative.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. December 2008 / 096 6/6
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of BTE001A0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X