Part Number Hot Search : 
25A08 MP6754 CXA3001N ODEL1 AAMDB OP113 SS100 83977
Product Description
Full Text Search
 

To Download BTA12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
B
BTA/BTB12 series
12A Triacs logic level
1
MAIN FEATURES:
Symbol IT(RMS) VDRM/VRRM IGT (Q ) 1 Value 12 600 and 800 5 to 50 Unit A V mA
A2
G
A1
A2
DESCRIPTION Available either in through-hole or surface-mount packages, the BTA/BTB12 and T12 triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers,... The snubberless versions (BTA/BTB...W and T12 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. Logic level versions are designed to interface directly with low power drivers such as microcontrollers. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards (File ref.: E81734) ABSOLUTE MAXIMUM RATINGS
Symbol IT(RMS) Parameter RMS on-state current (full sine wave)
A1
A2 G
D2PAK (T12-G)
A2
A1 A2 G
A1 A2 G
TO-220AB Insulated (BTA12)
TO-220AB (B
Value Tc = 105C 12 Tc = 90C t = 20 ms t = 16.7 ms 120 126 78 Tj = 125C Tj = 25C Tj = 125C Tj = 125C 50 VDRM/VRRM
+ 100
Unit A A
DPAK/TO-220AB TO-220AB Ins.
ITSM
Non repetitive surge peak on-state current (full cycle, Tj initial = 25C) It Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns
F = 50 Hz F = 60 Hz
I t dI/dt
tp = 10 ms F = 120 Hz tp = 10 ms tp = 20 s
A s A/s V A W C
VDSM/VRSM Non repetitive surge peak off-state voltage IGM PG(AV) Tstg Tj S Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range
4 1 - 40 to + 150 - 40 to + 125
1/4
BTA/BTB12 series
12A Triacs logic level
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified)
SNUBBERLESSTM and LOGIC LEVEL (3 Quadrants)
Symbol Test Conditions Quadrant T12 T1235 IGT (1) VGT VGD IH (2) IL dV/dt (2) VD = 12 V RL = 30 I - II - III I - II - III I - II - III MAX. MAX. MIN. MAX. I - III II VD = 67 %VDRM gate open Tj = 125C Tj = 125C Tj = 125C Tj = 125C (dV/dt)c = 10 V/s Without snubber MIN. MIN. MAX. 35 50 60 500 6.5 10 10 15 20 3.5 1 35 TW 5 SW 10 1.3 0.2 15 25 30 40 6.5 2.9 35 50 60 500 6.5 50 70 80 1000 12 V/s A/ms BTA/BTB12 CW 35 BW 50 mA V V mA mA Unit
VD = VDRM RL = 3.3 k Tj = 125C IT = 100 mA IG = 1.2 IGT
(dI/dt)c (2) (dV/dt)c = 0.1 V/s
STANDARD (4 Quadrants)
Symbol Test Conditions Quadrant BTA/BTB12 C IGT (1) VD = 12 V VGT VGD IH (2) IL dV/dt (2) VD = VDRM RL = 3.3 k Tj = 125C IT = 500 mA IG = 1.2 IGT VD = 67 %VDRM gate open Tj = 125C Tj = 125C I - III - IV II MIN. MIN. (dV/dt)c (2) (dI/dt)c = 5.3 A/ms RL = 30 I - II - III IV ALL ALL MAX. MAX. MIN. MAX. MAX. 25 40 80 200 5 25 50 1.3 0.2 50 50 100 400 10 V/s V/s B 50 100 mA V V mA mA Unit
STATIC CHARACTERISTICS
Symbol VT (2) Vto (2) Rd (2) IDRM IRRM
Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1
Test Conditions ITM = 17 A tp = 380 s Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MAX. MAX.
Value 1.55 0.85 35 5 1
Unit V V m A mA
Threshold voltage Dynamic resistance VDRM = VRRM
2/4
12A Triacs logic level
OTHER INFORMATION
Part Number BTA/BTB12-xxxyz BTA/BTB12-xxxyzRG T1235-xxxG T1235-xxxG-TR Marking BTA/BTB12-xxxyz BTA/BTB12-xxxyz T1235xxxG T1235xxxG Weight 2.3 g 2.3 g 1.5 g 1.5 g Base quantity 250 50 50 1000 Packing mode Bulk Tube Tube Tape & reel
BTA/BTB12 series
Note: xxx = voltage, yy = sensitivity, z = type
Fig. 1: Maximum power dissipation versus RMS on-state current (full cycle).
P (W) 16 14 12 10 8 6 4 2 0 0 1 2 3 4
IT(RMS)(A)
Fig. 2-1: RMS on-state current versus case temperature (full cycle).
IT(RMS) (A) 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
BTB/T12
BTA
Tc(C)
5
6
7
8
9
10 11 12
0
25
50
75
100
125
Fig. 2-2: RMS on-state current versus ambient temperature (printed circuit board FR4, copper thickness: 35m),full cycle.
IT(RMS) (A) 3.5 3.0 2.5 2.0
D2PAK (S=1cm2)
Fig. 3: Relative variation of thermal impedance versus pulse duration.
K=[Zth/Rth] 1E+0
Zth(j-c)
1E-1
Zth(j-a)
1.5 1.0 0.5 0.0 0 25 Tamb(C) 50 75 100 125
1E-2 1E-3 1E-2 1E-1
tp(s)
1E+0 1E+1 1E+2 5E+2
3/4
12A Triacs logic level
Fig. 4: values).
ITM (A) 100
130 120 110 100 90 80 70 60 50 40 30 20 10 0
BTA/BTB12 series
On-state characteristics (maximum
Fig. 5: Surge peak on-state current versus number of cycles.
ITSM (A)
t=20ms
Tj max
Non repetitive Tj initial=25C
One cycle
10
Tj=25C Tj max. Vto = 0.85 V Rd = 35 m
Repetitive Tc=90C
VTM(V)
Number of cycles
1 0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
1000
Fig. 6: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10ms, and corresponding value of It.
ITSM (A), It (As) 1000
dI/dt limitation: 50A/s Tj initial=25C
Fig. 7: Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values).
IGT,IH,IL[Tj] / IGT,IH,IL [Tj=25C] 2.5 2.0
IGT
ITSM
1.5
100
It
IH & IL
1.0 0.5
Tj(C)
tp (ms) 10 0.01 0.10 1.00 10.00
0.0 -40
-20
0
20
40
60
80
100
120
140
Fig. 8-1: Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values) (BW/CW/T1235).
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c 2.8 2.4 2.0
C SW
Fig. 8-2: Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values) (TW).
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c 5.0 4.5 4.0 3.5 3.0 2.5
TW
1.6 1.2 0.8 0.4
B BW/CW/T1235
2.0 1.5 1.0 0.5
(dV/dt)c (V/s)
(dV/dt)c (V/s)
1.0 10.0 100.0
0.0 0.1
1.0
10.0
100.0
0.0 0.1
4/4


▲Up To Search▲   

 
Price & Availability of BTA12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X