Part Number Hot Search : 
D452A 9010D AD8039 RN1414 1616A BRF1060 M38256 12N23
Product Description
Full Text Search
 

To Download BD140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-126 package *High current *Complement to type BD135/137/139 APPLICATIONS *Driver stages in high-fidelity amplifiers and television circuits
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
BD136 BD138 BD140
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER BD136 VCBO Collector-base voltage BD138 BD140 BD136 VCEO Collector-emitter voltage BD138 BD140 VEBO IC ICM IBM Pt Tj Tstg Tamb Emitter -base voltage Collector current (DC) Collector current-Peak Base current-Peak Total power dissipation Junction temperature Storage temperature Operating ambient temperature Tmb670 Open collector Open base Open emitter CONDITIONS VALUE -45 -60 -100 -45 -60 -100 -5 -1.5 -2 -1 8 150 -65~150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-a Rth j-mb PARAMETER Thermal resistance from junction to ambient Thermal resistance from junction to mounting base VALUE 100 10 UNIT K/W K/W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter voltage CONDITIONS IC=-0.5A; IB=-50mA IC=-500mA ; VCE=-2V VCB=-30V; IE=0 ICBO Collector cut-off current VCB=-30V; IE=0 Tj=125 IEBO hFE-1 hFE-2 hFE-3 fT Emitter cut-off current DC current gain DC current gain BD136-10;BD138-10;BD140-10 BD136-16;BD138-16;BD140-16 DC current gain Transition frequency VEB=-5V; IC=0 IC=-5mA ; VCE=-2V IC=-150mA ; VCE=-2V IC=-500mA ; VCE=-2V
BD136 BD138 BD140
SYMBOL VCEsat VBE
MIN
TYP.
MAX -0.5 -1.0 -100 -10 -100
UNIT V V nA A nA
40 63 63 100 25 160 MHz 250 160 250
IC=-50mA; VCE=-5V ;f=100MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
BD136 BD138 BD140
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BD140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X