Part Number Hot Search : 
00FE2 25001 MBT440 1MORGXR 6601D 50KHZ ZNBG3115 CY7B991
Product Description
Full Text Search
 

To Download BC640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC636/638/640
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
TO-92
4.550.2
PNP Type
Plastic Encapsulate Transistors
FEATURE
Power Dissipation: PCM: 0.83 mW (Tamb=25oC)
3.50.2
4.50.2
14.30.2
0.46+0.1 -0.1 (1.27 Typ. ) 1.25-0.2 123 2.540.1
o
+0.2
0.43+0.08 -0.07
1: Emitter 2: Collector 3: Base
MAXIMUM RATINGS (TA=25 C unless otherwise specified)
PARAMETERS Collector - Emitter Voltage BC636 BC638 BC640 Collector - Base Voltage BC636 BC638 BC640 Emitter - Base Voltage Collector Current - Continuous Collector Power Dissipation Junction, Storage Temperature Thermal Resistance from Junction to Ambient
o
SYMBOLS VCEO
VALUES -45 -60 -80
UNIT V V V V V V V A A mA
o
VCBO
-45 -60 -100
VEBO IC ICP IB TJ,TSTG RJA*
-5 -1 -1.5 100 150, -65 ~ 150 150
C
K/w
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise specified)
PARAMETERS Collector - emitter breakdown voltage Collector cut-off current Emitter cut-off current SYMBOL V(BR)CEO I CBO I EBO hFE(1) DC current gain hFE(2) hFE(3) Collector - emitter saturation voltage Base - emitter voltage Transition frequency VCE(sat) VBE(ON) fT VCB=-30V, IE=0 VEB=-5V, IB=0 VCE=-2V, IC=-5mA VCE=-2V, IC=-150mA BC636-10
BC636-16, BC638-16, BC640-16
TEST CONDITIONS IC=10mA, IB=0 BC636 BC638 BC640
MIN -45 -60 -80
TYP
MAX
UNIT V V V A A
-0.1 -0.1 40 63 100 25 160 250 -0.5 -1 100
VCE=-2V, IC=-500mA IC=-500mA, IB=-50mA VCE=-2V, IC=-500mA VCE=-5V, IC=-50mA, f=100MHz
V V MHz
CLASSIFICATION OF hFE(2)
RANK RANGE
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
BC636-10 63-160
BC636-16, BC638-16, BC640-16 100-250
Any changing of specification will not be informed individual
Page 1 of 2
BC636/638/640
Elektronische Bauelemente
PNP Type
Plastic Encapsulate Transistors
TYPICAL CHARACTERISTICS
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individu
Page 2of 2


▲Up To Search▲   

 
Price & Availability of BC640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X