Part Number Hot Search : 
CZRA4743 IRFP240R MAX1600 AP2622GY MSM51 1J101 NTE1281 6601D
Product Description
Full Text Search
 

To Download AZ695-9G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ695
SENSITIVE SUBMINIATURE RELAY
FEATURES * Extremely small footprint utilizing only 0.18 square inch of PCB area * Thin vertical profile only 0.256" wide * 1 Form A contact with up to 5 Amp switching capability * High sensitivity, 100 mW pickup * Dielectric strength 3000 Vrms contact to coil * Coils to 24 VDC * Epoxy sealed for automatic wave soldering and cleaning * UL file E44211; CSA file 74461 CONTACTS
Arrangement Ratings SPST (1 Form A) Resistive load: Max. switched power: 150 W or 1250 VA Max. switched current: 5 A Max. switched voltage: 150* VDC or 250 VAC Inductive load (p.f. = 0.40, L/R = 7 ms) 2 A at 250 VAC, 30 VDC UL/CSA Ratings 5 A at 30 VDC resistive 5 A at 250 VAC general use 1/10 HP 120 VAC
Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 20 million operations 1 X 105 at 5 A, 30 VDC or 250 VAC Res. 6 ms at nominal coil voltage 3 ms at nominal coil voltage (with no coil suppression)
Dielectric Strength 750 Vrms between open contacts (at sea level for 1 min.) 3000 Vrms contact to coil Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure 100 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 70C (158F) -40C (-40F) to 105C (221F) 0.062" DA at 10-55 Hz 10 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 3 grams
Material
Options: Silver cadmium oxide Silver cadmium oxide with gold plating < 30 milliohms initially (6 V, 1 A, voltage drop method)
Resistance
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature 100 mW 550 mW at 20C (68F) ambient 420 mW at 40C (104F) ambient 25C (45F) at nominal coil voltage Max. 105C (221F)
Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Minimum permissible contact load: SCO contact: 100 mA at 5 VDC SCO contact with gold plating: 10 mA at 5 VDC 4. Specifications subject to change without notice.
7/12/01W
AZ695
RELAY ORDERING DATA
COIL SPECIFICATIONS
Nominal Coil VDC 5 6 9 12 18 24 Max. Continuous VDC 8.4 10.1 15.2 20.2 29.5 40.5 Coil Resistance 10% 125 180 405 720 1,620 2,880 Must Operate VDC 3.5 4.2 6.3 8.4 12.6 16.8
ORDER NUMBER
SCO Contact AZ695-5 AZ695-6 AZ695-9 AZ695-12 AZ695-18 AZ695-24 SCO with Gold Plating Contact AZ695-5G AZ695-6G AZ695-9G AZ695-12G AZ695-18G AZ695-24G
MECHANICAL DATA
.012 (0.3) .690 (17.5) .012 (0.3) .256 (6.5)
.492 (12.5)
0.13 (3.3) .032 (0.8) 0.2 (5.08) .020 (0.5) 0.3 (7.62) 0.1 (2.54) .012 (0.3) .035 (0.9) 0.2 (5.08)
PC BOARD LAYOUT
.043 (1.1) DIA 0.2 (5.08)
WIRING DIAGRAM
13
0.2 (5.08)
0.3 (7.62)
0.1 (2.54)
7
5 Viewed toward terminals
1
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
7/12/01W


▲Up To Search▲   

 
Price & Availability of AZ695-9G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X