Part Number Hot Search : 
W25X16BV 40240 40240 KTA2014E NSPE500S AA32416 GH0630 934512
Product Description
Full Text Search
 

To Download ANDPSI056ET0S-HB-KIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Displays
ANDPSI056ET0S-HB-KIT
Analog RGB Interface
The ANDPSI056ET0S-HB-KIT is a 100% Plug in Play LCD controller board with VESA standard RGB 8 bit supports. It utilizes poly-silicon (psi) technology to provide a brighter, thinner and lighter display with high-resolution and measures only 4.25" x 4.0" x 0.35."
LCD Display Supports:
* * * * * * One LVDS / Two LVDS support Supports VGA, SVGA, XGA, SXGA Panel interface TTL 12bit, 18bit, 24bit Panel interface LVDS: 24bit / 48bit Brightness control10% to 100% programmable Auto sync, Auto input detect, Auto setup, Auto color level
Features:
* VESA standard Analog RGB 8 bit supports -VGA (640 x 480) @60Hz, 70Hz, 75Hz -SVGA (800 x 600) @ 60Hz, 70Hz, 75Hz -XGA (1024 x 768) @60Hz, 70Hz, 75Hz -SXGA (1280 x 1024) @60Hz, 70Hz, 75Hz * Scaling engine ST Micro ADE3700 * On board LVDS interface * Dedicated interface connectors for VGA, SVGA, XGA, & SXGA displays * Compact size 4.25"" x 4.0" x 0.35", low profile components * Internal +12V power supply * Low profile VGA connector available * Supports 16 million colors * Interface TTL / LVDS * 100% Plug in Play LCD controller board
CON9: LCD Panel Data Interface
Pin2 Pin3 Pin 7 Pin 30 Pin 29 Pin 14 Pin 28 Pin 27 Pin 17 Pin 26 VDD VDD Vss Rin0Rin0+ Vss Rin1Rin1+ Vss Rin2Rin2+ Vss RclkRclk+ Red Red Black Black White Black Black White Black Black White Black Black White Twisted pair Twisted pair Twisted pair Single wire Twisted pair Single wire Twisted pair Single wire Twisted pair
Dimensions:
4.25" x 4.5" x 0.25"
Pin 25 Pin 24 Pin 23
Connector Definitions:
Con8: Touch screen connector Con9: XGA/SXGA panel interface Con4: VGA/SVGA panel interface Con2: Backlight interface Con3: +12V AC/DC Power In J2: +12V DC internal support from PC power supply Con6: DB15 Analog RGB standard Con11: Analog RGB low profile connector
Pin 22
GND= Pin 7, Pin 14, Pin 17, Pin 24 VCC= Pin 1, Pin 2, Pin 3
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8216 * Fax: 408.733.1287 * sales@purdyelectronics.com
7/28/07
1
www.purdyelectronics.com
Displays
CON2: CCFL Cable Linfinity
ANDPSI056ET0S-HB-KIT
CON1: OSD Key Pads Interface
Molex (WM1759ND) Pin1= KB0 (Input data) Pin2= KB1 (Input data) Pin3= GND Pin4= GND Pin5= O-LED (Input data) Pin6= G-LED (Input data) Pin7= NC Pin8= NC
On Board Molex (53261-1090) Red Red NC Black Black NC White Yellow NC NC
Linfinity Molex (53261-0890) Vin + 12V Vin + 12V GND GND
Sleep (on/off) Brightness NC NC
OSD Support:
ADE3700 OSD Keys: (Six Buttons)
2
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8216 * Fax: 408.733.1287 * sales@purdyelectronics.com
7/28/07
www.purdyelectronics.com
Displays
Board Photo
ANDPSI056ET0S-HB-KIT
7/28/07
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8216 * Fax: 408.733.1287 * sales@purdyelectronics.com
3
www.purdyelectronics.com


▲Up To Search▲   

 
Price & Availability of ANDPSI056ET0S-HB-KIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X