Part Number Hot Search : 
UNR1215 MCH6341 ZTB973E X9511 HZK6A1L BUX9803 HZK6A1L BR1010
Product Description
Full Text Search
 

To Download AC-082ASAYH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMP I RE
SPECIFICATIONS FOR LCD MODULE
CUSTOMER CUSTOMER PART NO. AMPIRE PART NO. APPROVED BY DATE AC-082A
APPROVED BY
CHECKED BY
ORGANIZED BY
Date : 2001/12/11
AMPIRE CO., LTD.
1
RECORD OF REVISION
Revision Date 1999/10/6 2000/10/5 2001/12/11 Page 14 Contents New Release Modify sampling plan. Modify LED characteristic
Date : 2001/12/11
AMPIRE CO., LTD.
2
1
FEATURES
(1) Display format : 8 characters x 2 lines (2) Construction : STN LCD panel, Bezel, Zebra and PCB. (3) Optional LED back-light. (4) Controller : KS0066U or Equivalent. (5) 5V single power input. (Special request for 3.3V driving, built-in DC/DC converter.) (6) Normal / Extended temperature type.
2
NUMBERING SYSTEM AC-082A _ _ _ _ - _ 1234 5
No 1 Code Value G Y S 2 A B I J T U 3 4 5 None L None Y None H Description STN gray type LCD STN yellow green type LCD STN negative type LCD Reflective type / 6:00 view Reflective type / 12:00 view Transflective type / 6:00 view Transflective type / 12:00 view Negative type / 6:00 view Negative type / 12:00 view Without backlight 5V LED Without backlight Yellow-green Normal temperature type Extended temperature type LCM temperature type Backlight color Backlight type Polarizer / Viewing Angel Remark LCD Type
Date : 2001/12/11
AMPIRE CO., LTD.
3
3
MECHANICAL DATA
Parameter Dot size Dot pitch Character size Viewing area Module size Module size (w/ LED back-light) Stand Value 0.545(W) x 0.645(H) 0.60(W) x 0.70(H) 2.945(W) x 5.545(H) 35.0(W) x 15.0(H) 58.0(W) x 32.0(H) x 10.0 max (T) 58.0(W) x 32.0(H) x 13.8 max (T) Unit mm mm mm mm mm mm
4
ABSOLUTE MAXIMUM RATINGS
Parameter Logic Circuit Supply Voltage LCD Driving Voltage Input Voltage Symbol VDD-VSS VDD-VO VI TOP TSTG TOP TSTG Min -0.3 -0.3 -0.3 0 -20 -20 -30 Max 7.0 10.0 VDD+0.3 50 70 70 80 Unit V V V C C C C
Normal temp. type
Operating Temp. Storage Temp.
Extended temp. type
Operating Temp. Storage Temp.
Date : 2001/12/11
AMPIRE CO., LTD.
4
5
ELECTRO-OPTICAL CHARACTERISTICS
Parameter Logic Circuit Supply Voltage LCD Driving Voltage Symbol VDD-VSS VDD-VO Condition --20 C 0 C 25 C 50 C 70 C Input Voltage Logic Supply Current Contrast Rise Time Fall Time Viewing Angle Range VIH VIL IDD --VDD = 5V Min 2.7 4.5 4.45 4.4 4.2 4.0 0.7 VDD VSS -Typ -4.7 4.65 4.6 4.4 4.2 --1.0 Max 5.5 4.9 4.75 4.8 4.6 4.4 VDD 0.3 VDD 1.5 V V mA Unit V V 0 ~ 50 C for Normal Temp. type -20 ~ 70 C for Extended Temp. type Note
----- Electronic Characteristics -----
----- Optical Characteristics ----CR tr tf f b l r Frame Frequency Forward Voltage Forward Current fF VF IF 25C -VF=4.05V VF=4.05V 25C 25C 25C 25C & CR2 -----------A
5 200 200 40 35 35 35 64 4.05 70 30
-300 300 -----4.3 --Hz V mA cd/m2 Deg. ms ms
Note 1 Note 2 Note 3
----- LED Back-light Characteristics ----Supply Voltage between A&K
LCM Luminous intensity * LED Dice number = 2x =14
K
Date : 2001/12/11
AMPIRE CO., LTD.
5
(NOTE 1) Contrast ratio : CR = (Brightness in OFF state) / (Brightness in ON state) ( NOTE 2 ) Response time :
(NOTE 3) Viewing angle
Date : 2001/12/11
AMPIRE CO., LTD.
6
6
BLOCK DIAGRAM & INTERFACE
E RS R/W DB0~DB7
COM 1-16
LCD Panel 8*2 Chars
KS0066
SEG 1-40 VDD VSS
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
Symbol VSS VDD VO RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 Ground (0V)
Function Supply Voltage for Logic (+5V or +3.3V) Contrast Adjustment Data/Instruction Select Read/Write Select Enable Signal Data Bus Data Bus Data Bus Data Bus Data Bus Data Bus Data Bus Data Bus
Date : 2001/12/11
AMPIRE CO., LTD.
7
7
POWER SUPPLY
LCD Module
VDD(+5V) VDD(+3.3V) LCD Bias Circuit
LCD Bias Circuit VO
R1 VR
VO -3.3V DC/DC Converter R8 VR VSS
LCD Module
R2 VSS
5V Power Input
3.3V Power Input
JP1 VDD R9 R10
A K 1 2
LED_BACKLIGHT
JP3
There are two methods to light up the LED back-light : (Please indicate while ordering.) (1) Add +4.05V between LED A & K directly. (Default) (2) Short JP1&JP3 and use current-limit resistor(R9/R10), use the same power (+5V) with the logic circuit.
Date : 2001/12/11
AMPIRE CO., LTD.
8
8
TIMING CHARACTERISTICS
Write Operation
Item
Symbol
VDD=5V Min Max --20 -----
VDD=3.3V Min 1000 450 -60 20 195 10 Max --25 -----
Unit
Enable cycle time Enable pulse width Enable rise/fall time Address set-up time (RS, R/W to E) Address hold time Data set-up time Data hold time
tcycE PWEH tEr,tEf tAS tAH tDSW tH
500 230 -40 10 80 10
ns
Date : 2001/12/11
AMPIRE CO., LTD.
9
Read Operation
Item
Symbol
VDD=5V Min Max --20 --120 --
VDD=3.3V Min 1000 450 -60 20 -5 Max --25 --360 --
Unit
Enable cycle time Enable pulse width Enable rise/fall time Address set-up time (RS, R/W to E) Address hold time Data delay time Data hold time
tcycE PWEH tEr,tEf tAS tAH tDDR tDRH
500 230 -40 10 -5
ns
Date : 2001/12/11
AMPIRE CO., LTD.
10
9
INSTRUCTION SET
Code Description E.T.(fOSC =270 RS R/ D7 D6 D5 D4 D3 D2 D1 D0 KHZ) W 0 0 0 0 0 0 0 0 0 1 Write"20H" to DDRAM and set DDRAM 1.53 ms Clear Display address to "00H" from AC 0 0 0 0 0 0 0 0 1 -- Sets DD RAM address to "00H" from AC 1.53 ms Return Home and return cursor to its original position if shifted. The contents of DDRAM are not changed. Entry Mode 0 0 0 0 0 0 0 1 I/D SH Assign cursor moving direction and enable 39 S SET the shift of entire display. 0 0 0 0 0 0 1 D C B Set display (D), cursor (C), and blink of Display 39 S ON/OFF cursor (B) on/off control bit. Control 0 0 0 0 0 1 S/ R/ -- -- Set cursor moving and display shift control Cursor or 39 S Display CL bit, and the direction, without changing of Shift DDRAM data. 0 0 0 0 1 DL N F -- -- Sets interface data length (DL:8-bit/4-bit), Function 39 S Set number of display lines (N:2-line/1-line) and , display font type (F:5x11dots/5x8 dost). 0 0 0 1 AC AC AC AC AC AC Sets CG RAM address in address counter. Set CG 39 S RAM 543210 Address 0 0 1 AC AC AC AC AC AC AC Sets DD RAM address in address counter. Set DD 39 S RAM 6 543210 Address Read Busy 0 1 BF AC AC AC AC AC AC AC Whether during internal operation or not 0 S Flag and 6 5 4 3 2 1 0 can be known by reading BF. The contents Address of address counter can also be read. Write Data 1 0 D7 D6 D5 D4 D3 D2 D1 D0 Writes data into internal RAM (DD RAM 43 S to RAM /CG RAM). Read Data 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Reads data from internal RAM (DD RAM 43 S from RAM /CG RAM). * "--" : don't care Note : When an MPU program with checking the Busy Flag(DB7) is made, it must be necesssary1/2Fosc is necessary for executing the next instruction by the falling edge of the `E' signal after the Busy Flag(DB7) goes to "LOW".
Instruction
Date : 2001/12/11
AMPIRE CO., LTD.
11
10 INITIALIZATION SEQUENCE
11 DD RAM ADDRESS
DIGIT 1 LINE 2 LINE 1 2 3 4 5 6 7 8 Display Position DD RAM Address
00 01 02 03 04 05 06 07 40 41 42 43 44 45 46 47
Date : 2001/12/11
AMPIRE CO., LTD.
12
12 FONT TABLE
Date : 2001/12/11
AMPIRE CO., LTD.
13
13 QUALITY AND RELIABILITY 13.1 TEST CONDITIONS
Tests should be conducted under the following conditions : Ambient temperature : 25 5C Humidity : 60 25% RH.
13.2 SAMPLING PLAN
Sampling method shall be in accordance with MIL-STD-105E , level II, normal single sampling plan .
13.3 ACCEPTABLE QUALITY LEVEL
A major defect is defined as one that could cause failure to or materially reduce the usability of the unit for its intended purpose. A minor defect is one that does not materially reduce the usability of the unit for its intended purpose or is an infringement from established standards and has no significant bearing on its effective use or operation.
13.4 APPEARANCE
An appearance test should be conducted by human sight at approximately 30 cm distance from the LCD module under flourescent light. The inspection area of LCD panel shall be within the range of following limits.
Date : 2001/12/11
AMPIRE CO., LTD.
14
13.5 INSPECTION QUALITY CRITERIA
Item Function Dimension Black spots Description of defects Class of Defects Major Major Minor Acceptable level (%) 0.65 1.5 2.5
Black lines
Bubbles in polarizer Color uniformity Glass Scratches Contrast ratio Response time Viewing angle
Short circuit or Pattern cut Deviation from drawings Ave . dia . D area A area B Disregard D0.2 3 4 0.2 0.5 for N = 1 Rainbow color or newton ring. Obvious visible damage. See note 1 See note 2 See note 3
Minor
2.5
Minor Minor Minor Minor Minor Minor
2.5 2.5 2.5 2.5 2.5 2.5
Zone A active area Zone B viewing area
Date : 2001/12/11
AMPIRE CO., LTD.
15
13.6 RELIABILITY
Test Conditions Test Item High Temperature Operation Low Temperature Operation High Temperature Storage Low Temperature Storage Thermal Shock Test Normal Temp. type 503C , t=96 hrs 03C , t=96 hrs 703C , t=96 hrs Extended Temp. type 703C , t=96 hrs -203C , t=96 hrs 803C , t=96 hrs 1,2 Note
1,2 -203C , t=96 hrs -303C , t=96 hrs -30C ~ 25C ~ 80C -20C ~ 25C ~ 70C 5 min. 30 min. 30 m in. 5 min. 30 min. 30 min. 1,2 ( 1 cycle ) ( 1 cycle ) Total 5 cycle Total 5 cycle 40 C, Humidity 90%, 96 hrs 1,2
Humidity Test
Sweep frequency : 10 ~ 55 ~ 10 Hz/1min Amplitude : 0.75mm 2 Vibration Test (Packing) Test direction : X.Y.Z/3 axis Duration : 30min/each axis Note 1 : Condensation of water is not permitted on the module. Note 2 : The module should be inspected after 1 hour storage in normal conditions (15-35C , 45-65%RH). Definitions of life end point : Current drain should be smaller than the specific value. Function of the module should be maintained. Appearance and display quality should not have degraded noticeably. Contrast ratio should be greater than 50% of the initial value.
Date : 2001/12/11
AMPIRE CO., LTD.
16
14 HANDLING PRECAUTIONS
(1) A LCD module is a fragile item and should not be subjected to strong mechanical shocks. (2) Avoid applying pressure to the module surface. This will distort the glass and cause a change in color. (3) Under no circumstances should the position of the bezel tabs or their shape be modified. (4) Do not modify the display PCB in either shape or positioning of components. (5) Do not modify or move location of the zebra or heat seal connectors. (6) The device should only be soldered to during interfacing. Modification to other areas of the board should not be carried out. (7) In the event of LCD breakage and resultant leakage of fluid do not inhale, ingest or make contact with the skin. If contact is made rinse immediately. (8) When cleaning the module use a soft damp cloth with a mild solvent, such as Isopropyl or Ethyl alcohol. The use of water, ketone or aromatic is not permitted. (9) Prior to initial power up input signals should not be applied. (10) Protect the module against static electricity and observe appropriate anti-static precautions.
Date : 2001/12/11
AMPIRE CO., LTD.
17
15 OUTLINE DIMENSION
Date : 2001/12/11
AMPIRE CO., LTD.
18


▲Up To Search▲   

 
Price & Availability of AC-082ASAYH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X