Part Number Hot Search : 
SAMTEC BA6191 00003 116400C V390MA3A BA6191 M7622HB MJE253
Product Description
Full Text Search
 

To Download 86114-4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Limit EMI Emissions In Front Panel Applications With Molex's Optical EMI Adapters EMI (Electro Magnetic Interference) shielding adapters are designed to address mechanical design requirements to limit EMI emissions from the equipment front panel. The adapters are constructed of die-cast bodies with an EMI gasket that seals the adapters to the panel. EMI adapters increase the shielding effectiveness while enhancing the front panel aesthetics compared to traditional plastic adapters. Our extensive EMI adapter product line includes SC, LC Duplex and MPO styles. The family includes both straight and angled mount adapters in both snap-in and screw mount configurations. The straight mount designs meet industry standard mounting dimensions. The angled mount design cut-outs are unique to each adapter. External shutters are standard on adapters, ensuring dust protection and eye laser safety. Features and Benefits
Optical EMI Adapters LC - 86115 Series MPO - 86114 Series SC - 86116 Series
I Die-cast adapter housings provide superior shielding effectiveness
I Aperture is reduced to the minimum possible size to minimize EMI emissions
I EMI gaskets included create an EMI seal between the adapter and the mounting surface I Safety shutters included provide dust protection, eye safety and reduce EMI when no connector is installed I Screw or snap mount styles available provide mounting flexibility I Straight or 45 mounting orientations allow for lower cable exit profile SPECIFICATIONS Reference Information Packaging: Bag Mates With: LC Duplex, SC, MPO connectors Designed In: SC - Inches, LC and MPO - Millimeters Mechanical Mating Durability: IL<0.2dB over 200 cycles Physical Adapter Housing: LC, MPO and SC - Zinc Die-cast LC 45 - Zinc Die-cast/Polymer Plating: Nickel Chrome Alignment Sleeve: Zirconia Ceramic Operating Temperature: -40 to +75 C Mates with: Industry standard fiber optic connectors
APPLICATIONS I Telecommunication - High-speed line cards - Server blades - Router connections
I Storage - ATM equipment - Gigabit Ethernet testing equipment
I Other Markets - Test equipment - Any front panel application where EMI is an issue (Offers a more robust and visually appealing adapter than traditional plastic adapters)
ORDERING INFORMATION
Optical EMI Adapters LC - 86115 Series MPO - 86114 Series SC - 86116 Series
LC Duplex EMI Adapters
Part Number 86115-3100 86115-4100 86115-1100 86115-1110 86115-1120 86115-2100 86115-2110 86115-2120 86115-3200 Type LC Duplex Adapter LC Duplex Adapter LC Duplex Adapter LC Duplex Adapter LC Duplex Adapter LC Duplex Adapter LC Duplex Adapter LC Duplex Adapter LC Duplex Adapter Mount Style Screw Snap Screw Screw Screw Snap Snap Snap Single Screw Mount Angle 45 45 Straight Straight Straight Straight Straight Straight 45 Shutter One Side One Side None One Side Two Sides None One Side Two Sides One Side Mount From Front/Rear Front/Rear Front/Rear Front/Rear Front/Rear Front/Rear Front/Rear Front/Rear Rear Only
LC Duplex EMI Adapters
MPO EMI Adapters
Part Number 86114-1100 86114-1200 86114-3000 86114-4000 86114-3200 Type MPO EMI Adapter MPO EMI Adapter MPO EMI Adapter MPO EMI Adapter MPO Quad EMI Adapter Mount Style Screw Snap Screw Snap Screw Mount Angle Straight Straight 45 45 45 Shutter One Side One Side One Side One Side None Mount From Front/Rear Front/Rear Front Only Front Only Rear Only
MPO EMI Adapters
SC EMI Adapters
Part Number 86116-2000 86116-2100 Type SC EMI Adapter SC EMI Adapter Mount Style Snap Screw Mount Angle Straight Straight Shutter One Side One Side Mount From Front/Rear Front/Rear
SC EMI Adapters
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Visit our Web site at http://www.molex/product/fiber/emiadapter.html
Order No. USA-189 Rev. 4 Printed in USA/JI/2004.08 (c)2004, Molex


▲Up To Search▲   

 
Price & Availability of 86114-4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X