Part Number Hot Search : 
TP250 TIP127FP PN8231 GXP6W SMLP3 22252 KM155NP3 B3200C
Product Description
Full Text Search
 

To Download 63CPQ100GPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 63CPQ100GPBF
Vishay High Power Products
Schottky Rectifier, 2 x 30 A
FEATURES
Base common cathode 2
* 175 C TJ operation * Center tap TO-247 package * Low forward voltage drop * High frequency operation
Pb-free Available
RoHS*
COMPLIANT
TO-247AC
1 3 Anode Anode 2 1 2 Common cathode
* High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance * Guard ring for enhanced ruggedness and long term reliability * Lead (Pb)-free ("PbF" suffix) * Designed and qualified for industrial level
DESCRIPTION PRODUCT SUMMARY
IF(AV) VR 2 x 30 A 100 V
The 63CPQ100GPBF center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL IF(AV) VRRM IFSM VF TJ tp = 5 s sine 30 Apk, TJ = 125 C (per leg) Range CHARACTERISTICS Rectangular waveform VALUES 60 100 2200 0.64 - 55 to 175 UNITS A V A V C
VOLTAGE RATINGS
PARAMETER Maximum DC reverse voltage Maximum working peak reverse voltage SYMBOL VR VRWM 63CPQ100GPBF 100 UNITS V
ABSOLUTE MAXIMUM RATINGS
PARAMETER Maximum average forward current See fig. 5 per leg IF(AV) per device 5 s sine or 3 s rect. pulse IFSM 10 ms sine or 6 ms rect. pulse EAS IAR TJ = 25 C, IAS = 1 A, L = 30 mH Current decaying linearly to zero in 1 s Frequency limited by TJ maximum VA = 1.5 x VR typical Following any rated load condition and with rated VRRM applied 50 % duty cycle at TC = 153 C, rectangular waveform 60 A 2200 410 15 1 mJ A SYMBOL TEST CONDITIONS VALUES 30 UNITS
Maximum peak one cycle non-repetitive surge current per leg See fig. 7 Non-repetitive avalanche energy per leg Repetitive avalanche current per leg
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 94243 Revision: 13-Aug-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 1
63CPQ100GPBF
Vishay High Power Products
ELECTRICAL SPECIFICATIONS
PARAMETER SYMBOL 30 A Maximum forward voltage drop per leg See fig. 1 VFM (1) 60 A 30 A 60 A Maximum reverse leakage current per leg See fig. 2 Threshold voltage Forward slope resistance Maximum junction capacitance per leg Typical series inductance per leg Maximum voltage rate of change Note (1) Pulse width < 300 s, duty cycle < 2 % IRM (1) VF(TO) rt CT LS dV/dt TJ = 25 C TJ = 125 C TJ = TJ maximum VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 C Measured lead to lead 5 mm from package body Rated VR TEST CONDITIONS TJ = 25 C VALUES 0.77 0.92 0.64 0.76 0.3 25 0.38 5.75 1300 7.5 10 000 mA V m pF nH V/s V UNITS
Schottky Rectifier, 2 x 30 A
TJ = 125 C VR = Rated VR
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Maximum thermal resistance, junction to case per leg Maximum thermal resistance, junction to case per package Typical thermal resistance, case to heatsink Approximate weight minimum maximum Case style TO-247AC (JEDEC) SYMBOL TJ, TStg DC operation See fig. 4 DC operation RthCS Mounting surface, smooth and greased TEST CONDITIONS VALUES - 55 to 175 0.8 0.4 0.25 6 0.21 6 (5) 12 (10) g oz. kgf * cm (lbf * in) C/W UNITS C
RthJC
Mounting torque Marking device
63CPQ100G
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94243 Revision: 13-Aug-08
63CPQ100GPBF
Schottky Rectifier, 2 x 30 A Vishay High Power Products
1000
1000
IR - Reverse Current (mA)
100 10 1
TJ = 175 C TJ = 150 C TJ = 125 C TJ = 100 C
IF - Instantaneous Forward Current (A)
100
TJ = 175 C TJ = 125 C TJ = 25 C
10
0.1 0.01 0.001
TJ = 75 C TJ = 50 C TJ = 25 C
1
0
0.3
0.6
0.9
1.2
1.5
0
20
40
60
80
100
VFM - Forward Voltage Drop (V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics
VR - Reverse Voltage (V)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
10 000
CT - Junction Capacitance (pF)
1000
TJ = 25 C
100
0 20 40 60 80 100 120
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
ZthJC - Thermal Impedance (C/W)
1
PDM
0.1 D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
t1 t2
Single pulse (thermal resistance)
Notes: 1. Duty factor D = t1/t2 2. Peak TJ = PDM x ZthJC + TC
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1 - Rectangular Pulse Duration (s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Document Number: 94243 Revision: 13-Aug-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
63CPQ100GPBF
Vishay High Power Products
180
Schottky Rectifier, 2 x 30 A
Allowable Case Temperature (C)
30
Average Power Loss (W)
170
DC
25 20 15 10 5 0
160 150 140 130
See note (1) Square wave (D = 0.50) 80 % rated VR applied
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
RMS limit
DC
120
0 10 20 30 40 50
0
10
20
30
40
50
IF(AV) - Average Forward Current (A)
Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current
IF(AV) - Average Forward Current (A)
Fig. 6 - Forward Power Loss Characteristics
IFSM - Non-Repetitive Surge Current (A)
10 000
At any rated load condition and with rated VRRM applied following surge
1000
100
10
100
1000
10 000
tp - Square Wave Pulse Duration (s)
Fig. 7 - Maximum Non-Repetitive Surge Current
L High-speed switch Freewheel diode 40HFL40S02 + Vd = 25 V
D.U.T.
IRFP460 Rg = 25
Current monitor
Fig. 8 - Unclamped Inductive Test Circuit Note (1) Formula used: T = T - (Pd + Pd C J REV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR www.vishay.com 4 For technical questions, contact: diodes-tech@vishay.com Document Number: 94243 Revision: 13-Aug-08
63CPQ100GPBF
Schottky Rectifier, 2 x 30 A Vishay High Power Products
ORDERING INFORMATION TABLE
Device code
63
1 1 2 3 4 5 6 7 -
C
2
P
3
Q
4
100
5
G
6
PbF
7
Current rating (60 A) Circuit configuration: C = Common cathode Package: P = TO-247 Schottky "Q" series Voltage rating (100 V) G = Schottky generation None = Standard production PbF = Lead (Pb)-free
Tube standard pack quantity: 25 pieces
LINKS TO RELATED DOCUMENTS Dimensions Part marking information http://www.vishay.com/doc?95223 http://www.vishay.com/doc?95226
Document Number: 94243 Revision: 13-Aug-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 63CPQ100GPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X