Part Number Hot Search : 
DF28D C106M 2405E 48S3V MP6508 LH22440 GBJ10 2200A
Product Description
Full Text Search
 

To Download 63852-7000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.50mm (.059") Pitch Pico-SPOXTM
Description Order No. Circuits Wire Range Mated Dimensions Materials (UL 94V-0) Packaging
1.50mm (.059") Pitch Pico-SPOXTM
Terminal
Crimp Terminal
87421-0000
--
24 to 30 AWG
--
Tin-plated Phosphor Bronze
Reel
Crimp Housing
Friction Locking Receptacle Housing
87439-XX00
2-15
--
--
Glass-filled 6/6 Nylon
Bag
Header
Vertical SMT Header
87437-XX43
2-15
--
7.00mm (.276") 4.45mm (.175")
Glass-filled 4/6 Nylon
Embossed Tape
7.00mm (.276")
Right Angle SMT Header
87438-XX43
2-15
--
4.45mm (.175")
Glass-filled 4/6 Nylon
Embossed Tape
Replace XX with number of circuits
APPLICATION TOOLING
Insulation Diameter Order No. Strip Length TM-2000 Applicator TM-40/TM-42 Applicator Hand Tool
Terminal
87421-0000
1.15mm (.045") max.
1.05 to 1.54mm (.041 to .061")
63862-7000
63852-7000
63811-0100
FEATURES AND BENEFITS
1.50mm (.059") Pitch Pico-SPOXTM
I Lead-in chamfer on receptacle to ease mating I Embossed tape packaging standard with headers for
1.50mm (.059") Pitch Pico-SPOXTM
I Dual-point contact design for greater reliability
I Anti-fishhooking contact design to improve handling
during harness assembly housing
high volume applications
I Locking tang on contact for secure retention to the I Friction lock between receptacle housing and headers
I Headers fully shrouded to protect pins
I Polarized mating geometry insures header and
receptacle cannot be mis-mated
insures secure retention when mounted
I Lead-free plating
SPECIFICATIONS Reference Information Recommended Wire Style 24 to 28 AWG: UL 1061 30 AWG: UL 1571 UL File No.: E29179 CSA File No.: LR19980A RoHS Compliant Mechanical Mating Force (10-circuit parts): 5.9N max. Unmating force (10-circuit parts): 1.5N min. Durability: 10 cycles Electrical Current: 3.0A max. Voltage: 50V Contact Resistance: 40 milliohms max. Dielectric Withstanding Voltage: 500V AC per 1 minute Insulation Resistance: 1000 Megohms min. Physical Housing: White, Nylon, 6/6, UL 94V-0 Header: Beige, Nylon 4/6, UL 94V-0 Terminal: Phosphor Bronze Pin: Brass Plating: Lead-free Tin Operating Temperature: -55 to +105C
Polarized Mating Geometry Protruding Guide Wall
Embossed Tape Package
Friction Lock Fully Shrouded Header
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Visit our Web site at http: //www.molex.com
Order No. USA-235 Printed in USA/7.5K/JI/JI/2004.04 (c)2004, Molex


▲Up To Search▲   

 
Price & Availability of 63852-7000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X