|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FEATURES AND SPECIFICATIONS Beau Eurostyle 600V High-Power Blocks offer Industry-Leading Power Density Increased functionality, additional component needs and higher current requirements are becoming more prevalent in PCB design. Considering these trends, Design Engineers are looking to bring more power directly to the PCB instead of using other costly and time-consuming methods such as ring cable lugs or customized Din-rail terminal blocks. Meet the requirements demanded by high power board connections with the Beau Eurostyle 600V HighPower Terminal Block family. Molex offers the most complete line-up of high-power terminal blocks in the industry, accommodating power requirements from 20.0 to 115.0A, all at 600V. Features and Benefits Spacings between all conductive components meet the 600V requirement of UL 1059 and the 800V requirement of IEC 947-1, pollution degree 3 Extended wire entry funnel surrounds the wire insulator, eliminating exposed wire strands and possible shorting Rising cage pressure clamp termination compresses wires uniformly, offering a secure, reliable contact without strand damage or intermittence Combination slotted/posi-drive screw heads improve transmission of torque for superior wire retention Multiple PCB terminals distribute power, reducing "hot spots" Beau(R) Eurostyle(R) 600V High-Power Terminal Blocks 91, 92, 92B, 95, 96 Series Specifications Reference Information Packaging: Box UL File No.: E48521 Guide No.: XCFR2 UL for Canada File No.: E48521 Guide No.: XCFR8 Electrical Voltage: 600V Current: 20.0 to 115.0A Contact Resistance: .10 milliohms max. Dielectric Withstanding Voltage: 8500V DC min. Insulation Resistance: 5000 Gigohms min. Physical Housing: Valox 420SEO, PBT Contacts: - 95 series: Tin-plated Brass - 96 series: Nickel-plated Brass - 91 and 92 series: Tin-plated copper Pressure Clamp: Nickel-plated Brass Wire Range: - 95 series 22 to 12 AWG - 96 series 22 to 10 AWG - 9135 series 18 to 8 AWG - 9105 series 18 to 6 AWG - 92 series 14 to 3 AWG - 92B series 8 to 1 AWG Operating Temperature: +140C ORDERING INFORMATION Series 95 96 9135 9105 92 92B Replace XX with circuit size Circuit Size 3 - 16 3 - 12 2 - 14 2 - 14 2 - 12 2 - 12 Order No. 39950-01XX 39960-01XX 39910-03XX 39910-01XX 39920-01XX 39920-03XX Current Max. 20.0A 30.0A 40.0A 60.0A 85.0A 115.0A Voltage 600V 600V 600V 600V 600V 600V Beau(R) Eurostyle(R) 600V High-Power Terminal Blocks 91, 92, 92B, 95, 96 Series APPLICATIONS AC Drives Motor Controls Power Controllers Power Converters Audible / Visual Warning Systems Power Supplies Invertors Spa Controls Solar Power Fuel Cells Telecom Backplanes Audio Power Amps Storage Networking Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352 V isit o u r W e b s i t e at www.mo l e x .co m/ pro du ct / t bl o ck s.h t ml Order No. USA-199 Rev. 1 Printed in USA/7.5K/JI/JI/2004.03 (c) 2004, Molex |
Price & Availability of 39960-01 |