Part Number Hot Search : 
MSM6685A 300BZX P521GB SC518 AN5130 MSL912 GBU6M 440SH
Product Description
Full Text Search
 

To Download 39100-1002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Eurostyle Two-Screw Terminal Strips are available in a wide variety of pitch spacings
The Eurostyle Two-Screw Terminal Strips from Molex allow customers to pick from a variety of pitch sizes in either a standard or low-profile version, to ensure the best fit for their design requirements. The low-profile blocks are rated at 300V, while the standard-profile blocks are rated at 600V. Amperages range from 20.0 to 63.0A depending on the particular pitch space chosen. All Two-Screw terminal strips meet applicable industry standards and have a flammability rating of UL 94V-2. In addition, they are designed with wire protectors to prevent wire damage and to ensure a reliable connection. Pre-drilled mounting holes allow for quick and easy installation in the field. Two and three circuit jumpers are also available. Virtually any terminal strip requirement can be met with the variety of Eurostyle Two-Screw Terminal Strip styles offered.
8.00mm (.315") Pitch 10.00mm (.394") Pitch 12.00mm (.472") Pitch 15.00mm (.591") Pitch Eurostyle(R) Two-Screw Terminal Strip 39100
Features and Benefits
I Modular design allows larger blocks to be easily cut
into smaller circuit sizes I Contacts and screws are recessed within the housing to help prevent short circuits I Wire protectors prevent stranded wire damage during connection SPECIFICATIONS
I Range of pitch spacing, wire ranges and electrical
ratings provides the customer with design flexibility to choose the block that best fits the requirements I Easy installation saves time and money
Reference Information UL File No.: E48521 Guide No.: XCFR2 CSA: 025562 Electrical Voltage: 39100-08XX, -09XX, -10XX,-11XX, -13XX: 300V 39100-12XX, -15XX: 600V Current: 39100-08XX, -09XX: 20.0A 39100-10XX, -11XX: 30.0A 39100-12XX, -13XX: 40.0A 39100-15XX: 63.0A Contact Resistance: 0.1 milliohms Insulation Resistance: 5,000 Megohms min.
Mechanical Recommended Tightening Torque: 39100-08XX, -09XX: 0.5Nm (4.4 in.-lbs.) 39100-10XX, -11XX, -12XX, -13XX: 0.8Nm (7.0 in.-lbs.) 39100-15XX: 2.1Nm (18.5 in.-lbs.) UL Flammability Rating: UL 94V-2 Wire Range: 39100-08XX, -09XX: 12 to 22 AWG 39100-10XX, -11XX: 10 to 18 AWG 39100-12XX, -13XX: 8 to 20 AWG 39100-15XX: 6 to 14 AWG Insulation Temperature Resistance: Continuous -- +100C Short Term -- +140C
Physical Housing: Nylon, Polyamide 6/6 Terminal: Brass Wire Protector: Stainless Steel Screw: Steel Plating: Terminal -- Nickel Screw -- Zinc
APPLICATIONS
I Power supplies I Spa controllers I HVAC equipment I Motor controls I Lighting controls
8.00mm (.315") Pitch 10.00mm (.394") Pitch 12.00mm (.472") Pitch 15.00mm (.591") Pitch Eurostyle(R) Two-Screw Terminal Strip 39100
Junction Box
ORDERING INFORMATION
Low-Profile Terminal Strip
Standard-Profile Terminal Strip
Order No.
Circuits
2 3 4 5 6 7 8 9 10 11 12
8.00mm (.315") Pitch Low-Profile without Standard-Profile Standoffs with Standoffs
39100-0902 39100-0903 39100-0904 39100-0905 39100-0906 39100-0907 39100-0908 39100-0909 39100-0910 39100-0911 39100-0912 39100-0802 39100-0803 39100-0804 39100-0805 39100-0806 39100-0807 39100-0808 39100-0809 39100-0810 39100-0811 39100-0812
10.00mm (.394") Pitch Low-Profile without Standard-Profile Standoffs with Standoffs
39100-1102 39100-1103 39100-1104 39100-1105 39100-1106 39100-1107 39100-1108 39100-1109 39100-1110 39100-1111 39100-1112 39100-1002 39100-1003 39100-1004 39100-1005 39100-1006 39100-1007 39100-1008 39100-1009 39100-1010 39100-1011 39100-1012
12.00mm (.472") Pitch Low-Profile without Standard-Profile Standoffs with Standoffs
39100-1302 39100-1303 39100-1304 39100-1305 39100-1306 39100-1307 39100-1308 39100-1309 39100-1310 39100-1311 39100-1312 39100-1202 39100-1203 39100-1204 39100-1205 39100-1206 39100-1207 39100-1208 39100-1209 39100-1210 39100-1211 39100-1212
15.00mm (.591") Pitch Standard-Profile with Standoffs
39100-1502 39100-1503 39100-1504 39100-1505 39100-1506 39100-1507 39100-1508 39100-1509 39100-1510 39100-1511 39100-1512
Jumper Circuits Circuits
2 3
8.00mm (.315") Pitch
38002-1730 38002-1731
10.00mm (.394") Pitch
38002-1732 38002-1733
12.00mm (.472") Pitch
38002-1734 38002-1735
15.00mm (.591") Pitch
38002-1736 N/A
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/tblocks.html
Order No. USA-303 Rev. 2 Printed in USA/JI/2005.11 (c)2005 Molex


▲Up To Search▲   

 
Price & Availability of 39100-1002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X