Part Number Hot Search : 
74121 EN2575E PTD3216 AX101 DCJ010 ECCM1 4AK22 KK555D
Product Description
Full Text Search
 

To Download 2SC5352 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC5352
DESCRIPTION *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 400V(Min) *High Switching Speed *High Reliability
APPLICATIONS *Switching regulator and high voltage switching applications. *High speed DC-DC converter applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
600
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base voltage
7
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Peak
15
A
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
5
A
PC
80
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO VCE(sat) VBE(sat) ICBO IEBO hFE PARAMETER Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain CONDITIONS IC= 10mA ; IB= 0 IC= 1mA ; IE= 0 IC= 4A; IB= 0.5A
B
2SC5352
MIN 400 600
TYP.
MAX
UNIT V V
1.0 1.3 0.1 1.0 20
V V mA mA
IC= 4A; IB= 0.5A
B
VCB= 480V ; IE=0 VEB= 7V; IC=0 IC= 1A ; VCE= 5V
Switching times tr tstg tf Rise Time Storage Time Fall Time IB1= 0.5A; IB2= -1A; RL= 50 PW=20s; Duty Cycle1%; VCC200V 0.5 2.0 0.3 s s s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC5352

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X