Part Number Hot Search : 
1ZB300 A3401 TS391IL MP1531DM ZPY4V3 A3401 1FT7062 JANTX1N
Product Description
Full Text Search
 

To Download 2SC4124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4124
DESCRIPTION *With TO-3PML package *High breakdown voltage, high reliability. *High speed *Built in damper diode APPLICATIONS *Ultrahigh-definition CRT display *Horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Maximum absolute ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 3 150 -55~150 W Open emitter Open base Open collector CONDITIONS VALUE 1500 800 6 8 25 70 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4124
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector-emitter sustaining voltage Emitter cut-off current Collector cut-off current Collector cut-off current DC current gain DC current gain Diode forward voltage CONDITIONS IC=6A;IB=1.5 A IC=6A;IB=1.5 A IC=100mA;IB=0 VEB=4V; IC=0 VCB=800V; IE=0 VCE=1500V; RBE=0 IC=1 A ; VCE=5V IC=6A ; VCE=5V IEC=8A 8 4 6 2.0 V 800 40 130 10 1 MIN TYP. MAX 5.0 1.5 UNIT V V V mA A mA SYMBOL VCEsat VBEsat VCEO(SUS) IEBO ICBO ICES hFE-1 hFE-2 VF
Switching times tstg tf Storage time Fall time IC=6A;RL=33.3A IB1=1.2A; IB2=-2.4A VCC=200V 3.0 0.1 0.2 s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4124
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4124
4


▲Up To Search▲   

 
Price & Availability of 2SC4124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X