Part Number Hot Search : 
FM93C66E ATMEGA64 Q6270 D7N60C3 FIN1017 45TTR SB206 A5800732
Product Description
Full Text Search
 

To Download 2SC3528 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3528
DESCRIPTION *Low Collector Saturation Voltage *High Collector Current *Good Linearity of hFE
APPLICATIONS *Designed for switching regulator and high voltage switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base voltage
IC
Collector Current-Continuous
w w
scs .i w
500 V 400 V 7 V 20 A 6 A 125 W 3
.cn mi e
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 fT PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Current-Gain--Bandwidth Product CONDITIONS IC= 0.5A ; L= 25mH IC= 10A; IB= 2A IC= 10A; IB= 2A VCB= 500V ; IE= 0 VEB= 7V; IC= 0 IC= 2A ; VCE= 5V MIN 400
2SC3528
TYP.
MAX
UNIT V
1.0 1.5 100 100
V V A A
Switching times
ton
tstg tf
Turn-On Time Storage Time Fall Time
w
w. w
sem isc
IC= 10A ; VCE= 5V
IC= 1A ; VCE= 10V; f= 1MHz
.cn i
10
15
15
MHz
1.0 2.5 1.0
s s s
IC= 10A; IB1= 2.0A, IB2= -2.0A; VCC= 125V
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC3528

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X