Part Number Hot Search : 
2545CT TB0252A MC30A FTSO5833 7IMN13 BL8095 2SC3858 3502M
Product Description
Full Text Search
 

To Download 2SC1683 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1683
DESCRIPTION *With TO-220C package *Complement to type 2SA843 *High breakdown voltage *Large collector power dissipation APPLICATIONS *Audio frequency power amplifier *Color TV vertical deflection output
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 200 150 5 500 2 20 150 -50~150 UNIT V V V mA A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SC1683
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=5mA ; IB=0
150
V
V(BR)CBO
Collector-base breakdown voltage
IC=0.5mA ; IE=0
200
V
V(BR)EBO
Emitter-base breakdown voltage
IE=0.5mA ; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=500mA; IB=50mA
1.0
V
VBE
Base-emitter on voltage
IC=400m A ; VCE=10V
1.0
V A
ICBO
Collector cut-off current
VCB=200V ;IE=0
50
IEBO
Emitter cut-off current
VEB=4V; IC=0
50
A
hFE
DC current gain
IC=400m A ; VCE=10V
60
200
hFE Classifications P 60-140 Q 85-200
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1683
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1683

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X