Part Number Hot Search : 
W16NK60Z PE4135 MIW402X IMST400 MN101 1SZ1250A M34513M6 DS2223Y
Product Description
Full Text Search
 

To Download 2SB1490 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1490
DESCRIPTION *High DC Current Gain: hFE= 5000(Min)@IC= -6A *Low-Collector Saturation Voltage: VCE(sat)= -2.5V(Max.)@IC= -6A *Complement to Type 2SD2250
APPLICATIONS *Designed for power amplifier applications *Optimum for 80W HiFi output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE -160 V -140 V -5 V -7 A -12 A 90 W
UNIT
.cn mi e
IC
Collector Current-Continuous
ICM
Collector Current-Peak Collector Power Dissipation @ TC=25
PC Collector Power Dissipation @ Ta=25 TJ Junction Temperature 3.5
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO VCE(sat) VBE(sat) ICBO ICEO IEBO hFE-1 hFE-2 fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC= -30mA; IB= 0 IC= -6A; IB= -6mA
B
2SB1490
MIN -140
TYP.
MAX
UNIT V
-2.5 -3.0 -100 -100 -100
V V A A A
IC= -6A; IB= -6mA
B
VCB= -160V; IE= 0 VCE= -140V; IB= 0
Current-Gain--Bandwidth Product
Switching Times
ton tstg tf
Turn-on Time Storage Time Fall Time
w w
P
w.
.cn mi cse is
VEB= -5V; IC= 0 IC= -1A; VCE= -5V 2000 IC= -6A; VCE= -5V 5000 IC= -0.5A; VCE= -10V IC= -6A; IB1= -IB2= -6mA, VCC= -50V
30000 20 MHz
1.0 1.5 1.2
s s s
hFE-2 Classifications Q 5000-15000
8000-30000
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB1490

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X