Part Number Hot Search : 
CSC2688Y 1N4687C MCM6810S D4SBL40 0PT10 BZT52C15 221MT FZT3019
Product Description
Full Text Search
 

To Download 2SB1404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1404
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= -120V(Min) *High DC Current Gain: hFE= 1000(Min)@ (VCE= -3V, IC= -1.5A)
APPLICATIONS *Designed for low frequency power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
ww w
scs .i
VALUE -120 V -120 V -7 V -3 A -6 A 2 W
UNIT
.cn mi e
ICM
Collector Current-Peak Collector Power Dissipation @Ta=25
PC Collector Power Dissipation @TC=25 TJ Junction Temperature 25
150
Tstg
Storage Temperature
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SB1404
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -25mA; RBE=
-120
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -0.1mA; IE= 0
-120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -50mA; IC= 0
-7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -1.5A; IB= -3mA
B
-1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -3A; IB= -30mA
B
-3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -1.5A; IB= -3mA
B
VBE(sat)-2
Base-Emitter Saturation Voltage
ICBO
Collector Cutoff Current
ICEO
Collector Cutoff Current
hFE
DC Current Gain
w w
scs .i w
B
IC= -3A; IB= -30mA
VCB= -100V; IE= 0
VCE= -100V; RBE=
.cn mi e
1000
-2.0
V
-3.5
V A
-10
-10
A
IC= -1.5A; VCE= -3V
20000
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB1404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X