Part Number Hot Search : 
DA101 1N1341C 2Z36GB DP418C 470MF 104ML D315RP 2SA1232
Product Description
Full Text Search
 

To Download 2SB1404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1404
DESCRIPTION *With TO-220Fa package *High DC current gain *Low collector saturation voltage *DARLINGTON APPLICATIONS *For use in low frequency power amplifier applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE -120 -120 -7 -3 -6 2 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current DC current gain CONDITIONS IC=-25mA; RBE== IC=-100A; IE=0 IE=-50mA; IC=0 IC=-1.5A ;IB=-3mA IC=-3A ;IB=-30mA IC=-1.5A ;IB=-3mA IC=-3A ;IB=-30mA VCB=-100V; IE=0 VCE=-100V; RBE== IC=-1.5A ; VCE=-3V 1000 MIN -120 -120 -7
2SB1404
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat-1 VCEsat-2 VBEsat-1 VBEsat-2 ICBO ICEO hFE
TYP.
MAX
UNIT V V V
-1.5 -3.0 -2.0 -3.5 -10 -10 20000
V V V V A A
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1404
Fig.2 Outline dimensions (unindicated tolerance: 0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X