Part Number Hot Search : 
FA020471 200DSA1 2N2383 NDL5506P C2506 2SK15 ALVC16 2GPBF
Product Description
Full Text Search
 

To Download 2SB1230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-3PN package *Wide area of safe operation *Complement to type 2SD1840 *Low collector saturation voltage APPLICATIONS *Motor drivers,relay drivers,converters and other general high-current switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SB1230
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current -peak Base current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 100 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE -110 -100 -6 -15 -25 -5 3.0 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=-5mA;RBE=< IC=-1mA; IE=0 IE=-1mA; IC=0 IC=-6A; IB=-0.6A IC=-6A; IB=-0.6A VCB=-100V; IE=0 VEB=-5V; IC=0 IC=-1.5A ; VCE=-2V IC=-6A ; VCE=-2V 50 20 MIN -100 -110 -6
2SB1230
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE sat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V V V
-0.8 -1.5 -100 -100 140
V V A A
hFE-1 Classifications P 50-100 Q 70-140
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1230
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X