Part Number Hot Search : 
3PMT58C AT90SC 512K3 56F83 CY7B952 2N1651 IRHM7160 2SC3166
Product Description
Full Text Search
 

To Download 2SB1230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-3PN package Wide area of safe operation Complement to type 2SD1840 Low collector saturation voltage APPLICATIONS Motor drivers,relay drivers,converters and other general high-current switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SB1230
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER

Fig.1 simplified outline (TO-3PN) and symbol
HAN INC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current -peak Base current
SEM GE
Open emitter Open base Open collector
CONDITIONS
OND IC
TOR UC
VALUE -110 -100 -6 -15 -25 -5
UNIT V V V A A A
Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
3.0 W 100 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SB1230
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-5mA;RBE=
-100
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA; IE=0
-110
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA; IC=0
-6
V
VCEsat
Collector-emitter saturation voltage
IC=-6A; IB=-0.6A
-0.8
V
VBE sat
Base-emitter saturation voltage
IC=-6A; IB=-0.6A
-1.5
V
ICBO
Collector cut-off current
VCB=-100V; IE=0
-100
|I
A
IEBO
Emitter cut-off current
hFE-1
hFE-2
DC current gain

Q
VEB=-5V; IC=0
-100
|I
A
IC=-1.5A ; VCE=-2V
50
DC current gain
hFE-1 Classifications P 50-100
HAN INC
70-140
SEM GE
IC=-6A ; VCE=-2V
OND IC
20
TOR UC
140
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1230
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X