Part Number Hot Search : 
C8799 MIC280 AP9575GH HR003 OSG5X ADG1408 AN668 CXD2463
Product Description
Full Text Search
 

To Download 2SA733 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA733
Elektronische Bauelemente -60 V, -150 mA PNP Plastic Encapsulated Transistor
RoHS Compliant Product A suffix of "-C" specifies halogen and lead free
FEATURES
Complementary to 2SC945 Collector-Base Voltage: VCBO=-60V
PACKAGE DIMENSIONS
Base
3 Collector 1
SOT-23 Dim A B C D G Min 2.800 1.200 0.890 0.370 1.780 0.013 0.085 0.450 0.890 2.100 0.450 Max 3.040 1.400 1.110 0.500 2.040 0.100 0.177 0.600 1.020 2.500 0.600
2
Emitter
A L
3
H
K
2
J
J K
C
Top View
1
BS
L S V
V
G
D
H
All Dimension in mm
ABSOLUTE MAXIMUM RATINGS
(TA=25 unless otherwise noted)
Parameter
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current -Continuous Total Power Dissipation Junction, Storage Temperature
Symbol
VCBO VCEO VEBO IC Pc TJ, TSTG
Ratings
-60 -50 -5 -150 200 +150, -55 ~ +150
Unit
V V V mA mW
ELECTRICAL CHARACTERISTICS
(Tamb=25 unless otherwise specified)
Symbol
BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) VBE(on) hFE fT Cob NF (noise figures)
Min.
-60 -50 -5 -0.58 120 50 -
Typ.
-0.18 -0.62 4.5 6
Max.
-100 -100 -0.30 -0.68 475 7 20
Unit
V V V nA nA V V MHz pF dB IC=-5uA, IE = 0 IC=-1mA, IB = 0 IE=-50uA, IC = 0 VCB=-60V, IE = 0 VEB=-5V, IC = 0
Test Conditions
IC=-100mA, IB=-10mA VCE = -6V, IC = -1.0mA VCE=-6V, IC=-1mA VCE=-6V, IC=-10mA VCB = -10V, IE = 0, f = 1 MHz VCE=-6V, IC=-0.3mA, Rg=10k, f=100HZ
CLASSIFICATION OF hFE
Rank Range Marking
01-June-2003 Rev. B L 120 - 220 CS H 220 - 475
Page 1 of 2
2SA733
Elektronische Bauelemente -60 V, -150 mA PNP Plastic Encapsulated Transistor
CHARACTERISTIC CURVES
01-June-2003 Rev. B
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2SA733

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X