Part Number Hot Search : 
C20VI 15ETH03 ALVCH LTC2641 NTE5980 2SB1005 2SB1005 8HC71
Product Description
Full Text Search
 

To Download 2SA1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1010
DESCRIPTION *With TO-220 package *Complement to type 2SC2334 *Low collector saturation voltage *Fast switching speed APPLICATIONS *Switching regulators *DC/DC converters *High frequency power amplifiers
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Ta=25 PT Total power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 40 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE -100 -100 -7 -7 -15 -3.5 1.5 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain CONDITIONS IC=-5.0A ,IB=-0.5A,L=1mH IC=-5A; IB=-0.5A IC=-5A; IB=-0.5A VCB=-100V; IE=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-5V IC=-3A ; VCE=-5V IC=-5A ; VCE=-5V 40 40 20 MIN -100
2SA1010
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 hFE-3
TYP.
MAX
UNIT V
-0.6 -1.5 -10 -10 200 200
V V A A
Switching times resistive load ton ts tf Turn-on time Storage time Fall time IC=-5.0A IB1=- IB2=-0.5A RL=10A;VCCB50V 0.5 1.5 0.5 s s s
hFE-2 Classifications M 40-80 L 60-120 K 100-200
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1010
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1010
4
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1010
5


▲Up To Search▲   

 
Price & Availability of 2SA1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X