Part Number Hot Search : 
C1212 SMB12 G50N60HS 1N4627 2SC2500B D44H8 MAX3693 TD6278
Product Description
Full Text Search
 

To Download 2SA1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-220 package *Complement to type 2SC2331 *Low collector saturation voltage *Fast switching speed APPLICATIONS *Switching regulators *DC/DC converters *High frequency power amplifiers
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2SA1008
Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Ta=25 PT Total power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 15 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -100 -100 -7 -2.0 -4.0 -1.0 1.5 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=-1.0A ,IB=-0.1A,L=1mH IC=-1A; IB=-0.1A IC=-1A ;IB=-0.1A VCB=-100V; IE=0 VEB=-5V; IC=0 IC=-0.1A ; VCE=-5V IC=-1A ; VCE=-5V 40 40 MIN -100
2SA1008
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V
-0.6 -1.5 -10 -10
V V A A
200
Switching times resistive load ton ts tf Turn-on time Storage time Fall time IC=-1.0A IB1=- IB2=-0.1A RL=50A;VCCB50V 0.5 1.5 0.5 s s s
hFE-2 Classifications M 40-80 L 60-120 K 100-200
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1008
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1008
4
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1008
5


▲Up To Search▲   

 
Price & Availability of 2SA1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X