Part Number Hot Search : 
BD620 OP260GS MP4T243 P6KE22 3979SLPT BD4148SE X5165S8 78M05
Product Description
Full Text Search
 

To Download 1N753 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N746...1N759
SILICON PLANAR ZENER DIODES
Standard Zener voltage tolerance is 10%. Add suffix "A" for 5% tolerance. Other tolerances, nonstandard and higher Zener voltages are upon request.
Max. 0.5 Min. 27.5
Max. 1.9
Black Cathode Band Black Part No. Black "ST" Brand
XXX
ST
Max. 3.9
Min. 27.5
Glass Case DO-35 Dimensions in mm
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Power Dissipation Junction Temperature Storage Temperature Range
1)
Symbol Ptot Tj TS
Value 500
1)
Unit mW
O
175 - 65 to + 175
C C
O
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 200 mA
1)
Symbol RthA VF
Max. 0.3
1)
Unit K/mW V
1.2
Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 13/06/2007
1N746...1N759
Zener Voltage Range 1) Type Vznom (V) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 12 lZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20
Maximum Zener Impedance ZZT () at IZT 28 24 23 22 19 17 11 7 5 6 8 10 17 30
Maximum Reverse Leakage Current IR at VR = 1 V Ta = 25 OC IR (A) 10 10 10 2 2 1 1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Ta = 150 OC IR (A) 30 30 30 30 30 20 20 20 20 20 20 20 20 20
2)
Maximum Regulator Current IZM (mA) 110 100 95 85 75 70 65 60 55 50 45 40 35 30
1N746 1N747 1N748 1N749 1N750 1N751 1N752 1N753 1N754 1N755 1N756 1N757 1N758 1N759
1) 2)
Tested with pulses tp = 20 ms Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
500
Power Dissipation: Ptot (mW)
400
300
200
100
0 0 25 100 150 Ambient Temperature: Ta ( C)
O
200
Power Derating Curve
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 13/06/2007


▲Up To Search▲   

 
Price & Availability of 1N753

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X