Part Number Hot Search : 
MBRD3100 PCA9564D MAX92 FN2136 TKDD9A OM5209SC 24C06 DP83816A
Product Description
Full Text Search
 

To Download 1N6263WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6263WS
SILICON SCHOTTKY BARRIER DIODE
for general purpose applications
PINNING PIN 1 2
1
DESCRIPTION Cathode Anode
2
S2 Top View Marking Code: "S2" Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Reverse Voltage Max. Single Cycle Surge Forward Current (10 s Square wave) Power Dissipation Junction Temperature Storage Temperature Range
1)
Symbol VRRM IFSM Ptot Tj TS
Value 40 2 400
1)
Unit V A mW
O
200 - 55 to + 200
C C
O
Valid provided the leads direct at the case are kept at ambient temperature.
Characteristics at Ta = 25 OC Parameter
Reverse Breakdown Voltage at IR = 10 A Forward Voltage at IF = 1 mA at IF = 15 mA Leakage Current at VR = 30 V Junction Capacitance at VR = 0 V, f = 1 MHz Reverse Recovery Time at IF = IR = 5 mA , Recover to 0.1 IR
Symbol V(BR)R VF IR Ctot trr
Min. 40 -
Max. 0.39 0.9 200 2.2 1
Unit V V nA pF ns
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006
1N6263WS
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006
1N6263WS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-323
A c
HE D A
E
bp
UNIT mm
A 1.10 0.80
bp 0.40 0.25
C 0.15 0.00
D 1.80 1.60
E 1.35 1.15
HE 2.80 2.30
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006


▲Up To Search▲   

 
Price & Availability of 1N6263WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X