Part Number Hot Search : 
HEF4020B N4710 SBA02 74AC163 LTC32201 35085 N4710 10106
Product Description
Full Text Search
 

To Download 1N4007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001 THRU 1N4007
1.0 AMP. SILICON RECTIFIERS
Voltage Range 50 to 1000 Volts Current 1.0 Amperes
DO-41
Features
*Low forward voltage drop *High current capability *High reliability *High surge current capability 1.0(25.4) MIN. .107(2.7) .080(2.0) DIA. .205(5.2) .166(4.2)
Mechanical Data
*Cases:Molded plastic *Epoxy:UL 94V-0 rate flame retardant *Lead:Axial leads,solderable per MIL-STD-202,
Method 208 guaranteed
*Polarity:Color band denotes cathode end *High temperature soldering guaranteed:
2500C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension *Weight:0.35 gram
1.0(25.4) MIN. .034(.86) .028(.71) DIA. Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
o
Type Number
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified o Current .375"(9.5mm) Lead Length @TA = 75 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) Maximum Instantaneous Forward Voltage @1.0A Maximun DC Reverse Current @ TA = 25 C o at Rated DC Blocking Voltage @ TA = 125 C Maximun Full Load Reverse Current, Full Cycle Average .375"(9.5mm) Lead Length 0 @TL=75 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range
o
1N4001 VRRM VRMS VDC IF(AV) IFSM VF IR 50 35 50
1N4002 100 70 100
1N4003 200 140 200
1N4004 400 280 400 1.0
1N4005 1N4006 1N4007 UNITS 600 420 600 800 560 800 1000 700 1000 V V V A A V uA uA uA pF
o
30 1.0 5.0 50 30 15 50 -55 to+125
IR CJ R*JA TJ,TSTG
C/W
o
C
NOTES: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2.Thermal Resistance from Junction to Ambient .375"(9.5mm) Lead Length.
RATING AND CHARACTERISTIC CURVES 1N4001 THRU 1N4007
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES INSTANTANEOUS FORWARD CURRENT.(A)
FIG.1- TYPICAL FORWARD CHARACTERISTICS 20 10
1.0
.8
2 1.0 .4 .2 .1 .04 .02 .01 .6 .8 1.0 1.2 1.4 1.5
Tj=25 C Pulse Width=300us 1% Duty Cycle
0
.6
.4
.2
0 0
Single Phase Half Wave 60Hz Resistive or Inductive Load .375"(9.5mm) Lead Length
25 50 75 100
0
125
150
175
AMBIENT TEMPERA TURE. ( C) FIG.3-MAXIMUN NON-REPETITIVE FORWARD SURGE CURRENT 50
PEAK FORWARD SURGE CURRENT.(A)
FORWARD VOLTAGE.(V)
FIG.4- TYPICAL JUNCTION CAPACITANCE
40
JUNCTION CAPACITANCE.(pF)
100 60 40 20
30
8.3ms Single Half-Sine-Wave JEDEC Method
20
10
Tj=25 C
0
10
6 4 2 1 .1 .2 .4 1.0 2 4 10 REVERSE VOLTAGE.(V) 20 40 100
0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz FIG.5-TYPICAL REVERSE CHARACTERISTICS 10
4
INSTANTANEOUS FORWARD CURRENT.(A)
Tj=100oC
1.0
.4
.1
.04
Tj=25oC
.01 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)


▲Up To Search▲   

 
Price & Availability of 1N4007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X