Part Number Hot Search : 
TX150 MURH860 2779H BFR30TRL C39V59 ICE8N73 TLP627 14123
Product Description
Full Text Search
 

To Download 1N4001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001G THRU 1N4007G, BY133G
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1300 Volts Forward Current - 1.0 Ampere
DO-41 0.7-0.9
Features * Low forward voltage drop * High Surge current capability
2-2.7
Min 25.4 4.2-5.2 Min 25.4
Mechanical Data * Case: Molded plastic, DO-41 * Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting Position: Any
Dimensions in mm
Absolute Maximum Ratings and Characteristics Rating at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5mm) Lead Length at TA = 75 OC Peak Forward Surge Current, 8.3ms single half sine-wave Superimposed on rated load (JEDEC Method) Maximum forward Voltage at 1A DC and 25 OC Maximum Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance 1) Typical Thermal Resistance Typical Thermal Resistance
2) 2)
Symbol
VRRM VRMS VDC I(AV)
1N 1N 1N 1N 1N 1N 1N BY 4001G 4002G 4003G 4004G 4005G 4006G 4007G 133G
50 35 50 100 70 100 200 140 200 400 280 400 1 600 420 600 800 560 800 1000 700 1000 1300 910 1300
Unit
V V V A
IFSM VF IR CJ RJA RJL TJ,Tstg
30 1.1 5 50 15 50 25 -55 to +150
O
A V A pF C/W C/W
O
TA = 25 OC TA = 100 OC
O
Operating and Storage Temperature range
1)
C
Measured at 1 MHz and applied reverse voltage of 4 volts. Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length P.C.B. mounted.
2)
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 07/12/2005 H
1N4001G THRU 1N4007G, BY133G
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 07/12/2005 H


▲Up To Search▲   

 
Price & Availability of 1N4001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X