Part Number Hot Search : 
1660CT NE9000XX IP125 C18F67 CONDUCTO SMLJ16 TMH2415D EU13003
Product Description
Full Text Search
 

To Download 1N4001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
1N4001G THRU 1N4007G
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE50-1000V CURRENT1.0A
FEATURES
*High reliability *Low leakage *Low forward voltage drop *High current capability
DO-41
1.0(25.4) MIN. .205(5.2) .166(4.2) .034(0.9) .028(0.7)
DIA. DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.33 grams
.107(2.7) .080(2.0) 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
SYMBOL 1N4001G 1N4002G 1N4003G1N4004G1N4005G 1N4006G1N4007Gunits
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 1.0A DC @ TA=25C Maximum DC Reverse Current at Rated DC Blocking Voltage @ TA=100C Maximum Full Load Reverse Current Average Full Cycle .375"(9.5mm) lead length at TL=75C
VRRM VRMS VDC Io
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 560 800
1000 700 1000
V V V A
IFSM VF
30 1.1 5.0
A V
IR
500 30 15 50
A
CJ Typical Junction Capacitance (Note) RJA Typical Thermal Resistance Notes: Measured at 1MHz and applied reverse voltage of 4.0 volts
pF
C/W
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 1N4001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X