Part Number Hot Search : 
1N4558A C3510 GP4062D BC320 AK93C51A 25201 SZ6512 14017
Product Description
Full Text Search
 

To Download 1N4001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001G THRU 1N4007G
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
A suffix of "-C" indicates halogen-free & RoHS Compliant
DO-41
. RoHS Compliant Product . Low Forward Voltage Drop . High Current Capability . High Reliability . High Surge Current Capability
FEATURES
.107(2.7) .080(2.0) DIA.
1.0(25.4) MIN.
.205(5.2) .166(4.2)
. Case: Molded Plastic . Epoxy: UL 94V-0 Rate Flame Retardant . Lead: Axial Lead, Solder Able per MIL-STD-202, . Polarity: Color Band Denotes Cathode End . Mounting Position: Any . Weight: 0.34 grams
Method 208 Guaranteed
MECHANICAL DATA
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Rating 25 ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N4006G 1N4007G TYPE NUMBER Maximum Recurrent Peak Reverse Voltage 50 100 200 400 600 800 1000 Maximum RMS Voltage 35 70 140 280 420 560 700 Maximum DC Blocking Voltage 50 100 200 400 600 800 1000 Maximum Average Forward Rectified Current, 1.0 .375" (9.5mm) Lead Length at Ta=75 Peak Forward Surge Current, 8.3 ms Single 30 Half Sine-Wave Superimposed on Rated Load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A 1.0 Maximum DC Reverse Current Ta = 25 5.0 at Rated DC Blocking Voltage Ta = 100 50 Typical Junction Capacitance (Note1) 15 Typical Thermal Resistance R JA (Note 2) 50 Operating and Storage Temperature Range TJ, TSTG -65 ~ +175 NOTES: 1. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C. 2. Thermal Resistance from Junction to Ambient .375" (9.5mm) Lead Length.
UNITS V V V A A V A pF /W
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 1 of 2
1N4001G THRU 1N4007G
VOLTAGE 50V ~ 1000V Elektronische Bauelemente
1.0 AMP Glass Passivated Silicon Rectifiers
RATING AND CHARACTERISTIC CURVES ( 1N4001G THRU 1N4007G )
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
50
INSTANTANEOUS FORWARD CURRENT,(A)
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE,( C)
0.1 FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
30
.01
.6
.7
.8
.9
1.0
1.1
1.2
1.3
FORWARD VOLT AGE,(V)
24
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
12
6
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
10
35
Tj=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE LEAKAGE CURRENT,
JUNCTION CAPACITANCE,(pF)
30 25 20 15 10 5 0
1.0
.1
Tj=25 C
.01 0
.01
.05
.1
.5
1
5
10
50
100
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE,(%)
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1N4001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X