Part Number Hot Search : 
BR86DLC 051F0 MAX6513 ZPD2036 M54HC257 PO100 G425SD ZPD2036
Product Description
Full Text Search
 

To Download 106025-3400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
LC Connectors and Adapter
The LC connector was developed to meet the growing demand for small form factor, higher density fiber optic connectivity. With this connector, space requirements on equipment bays, in distribution panels, and on wall plates has been reduced by 50%, over 2.50mm (.098") ferrule connectors, without sacrificing performance. Common and proven technologies have been combined in the LC connector system to deliver a high performance and easy to implement fiber optic interface. Utilizing the craft friendly RJ-45 telephone plug interface, the LC connector provides a reliable and robust latching mechanism while the time tested 1.25mm (.049") pre-radius ceramic ferrule is used to terminate the fiber. Molex LC connectors are available in both simplex and duplex configurations. Available in industry standard beige (multimode), blue (single mode), and green (angle polish) colors, and will accommodate
900um buffered fiber, 1.60mm (.063"), 2.00mm (.079"), or 3.00mm (.118") jacketed cable. With its 6 position tuning feature, the connector may be used to achieve unprecedented insertion loss performance by optimizing the alignment of the fiber cores. Additionally, 45 and 90 boot options are available for 1.60mm (.063") and 2.00mm (.079") jacketed cable. Simplex, Duplex and Quad LC mating adapters are also available in blue, beige, green and aqua colors. The adapters are available in snap mount or screw mount configurations, ceramic or metal alignment sleeves, and can also be provided with safety shutters on one or both sides to help prevent eye injuries. LC EMI shielding adapters featuring metal housings are also available for use in EMI/RFI sensitive applications.
Features and Benefits
n Versatile RJ-45 latching system provides familiar
user interface
n Simplex and Duplex styles providing unidirectional
or bidirectional communication
n 1.25mm (.049") Zirconia ceramic ferrule provides
a high performance and reliable connection loss performance
n Tested to Telcordia GR-326 and Compliant to
n Tunable connector allows optimization of insertion
TIA/EIA-604-10A (FOCIS-10) ensuring long lasting reliability and interminability
SPECIFICATIONS Reference Information: Specifications: Packaging: Bag Mates with: 106124, 106125, 106126, 106127, and 106128 Series LC simplex or duplex adapters Designed in: Millimeters Mechanical: Mating Durability: IL<0.2dB change over 200 cycles Physical: Ferrule: Zirconia Ceramic Housing and boot: UL 94V-0 rated Polymer Alignment sleeves: Zirconia Ceramic or Phosphor Bronze Operating Temperature: -40C to +85C
APPLICATIONS Applications: n Telecommunication equipment
n Data communication equipment n Local Area Networks (LAN) n Wide Area Networks (WAN) n Active Device terminations n Premise equipment termination
ORDERINg INFORmATION
LC Connectors and Adapter
Simplex LC Connectors
Part Number Type Cable Size Boot Type Connector Color
106024-3500 106024-3000 106024-7180 106024-3400 106024-3300 106024-7185 106024-3600 106024-3250 106024-5500 106024-5000 106024-7140 106024-5400 106024-5300 106024-7145 106024-5600 106024-5250 106090-2800 106090-2230 106090-2240 106090-2200 106090-2260
900um 1.60mm Multimode 2.00mm 3.00mm 900um 1.60mm Single Mode 2.00mm 3.00mm 900um APC 1.60mm 2.00mm
Straight 45 Angled 90 Angled Straight 45 Angled 90 Angled Straight 45 Angled 90 Angled Straight 45 Angled 90 Angled Straight 90 Angled Straight 90 Angled Green
Beige
Blue
Duplex LC Connectors
Part Number Type Cable Size Boot Type Connector Color Duplex Clip
106025-3000 106025-7180 106025-3400 106025-3300 106025-7185 106025-3600 106025-3250 106025-5000 106025-7140 106025-5400 106025-5300 106025-7145 106025-5600 106025-5250 106090-2830 106090-2250 106090-2810 106090-2270 106025-3800 106025-3150 106025-5800 106025-5150
1.60mm Multimode 2.00mm 3.00mm 1.60mm Single Mode 2.00mm 3.00mm 1.60mm APC 2.00mm Multimode Single Mode 3.00mm 2.00mm 3.00mm
Straight 45 Angled 90 Angled Straight 45 Angled 90 Angled Straight 45 Angled 90 Angled Straight 45 Angled 90 Angled Straight 90 Angled Straight 90 Angled Straight
Beige
1 piece push-on Blue
Green
Beige 2 piece snap-on Blue
Simplex LC Adapters
Part Number Sleeve Color mounting type Housing Style
106124-0010 106124-1010 106124-1200 106124-0000 106124-1000 106124-1050 106124-0110 106124-1110 106124-0100 106124-1100 106124-1150
Metal Ceramic Metal Ceramic Metal Ceramic Metal Ceramic
Beige Aqua Blue Green Beige Blue Green Standard Snap Low Profile
ORDERINg INFORmATION Duplex LC Adapters
Part Number Sleeve Color mounting type
LC Connectors and Adapter
Housing Style Note
106125-0110 106125-1110 106125-0100 106125-1100 106125-0010 106125-1010 106125-0000 106125-1000 106125-0210 106125-1210 106125-0200 106125-1200 106126-0410 106126-0690 106126-1400 106126-1430 106126-1450 106126-1690 106126-0310 106126-0590 106126-1300 106126-1350 106126-1590 106127-0410 106127-1610 106127-0690 106127-1400 106127-1690 106127-1450 106127-0310 106127-0590 106127-1300 106127-1590 106127-1350
Metal Ceramic Metal Ceramic Metal Ceramic Metal Ceramic Metal Ceramic Metal Ceramic Metal Metal Ceramic
Beige Large Blue Snap Beige MT-RJ Mounting Blue Low Profile (Half Large) Beige Retaining Clip Blue Beige Die-Cast Blue Aqua Green Die-Cast Beige Die-Cast Blue Green Die-Cast Beige Aqua Die-Cast Blue Die-Cast Green Beige Die-Cast Blue Die-Cast Green
Snap No Shutters
Metal Ceramic
Screw SC Simplex Mounting
Metal
Snap Shutters on one side
Ceramic Metal Ceramic
Screw
Quad LC Adapters
Part Number Sleeve Color mounting type Housing Style Note
106123-1300 106123-3300 106123-0300 106123-2300 106123-1100 106123-3100 106123-0100 106123-2100 106123-1200 106123-3200 106123-0200 106123-2200 106123-1400 106123-3400 106123-0400 106123-2400
Metal Ceramic Metal Ceramic Metal Ceramic Metal Ceramic
Beige Aqua Blue Green Beige Aqua Blue Green Beige Aqua Blue Green Beige Aqua Blue Green
Snap No Shutters
Screw
SC Duplex Mounting
Shutters on one side Snap
www.molex.com/product/fiber
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Order No. 987650-1589
Asia Pacific North Headquarters Yamato, Kanagawa, Japan 81-46-265-2325 apninfo@molex.com
Asia Pacific South Headquarters Jurong, Singapore 65-6268-6868 fesinfo@molex.com
USA/KP/2008.03
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. P: 630-969-4550 F: 630-969-1352
(c)2008, Molex


▲Up To Search▲   

 
Price & Availability of 106025-3400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X