Part Number Hot Search : 
M85049 A0270164 GS9035C R2020 24C16 SFH203 A0270164 TP1104
Product Description
Full Text Search
 

To Download ZMM55C-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM55C-2V4 THRU ZMM55C-47
Features
* Standards Zener voltage tolerance is 3/420%.Add suffix "A" for 3/410% tolerance and suffix "B" for 3/45% tolerance other tolerance, non standards and higher zener voltage upon request. * These diode are also available in DO-35 case with type designation 1N5221 thru 1N5261
0.5W SILICON PLANAR ZENER DIODES
MELF (DO-35)
SOLDERABLE ENDS 0.020(0.50) 0.011(0.28)
Mechanical Data
* Case : MELF(DO-35) glass case * Weight : Approx. 0.05 gram
0.146(3.70) 0.130(3.30)
0.063(1.60) 0.051(1.30)
Dimensions in inches and (millimeters)
Absolute Maximum Ratings (Limiting Values)
(TA=25E )
Symbols Value
5001) 175 -55 to+175
Units
mW E E
Zener current see table "Characteristics" Power dissipation at Tamb=25E Junction Temperature Storage Temperature range 1) Valid provided that electrodes are kept at ambient temperature
Ptot TJ TSTG
Electrical Characteristics
(TA=25E )
Symbols Min. Typ. Max.
3001) 1.0
Units
E /W V
Thermal resistance junction to ambient Forward voltage at IF=100mA
ReJA VF
1) Valid provided that electrodes are kept at ambient temperature
ZMM55C-2V4...ZMM55C-47 SILICON PLANAR ZENER DIODES
Nominal Zener Voltage Vz at IZT 4) Volts
ZMM55C-2V4 ZMM55C-2V7 ZMM55C-3V0 ZMM55C-3V3 ZMM55C-3V6 ZMM55C-3V9 ZMM55C-4V3 ZMM55C-4V7 ZMM55C-5V1 ZMM55C-5V6 ZMM55C-6V2 ZMM55C-6V8 ZMM55C-7V5 ZMM55C-8V2 ZMM55C-9V1 ZMM55C-10 ZMM55C-11 ZMM55C-12 ZMM55C-13 ZMM55C-15 ZMM55C-16 ZMM55C-18 ZMM55C-20 ZMM55C-22 ZMM55C-24 ZMM55C-27 ZMM55C-30 ZMM55C-33 ZMM55C-36 ZMM55C-39 ZMM55C-43 ZMM55C-47 2.28-2.56 2.5-2.9 2.8-3.2 3.1-3.5 3.4-3.8 3.7-4.1 4.0-4.6 4.4-5.0 4.8-5.4 5.2-6.0 5.8-6.6 6.4-7.2 7.0-7.9 7.7-8.7 8.5-9.6 9.4-10.6 10.4-11.6 11.4-12.7 12.4-14.1 13.8-15.6 15.3-17.1 16.8-19.1 18.8-21.2 20.8-23.3 22.8-25.6 25.1-28.9 28.0-32.0 31.0-35.0 34.0-38.0 37.0-41.0 40.0-46.0 44.0-50.0
Type
Test Current IZT mA
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5
Maximum zener impedance1) ZZT at IZT O
85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110
ZZK at IZK=1mA O
600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700
Typical Temperature Coefficient %/E
-0.070 -0.070 -0.070 -0.065 -0.060 -0.050 -0.025 -0.010 +0.015 +0.025 +0.035 +0.045 +0.050 +0.050 +0.060 +0.070 +0.070 +0.070 +0.070 +0.070 +0.070 +0.070 +0.070 +0.070 +0.080 +0.080 +0.080 +0.080 +0.080 +0.080 +0.080 +0.080
Maximum Reverse Leakage Current IR i A
50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Test-Voltage suffix B Volts
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.0 7.0 7.5 8.5 9.0 10 11 12 14 15 17 18 20 22 24 27 30 33 36
Maximum Regulator Current2) IZM mA
150 135 125 115 105 95 90 85 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5
_ 1) Standard ZENER DIODE 500mW Vz tolerance = + 5% 2) ZMM = ZENER Mini Melf 3) Vz of ZENER DIODE, V code is instead of decimal point. (e.g., 3V6 = 3.6V) 4) Measured with pulses Tp = 20ms
ZMM55C-2V4 THRU ZMM55C-47 SILICON PLANAR ZENER DIODES
Admissible power dissipation versus ambient temperature (Valid provided that electrodes are kept at ambient temperature)
mW 500
ZMM55C2V4...
Ptot
400
300
200
100
0 0 50 100 150 200 250 E
Tamb


▲Up To Search▲   

 
Price & Availability of ZMM55C-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X