Part Number Hot Search : 
BSP31 L8XPREL 00600 NCR20C12 AD813 118K18 1C5DC4 NA130
Product Description
Full Text Search
 

To Download WP06R12S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WP06R
5-6 Watt High Density, Wide Input Range DC/DC Converter High g Wide d Ran
OBSOLETE PRODUCT
Contact FactoryVoltage Range Metal C Met 2:1 2:1 Input for Replacement Model tal Case Range
Operating OperatingTemperatureRange: gTemperatureRange: g pu g -40C to +100C Industrial Standard 24 Pin DIL Low Profile 0.4 Inch w Pr Short Circuit Protection Temperature Shutdown
The WP06R SERIES is a family of high performance DC/DC converters that offers regulated output power over three input voltage ranges of 9-18V, 18-36V, and 34-75V and over a wide operating temperature range of -40C to +100C without derating. The 200kHz switching frequency and flyback converter topology provide
optimum performance in a spacesaving package. The design utilizes all surface mounted components, including magnetics, to provide enhanced reliability. All models will operate under no-load conditions, although a minimum load is specified for load regulation measurement purposes. The converter is packaged in a metal
case for improved EMI shielding and immunity, and for superior thermal performance. Applications include: Telecommunications, Battery Powered Systems, Portable Instruments, Process Control Equipment, Transportation Equipment and Distributed Power Systems.
PRODUCT SELECTION CHART
NOMINAL INPUT VOLTAGE (VDC) 12 12 12 12 12 12 24 24 24 24 24 24 48 48 48 48 48 48 RATED OUTPUT VOLTAGE (VDC) 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 OUTPUT CURRENT (mA) MIN LOAD 100 42 33 +/-50 +/-21 +/-17 100 50 40 +/-50 +/-25 +/-20 100 50 40 +/-50 +/-25 +/-20 RATED LOAD 1,000 416 333 +/-500 +/-208 +/-167 1,000 500 400 +/-500 +/-250 +/-200 1,000 500 400 +/-500 +/-250 +/-200 INPUT CURRENT (mA) MIN LOAD 75 75 75 75 75 75 35 40 40 35 40 40 18 22 22 18 22 22 RATED LOAD 540 520 520 540 520 520 265 305 305 265 310 310 130 150 150 133 151 151 EFFICIENCY (%) 75 77 77 75 77 77 79 80 80 79 80 80 80 81 81 78 81 81
MODEL* WP06R12S05 WP06R12S12 WP06R12S15 WP06R12D05 WP06R12D12 WP06R12D15 WP06R24S05 WP06R24S12 WP06R24S15 WP06R24D05 WP06R24D12 WP06R24D15 WP06R48S05 WP06R48S12 WP06R48S15 WP06R48D05 WP06R48D12 WP06R48D15
NOTES:
Other input to output voltages may be available. Please consult factory.
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
TDC_WP06R_B01 Page 1 of 4
WP06R
5-6 Watt High Density, Wide Input Range DC/DC Converter
SPECIFICATIONS, ALL MODELS
Specifications are at TA = +25C nominal input voltage, rated output current unless otherwise specified.
PARAMETER
INPUT Voltage Range
CONDITIONS
MIN
9 18 34
TYP
12 24 48 20
MAX
18 36 75
UNITS
VDC VDC VDC mAp-p W W W % %/C % % % % mVp-p
Reflected Ripple Current OUTPUT Rated Power
OUTPUT
12V Input Models 5V Output Models All Other Models 0.02 Low Line to High Line Min. Load to Rated Load BW = 5Hz to 20MHz 30
Voltage Setpoint Accuracy Temperature Coefficient Line Regulation - Singles Line Regulation - Duals Load Regulation - Singles Load Regulation - Duals Ripple & Noise GENERAL ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current Switching Frequency MTTF per MIL-HDBK-217, Rev. F Ground Benign Package Weight Moisture Sensitivity Level (MSL) TEMPERATURE Specification (Ambient) Operation (Case)
5.0 5.0 6.0 1.5 0.25 1.0 0.5 2.0 50
60 Hz, 10 Seconds
1500 1500 10 200 15 200 1200 15 2 -40 -40 +71 +100
GENERAL
VISO = 240VAC, 60Hz Circuit Stress Method TA = +25C IPC/JEDEC J-STD-20
VDC VPK G pF Arms KHz KHr g
Derate linearly from 71C
C C
REMOTE ON/OFF CONTROL
Logic Compatibility ..............................CMOS or Open Collector TTL EC On .......................................................... Open Circuit or > 3VDC EC Off .................................................................................... < 1VDC Shutdown Idle Current .................................................................1mA Control Common ......................................................................... -Vin
ORDERING INFORMATION
WP06R XXYZZ Device Family 5-6W regulated DC/DC Model Number xx = Input Voltage y = Number of Outputs (S=single; D=dual) zz = Output Voltage Case Connection (Specify N=Neg. or P=Pos.) P = Positive InputConnection N = Negative Input Connection Remote On/Off (Optional) P/N R
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Protection (At TA+25C, nominal input voltage) .................................Continuous Internal Power Dissipation ......................................................... 1.5W Lead Temperature (Soldering, 10s Max) ................................+300C Max Case Temperature ..........................................................+100C
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
TDC_WP06R_B01 Page 2 of 4
WP06R
5-6 Watt High Density, Wide Input Range DC/DC Converter
MECHANICAL
1.260" (32.00) PIN CONNECTIONS
Pin Function Number Singles -Vin -Vin On/Off (Optional) No Connection No Connection No Connection +Vout No Connection 16 +Vin +Vin Duals -Vin -Vin On/Off (Optional) Com No Connection -Vout +Vout No Connection -Vout Com +Vin +Vin
WP06RXXXXX
0.787" (20.00)
0.394" (10.00) 0.256" (6.50) 0.020" (0.50) 0.180" (4.57) 0.093" (2.36) 0.020" (0.50) 0.100" (2.54)
2 3 5 9 10 11 14 15 22 23
14 15 16
22 23
NOTES: 1) All dimensions in inches (mm) 2) Case is metal and lead material is brass with a solder plated surface to allow ease of solderability.
11 10 9
5
32
0.600" (15.24)
0.600" (15.24)
0.200" (5.08)
SIMPLIFIED CIRCUIT SCHEMATIC
+Vo +Vin
Com
Control -Vo
-Vin Optical Isolation Voltage Reference
THERMAL DERATING CURVE
Extended operating area For extended temperature operation, a forced air flow 500 LFM is required.
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
TDC_WP06R_B01 Page 3 of 4
WP06R
5-6 Watt High Density, Wide Input Range DC/DC Converter
USA: UK: France: Japan:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
TDC_WP06R_B01 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of WP06R12S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X