Part Number Hot Search : 
1N4002 14000 STPS15 07364 MSK4204 AD1857 KTD20 M400D
Product Description
Full Text Search
 

To Download TC74VCX16600FT07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VCX16600FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX16600FT
Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
The TC74VCX16600FT is a high performance CMOS 18-bit universal bus transceiver. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. It is also designed with overvoltage tolerant inputs and outputs up to 3.6 V. Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch-enable (LEAB and LEBA), and clock (CKAB and CKBA) inputs. The clock can be controlled by the clock-enable (CKENAB and CKENBA) inputs. Weight: 0.25 g (typ.) For A-to-B data flow, the device operates in the transparent mode when LEAB is high. When LEAB is low, the A data is latched if CKAB is held at a high or low logic level. If LEAB is low, the A-bus data is stored in the latch/flip-flop on the high-to-low transition of CKAB. Data flow for B to A is similar to that of A to B but uses OEBA, LEBA, CKBA, and CKENBA. When the OE input is high, the outputs are in a high-impedance state. This device is designed to be used with 3-state memory address drivers, etc. All inputs are equipped with protection circuits against static discharge.
Features (Note)
* * Low-voltage operation: VCC = 1.8 to 3.6 V High-speed operation: tpd = 2.9 ns (max) (VCC = 3.0 to 3.6 V) : tpd = 3.7 ns (max) (VCC = 2.3 to 2.7 V) : tpd = 7.8 ns (max) (VCC = 1.8 V) * Output current : IOH/IOL = 24 mA (min) (VCC = 3.0 V) : IOH/IOL = 18 mA (min) (VCC = 2.3 V) : IOH/IOL = 6 mA (min) (VCC = 1.8 V) * * * * * Latch-up performance: -300 mA ESD performance: Machine model 200 V Human body model 2000 V Package: TSSOP Bidirectional interface between 2.5 V and 3.3 V signals. 3.6-V tolerant function and power down-protection provided on all inputs and outputs Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result. All floating (high impedance) bus pins must have their input level fixed by means of pull-up or pull-down resistors.
1
2007-10-19
TC74VCX16600FT
Pin Assignment (top view)
OEAB
1 2 3 4 5 6 7 8 9
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
CKENAB
LEAB A1 GND A2 A3 VCC A4 A5
CKAB
B1 GND B2 B3 VCC B4 B5 B6 GND B7 B8 B9 B10 B11 B12 GND B13 B14 B15 VCC B16 B17 GND B18
CKBA CKENBA
A6 10 GND 11 A7 12 A8 13 A9 14 A10 15 A11 16 A12 17 GND 18 A13 19 A14 20 A15 21 VCC 22 A16 23 A17 24 GND 25 A18 26
OEBA
27
LEBA 28
2
2007-10-19
TC74VCX16600FT
Truth Table (A bus B bus)
Inputs
CKENAB
X X X H
OEAB
H L L L
LEAB X H H L
CKAB
X X X X
A X L H X
Outputs B Z L H B0 (Note 2) B0 (Note 2) L H B0 (Note 1) B0 (Note 1)
H L L L
L L L L
L L L L
X
X L H
H
X
L
L
L
L
X
Note 1: Output level before the indicated steady-state input conditions were established, provided that CKBA was low or high before LEBA went low. Note 2: Output level before the indicated steady-state input conditions were established, provided that CKENAB was low or high before LEAB went low.
Truth Table (B bus A bus)
Inputs
CKENBA X X X H
OEBA H L L L
LEBA X H H L
CKBA X X X X
B X L H X
Outputs A Z L H A0 (Note 2) A0 (Note 2) L H A0 (Note 1) A0 (Note 1)
H L L L
L L L L
L L L L
X
X L H
H
X
L
L
L
L
X
Note 1: Output level before the indicated steady-state input conditions were established, provided that CKBA was low or high before LEBA went low. Note 2: Output level before the indicated steady-state input conditions were established, provided that CKENAB was low or high before LEAB went low.
3
2007-10-19
TC74VCX16600FT
System Diagram
OEAB
1 29
CKENBA
30
CKBA
LEBA OEBA
CKENAB
28 27 56
55
CKAB
LEAB
2 LE LE D 54 B1
A1
3
D
LE D
LE D
To 17 other channels
4
2007-10-19
TC74VCX16600FT
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage ( OEAB , OEBA , LEAB, LEBA, CKAB , CKBA , CKENAB , CKENBA ) VIN
-0.5 to 4.6
Symbol VCC
Rating
-0.5 to 4.6
Unit V
V
-0.5 to 4.6 (Note 2)
DC bus I/O voltage
VI/O
-0.5 to VCC + 0.5
V
(Note 3) Input diode current Output diode current DC output current Power dissipation DC VCC/ground current per supply pin Storage temperature IIK IOK IOUT PD ICC/IGND Tstg
-50 50 50
mA (Note 4) mA mA mW mA C
400
100 -65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: OFF state Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
5
2007-10-19
TC74VCX16600FT
Operating Ranges (Note 1)
Characteristics Power supply voltage Input voltage ( OEAB , OEBA , LEAB, LEBA, CKAB , CKBA , CKENAB , CKENBA ) Bus I/O voltage VIN
-0.3 to 3.6
Symbol VCC
Rating 1.8 to 3.6 1.2 to 3.6 (Note 2)
Unit V
V
VI/O
0 to 3.6 0 to VCC
24
(Note 3) (Note 4) (Note 5) (Note 6) (Note 7)
V
Output current
IOH/IOL
18 6
mA
Operating temperature Input rise and fall time
Topr dt/dv
-40 to 85
C (Note 8) ns/V
0 to 10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: OFF state Note 4: High or low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.3 to 2.7 V Note 7: VCC = 1.8 V Note 8: VIN = 0.8 to 2.0 V, VCC = 3.0 V
6
2007-10-19
TC74VCX16600FT
Electrical Characteristics
< DC Characteristics (Ta = -40 to 85C, 2.7 V < VCC = 3.6 V)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.7 to 3.6 2.7 to 3.6
Min 2.0
Max
Unit
Input voltage
0.8

V
IOH = -100 A H-level VOH VIN = VIH or VIL IOH = -12 mA IOH = -18 mA Output voltage IOH = -24 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 12 mA IOL = 18 mA IOL = 24 mA Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current Increase in ICC per unit IIN IOZ IOFF ICC
ICC
2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6
VCC - 0.2 2.2 2.4 2.2

V
0.2 0.4 0.4 0.55
5.0 10.0 A A A
VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = = VIH = VCC - 0.6 V
10.0 20.0
20.0
A
750
< < DC Characteristics (Ta = -40 to 85C, 2.3 V = VCC = 2.7 V)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.3 to 2.7 2.3 to 2.7
Min 1.6
Max
Unit
Input voltage
0.7

V
IOH = -100 A H-level Output voltage VOH VIN = VIH or VIL IOH = -6 mA IOH = -12 mA IOH = -18 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 12 mA IOL = 18 mA Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current IIN IOZ IOFF ICC VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND VCC < (VIN, VOUT) < 3.6 V = =
2.3 to 2.7 2.3 2.3 2.3 2.3 to 2.7 2.3 2.3 2.3 to 2.7 2.3 to 2.7 0 2.3 to 2.7 2.3 to 2.7
VCC - 0.2 2.0 1.8 1.7

V
0.2 0.4 0.6
5.0 10.0 A A A A
10.0 20.0
20.0
7
2007-10-19
TC74VCX16600FT
< DC Characteristics (Ta = -40 to 85C, 1.8 V = VCC < 2.3 V)
Characteristics H-level Input voltage L-level VIL
Symbol VIH
Test Condition
VCC (V) 1.8 to 2.3 1.8 to 2.3
Min 0.7 x VCC
Max
Unit
0.2 x VCC

V
H-level Output voltage L-level Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current
VOH
VIN = VIH or VIL
IOH = -100 A IOH = -6 mA
1.8 1.8 1.8 1.8 1.8 1.8 0 1.8 1.8
VCC - 0.2 1.4

V
VOL IIN IOZ IOFF ICC
VIN = VIH or VIL VIN = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VIN = VCC or GND
IOL = 100 A IOL = 6 mA
0.2 0.3
5.0 10.0 A A A A
10.0 20.0
20.0
VCC < (VIN, VOUT) < 3.6 V = =
8
2007-10-19
TC74VCX16600FT
AC Characteristics (Ta = -40 to 85C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 ) (Note 1)
Characteristics Symbol Test Condition VCC (V) 1.8 Maximum clock frequency fmax Figure 1, Figure 3 2.5 0.2 3.3 0.3 Propagation delay time (An, Bn-Bn, An) tpLH tpHL 1.8 Figure 1, Figure 2 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 3 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 4 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 6 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 6 2.5 0.2 3.3 0.3 1.8 Figure 1, Figure 3, Figure 4 2.5 0.2 3.3 0.3 1.8 Minimum set-up time ts Figure 1, Figure 3, Figure 4, Figure 5 2.5 0.2 3.3 0.3 1.8 Minimum hold time th Figure 1, Figure 3, Figure 4, Figure 5 2.5 0.2 3.3 0.3 tosLH tosHL 1.8 (Note 2) 2.5 0.2 3.3 0.3 Min 100 200 250 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 1.5 0.8 0.6 4.0 1.5 1.5 2.5 1.5 1.5 2.0 1.5 1.0

Max

Unit
MHz
7.8 3.7 2.9 9.8 5.0 3.5 8.8 4.4 3.5 9.8 4.9 3.8 7.6 4.2 3.7

ns
Propagation delay time ( CKAB , CKBA -Bn, An)
tpLH tpHL
ns
Propagation delay time (LEAB, LEBA-Bn, An)
tpLH tpHL
ns
Output enable time ( OEAB , OEBA -Bn, An)
tpZL tpZH
ns
Output disable time ( OEAB , OEBA -Bn, An)
tpLZ tpHZ
ns
Minimum pulse width
tW (H) tW (L)
ns
ns
ns
0.5 0.5 0.5 ns
Output to output skew
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification. Note 2: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
9
2007-10-19
TC74VCX16600FT
Dynamic Switching Characteristics
(Ta = 25C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 )
Characteristics Symbol Test Condition VIH = 1.8 V, VIL = 0 V Quiet output maximum dynamic VOL VOLP VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOL VOLV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOH VOHV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) VCC (V) 1.8 2.5 3.3 1.8 2.5 3.3 1.8 2.5 3.3 Typ. 0.25 0.6 0.8
-0.25 -0.6 -0.8
Unit
V
V
1.5 1.9 2.2 V
Note:
Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Bus I/O capacitance Power dissipation capacitance Symbol CIN CI/O CPD fIN = 10 MHz Test Condition

VCC (V) 1.8, 2.5, 3.3 1.8, 2.5, 3.3 (Note) 1.8, 2.5, 3.3
Typ. 6 7 20
Unit pF pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/18 (per bit)
10
2007-10-19
TC74VCX16600FT
AC Test Circuit
6.0 V or VCC x 2 Open GND Measure
CL RL
Switch
RL
Parameter tpLH, tpHL tpLZ, tpZL tpHZ, tpZH 6.0 V VCC x 2
Switch Open @VCC = 3.3 0.3 V @VCC = 2.5 0.2 V @VCC = 1.8 V GND
Output
CL = 30 pF RL = 500
Figure 1 AC Waveform
tr 2.0 ns Input (An, Bn) tf 2.0 ns 90% VM VIH 10% GND VOH VM tpLH tpHL VOL
Output (Bn, An)
Figure 2 tpLH, tpHL
tf 2.0 ns Input ( CKAB , CKBA ) 90% VM
tr 2.0 ns VIH
10% tw (L) tw (H)
GND VIH VM ts (H) th (H) ts (L) th (L) GND VOH VM VOL
Input (An, Bn)
Output (Bn, An) tpHL
tpLH
Figure 3 tpLH, tpHL, tw, ts, th
11
2007-10-19
TC74VCX16600FT
tf 2.0 ns Input (LE) tr 2.0 ns Input (An, Bn) 90% 10% VM ts (H) Output (Bn, An) VM tpLH tpHL th (H) tr 2.0 ns 90% VM VIH VM GND tw (H) VIH VM GND ts (L) th (L) VOH VM tpHL tpLH VOL
10% tf 2.0 ns
Figure 4 tpLH, tpHL, tw, ts, th
tr 2.0 ns Input ( CKENAB , CKENBA ) 90% 10% VM
tf 2.0 ns VIH GND VIH VM GND
tf 2.0 ns Input ( CKAB , CKBA )
ts (H)
th (H)
ts (L)
th (L)
Figure 5 ts, th
12
2007-10-19
TC74VCX16600FT
tr 2.0 ns Output Enable Control ( OEBA , OEAB ) tf 2.0 ns 90% VM tpLZ VIH 10% tpZL 3.0 V or VCC VM tpHZ Output (An, Bn) High to Off to High Outputs enabled VX tpZH VOL VOH VM GND Outputs disabled Outputs enabled GND
Output (An, Bn) Low to Off to Low
VY
Figure 6 tpLZ, tpHZ, tpZL, tpZH
VCC 3.3 0.3 V 2.7 V 1.5 V VOL + 0.3 V VOH - 0.3 V 2.5 0.2 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V 1.8 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V
Symbol VIH VM VX VY
13
2007-10-19
TC74VCX16600FT
Package Dimensions
Weight: 0.25g (typ.)
14
2007-10-19
TC74VCX16600FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
15
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74VCX16600FT07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X